Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X24F128PE Datasheet(PDF) 10 Page - Xicor Inc.

Part # X24F128PE
Description  2-Wire SerialFlash with Block Lock TM Protection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24F128PE Datasheet(HTML) 10 Page - Xicor Inc.

Back Button X24F128PE Datasheet HTML 6Page - Xicor Inc. X24F128PE Datasheet HTML 7Page - Xicor Inc. X24F128PE Datasheet HTML 8Page - Xicor Inc. X24F128PE Datasheet HTML 9Page - Xicor Inc. X24F128PE Datasheet HTML 10Page - Xicor Inc. X24F128PE Datasheet HTML 11Page - Xicor Inc. X24F128PE Datasheet HTML 12Page - Xicor Inc. X24F128PE Datasheet HTML 13Page - Xicor Inc. X24F128PE Datasheet HTML 14Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
X24F128
10
Programming to the BL and PPEN Bits
A 3 step sequence is required to change the nonvola-
tile Block Lock Protect or Program Protect Enable bits:
1) Set PEL=1, Program 00000010 to address FFFFh
(Volatile Write Cycle.)
2) Set RPEL=1, Program 00000110 to address FFFFh
(Volatile Write Cycle.)
3) Set BL1, BL0, and/or PPEN bits, Program
u00xy010 to address FFFFh, where u=PPEN, x=BL1,
and y=BL0. (Nonvolatile Write Cycle.)
The three step sequence was created to make it diffi-
cult to change the contents of the Program Protect
Register accidentally. If PEL was set to one by a
previous register program operation, the user may
start at step 2. RPEL is reset to zero in step 3 so that
user is required to perform steps 2 and 3 to make
another change. RPEL must be 0 in step 3. If the
RPEL bit in the data byte for step 3 is a one, then no
changes are made to the Program Protect Register
and the device remains at step 2.
The PP pin must be LOW or the PPEN bit must be
LOW before a nonvolatile register program operation
is initiated. Otherwise, the program operation will abort
and the device will go into standby mode after the
master issues the stop condition in step 3.
Step 3 is a nonvolatile write operation, requiring 10mS
max to complete (acknowledge polling may be used to
reduce this time requirement). It should be noted that
step 3 MUST end with a stop condition. If a start
condition is issued during or at the end of step 3
(instead of a stop condition) the device will abort the
nonvolatile register program and remain at step 2. If
the operation is aborted with a start condition, the
master must issue a stop to put the device into
standby mode.
Figure 10. Block Lock Protect Bits and Protected Addresses
7012 FRM T02
Figure 11. PP Pin and PPEN Bit Functionality
7012 FRM T03
BL1
BL0
Protected Addresses
Array Location
X24F128
0
0
None
No Protect
0
1
3000h - 3FFFh
Upper 1/4
1
0
2000h - 3FFFh
Upper 1/2
1
1
0000h - 3FFFh
Full Array
PP
PPEN
Memory Array Not
Lock Block Protected
Memory Array Block
Lock Protected
Block Lock Bits
PPEN
Bit
0
X
Programmable
Protected
Programmable
Programmable
X
0
Programmable
Protected
Programmable
Programmable
1
1
Programmable
Protected
Protected
Protected


Similar Part No. - X24F128PE

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24F016 XICOR-X24F016 Datasheet
85Kb / 18P
   SerialFlash TM Memory with Block Lock TM Protection
X24F016P XICOR-X24F016P Datasheet
85Kb / 18P
   SerialFlash TM Memory with Block Lock TM Protection
X24F016P-5 XICOR-X24F016P-5 Datasheet
85Kb / 18P
   SerialFlash TM Memory with Block Lock TM Protection
X24F016P-5 XICOR-X24F016P-5 Datasheet
85Kb / 18P
   SerialFlash TM Memory with Block Lock TM Protection
X24F016PE XICOR-X24F016PE Datasheet
85Kb / 18P
   SerialFlash TM Memory with Block Lock TM Protection
More results

Similar Description - X24F128PE

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24F064 XICOR-X24F064 Datasheet
85Kb / 18P
   SerialFlash TM Memory with Block Lock TM Protection
X25F047 XICOR-X25F047 Datasheet
72Kb / 14P
   SPI SerialFlash with Block Lock TM Protection
X25F087 XICOR-X25F087 Datasheet
68Kb / 13P
   SPI SerialFlash with Block Lock TM Protection
X25F128 XICOR-X25F128 Datasheet
61Kb / 14P
   SerialFlash??Memory With Block Lock??Protection
X24325 XICOR-X24325 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
X24645 XICOR-X24645 Datasheet
84Kb / 18P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
X25F064 XICOR-X25F064 Datasheet
71Kb / 16P
   SerialFlash??Memory With Block LockTM Protection
X25128 XICOR-X25128 Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
X25330 XICOR-X25330 Datasheet
74Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X25642 XICOR-X25642 Datasheet
76Kb / 16P
   Advanced SPI Serial E 2 PROM with Block Lock TM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com