Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X24F064P Datasheet(PDF) 5 Page - Xicor Inc.

Part # X24F064P
Description  SerialFlash TM Memory with Block Lock TM Protection
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24F064P Datasheet(HTML) 5 Page - Xicor Inc.

  X24F064P Datasheet HTML 1Page - Xicor Inc. X24F064P Datasheet HTML 2Page - Xicor Inc. X24F064P Datasheet HTML 3Page - Xicor Inc. X24F064P Datasheet HTML 4Page - Xicor Inc. X24F064P Datasheet HTML 5Page - Xicor Inc. X24F064P Datasheet HTML 6Page - Xicor Inc. X24F064P Datasheet HTML 7Page - Xicor Inc. X24F064P Datasheet HTML 8Page - Xicor Inc. X24F064P Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
X24F064/032/016
5
DEVICE ADDRESSING
Following a start condition the master must output the
address of the slave it is accessing (see Figure 4). The
next two bits are the device select bits. A system could
have up to eight X24F032/016’s on the bus or up to
four 24F064’s on the bus. The device addresses are
defined by the state of the S0, S1, and S2 inputs. Note
some of the slave addresses must be the inverse of
the corresponding input pin.
Figure 4. Slave Address
6686 ILL F07.4
S2
A9
A8
R/W
DEVICE
SELECT
S1
A12
HIGH ORDER
SECTOR ADDRESS
A11
A10
X24F064
S2
A9
A8
R/W
DEVICE
SELECT
S1
S0
HIGH ORDER
SECTOR ADDRESS
A11
A10
X24F032
1
A9
A8
R/W
DEVICE
TYPE
IDENTIFIER
S2
S1
HIGH ORDER
SECTOR ADDRESS
S0
A10
X24F016
DEVICE
SELECT
Also included in the slave address is an extension of
the array’s address which is concatenated with the
eight bits of address in the sector address field,
providing direct access to the entire SerialFlash
Memory array.
The last bit of the slave address defines the operation
to be performed. When set HIGH a read operation is
selected, when set LOW a program operation is
selected.
Following the start condition, the X24F064/032/016
monitors the SDA bus comparing the slave address
being transmitted with its slave address device type
identifier. Upon a correct comparison of the device
select
inputs,
the
X24F064/032/016
outputs
an
acknowledge on the SDA line. Depending on the state
of the R/W bit, the X24F064/032/016 will execute a
read or program operation.
PROGRAMMING OPERATIONS
The X24F064/032/016 offers a 32-byte sector pro-
gramming operation. For a program operation, the
X24F064/032/016 requires a second address field.
This field contains the address of the first byte in the
sector. Upon receipt of the address, comprised of
eight bits, the X24F064/032/016 responds with an ac-
knowledge and awaits the next eight bits of data,
again responding with an acknowledge. The master
then transmits 31 more bytes. After the receipt of
each byte, the X24F064/032/016 will respond with an
acknowledge.
Figure 5. Sector Programming
BUS ACTIVITY:
MASTER
SDA LINE
BUS ACTIVITY:
X24F016/032/064
S
T
A
R
T
SLAVE
ADDRESS
S
S
T
O
P
P
A
C
K
A
C
K
A
C
K
A
C
K
A
C
K
SECTOR ADDRESS
DATA n
DATA n+1
DATA n+31
6686 ILL F10.3


Similar Part No. - X24F064P

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24F128 XICOR-X24F128 Datasheet
80Kb / 16P
   2-Wire SerialFlash with Block Lock TM Protection
X24F128P XICOR-X24F128P Datasheet
80Kb / 16P
   2-Wire SerialFlash with Block Lock TM Protection
X24F128P-5 XICOR-X24F128P-5 Datasheet
80Kb / 16P
   2-Wire SerialFlash with Block Lock TM Protection
X24F128PE XICOR-X24F128PE Datasheet
80Kb / 16P
   2-Wire SerialFlash with Block Lock TM Protection
X24F128PE-5 XICOR-X24F128PE-5 Datasheet
80Kb / 16P
   2-Wire SerialFlash with Block Lock TM Protection
More results

Similar Description - X24F064P

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25F047 XICOR-X25F047 Datasheet
72Kb / 14P
   SPI SerialFlash with Block Lock TM Protection
X25F087 XICOR-X25F087 Datasheet
68Kb / 13P
   SPI SerialFlash with Block Lock TM Protection
X24F128 XICOR-X24F128 Datasheet
80Kb / 16P
   2-Wire SerialFlash with Block Lock TM Protection
X25F128 XICOR-X25F128 Datasheet
61Kb / 14P
   SerialFlash??Memory With Block Lock??Protection
X25F064 XICOR-X25F064 Datasheet
71Kb / 16P
   SerialFlash??Memory With Block LockTM Protection
X25128 XICOR-X25128 Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
X25330 XICOR-X25330 Datasheet
74Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X25642 XICOR-X25642 Datasheet
76Kb / 16P
   Advanced SPI Serial E 2 PROM with Block Lock TM Protection
X25650 XICOR-X25650 Datasheet
77Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X24325 XICOR-X24325 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com