Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X24320P-1.8 Datasheet(PDF) 10 Page - Xicor Inc.

Part # X24320P-1.8
Description  400KHz 2-Wire Serial E2PROM with Block Lock
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24320P-1.8 Datasheet(HTML) 10 Page - Xicor Inc.

Back Button X24320P-1.8 Datasheet HTML 6Page - Xicor Inc. X24320P-1.8 Datasheet HTML 7Page - Xicor Inc. X24320P-1.8 Datasheet HTML 8Page - Xicor Inc. X24320P-1.8 Datasheet HTML 9Page - Xicor Inc. X24320P-1.8 Datasheet HTML 10Page - Xicor Inc. X24320P-1.8 Datasheet HTML 11Page - Xicor Inc. X24320P-1.8 Datasheet HTML 12Page - Xicor Inc. X24320P-1.8 Datasheet HTML 13Page - Xicor Inc. X24320P-1.8 Datasheet HTML 14Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
X24320
10
reset, nor can RWEL and WEL be reset in one write
operation. RWEL can be reset by writing 00000010 to
FFFFh; but this is the same operation as in step 3
described below, and will result in programing BL0,
BL1, and WPEN.
Writing to the BL and WPEN Bits
A 3 step sequence is required to change the nonvola-
tile Block Lock Protect or Write Protect Enable bits:
1) Set WEL=1, Write 00000010 to address FFFFh
(Volatile Write Cycle.)
2) Set RWEL=1, Write 00000110 to address FFFFh
(Volatile Write Cycle.)
3) Set BL1, BL0, and/or WPEN bits, Write u00xy010 to
address FFFFh, where u=WPEN, x=BL1, and y=BL0.
(Nonvolatile Write Cycle.)
The three step sequence was created to make it diffi-
cult to change the contents of the Write Protect
Register accidentally. If WEL was set to one by a
previous register write operation, the user may start at
step 2. RWEL is reset to zero in step 3 so that user is
required to perform steps 2 and 3 to make another
change. RWEL must be 0 in step 3. If the RWEL bit in
the data byte for step 3 is a one, then no changes are
made to the Write Protect Register and the device
remains at step 2.
The WP pin must be LOW or the WPEN bit must be
LOW before a nonvolatile register write operation is
initiated. Otherwise, the write operation will abort and
the device will go into standby mode after the master
issues the stop condition in step 3.
Step 3 is a nonvolatile write operation, requiring tWC to
complete (acknowledge polling may be used to reduce
this time requirement). It should be noted that step 3
MUST end with a stop condition. If a start condition is
issued during or at the end of step 3 (instead of a stop
condition) the device will abort the nonvolatile register
write and remain at step 2. If the operation is aborted
with a start condition, the master must issue a stop to
put the device into standby mode.
ABSOLUTE MAXIMUM RATINGS*
Figure 11. Block Lock Protect Bits and Protected Addresses
7003 FRM T02
Figure 12. WP Pin and WPEN Bit Functionality
7003 FRM T03
BL1
BL0
Protected Addresses
Array Location
0
0
None
No Protect
0
1
C00h - FFFh
Upper 1/4
1
0
800h - FFFh
Upper 1/2
1
1
000h - FFFh
Full Array
WP
WPEN
Memory Array Not
Lock Block Protected
Memory Array Block
Lock Protected
Block Lock Bits
WPEN
Bit
0
X
Writable
Protected
Unprotected
Unprotected
X
0
Writable
Protected
Unprotected
Unprotected
1
1
Writable
Protected
Protected
Protected


Similar Part No. - X24320P-1.8

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X24320P-1.8 ICMIC-X24320P-1.8 Datasheet
302Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
More results

Similar Description - X24320P-1.8

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X24320 ICMIC-X24320 Datasheet
302Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
logo
Xicor Inc.
X24128 XICOR-X24128 Datasheet
87Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
X24257 XICOR-X24257 Datasheet
502Kb / 19P
   400kHz 2-Wire Serial EEPROM with Block Lock
X24640 XICOR-X24640 Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E 2 PROM with Block Lock
X24165 XICOR-X24165 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E2PROM with Block Lock Protection
logo
IC MICROSYSTEMS
X24165 ICMIC-X24165 Datasheet
291Kb / 17P
   Advanced 2-Wire Serial E2PROM with Block LockTM Protection
X25128 ICMIC-X25128 Datasheet
135Kb / 15P
   SPI Serial E2PROM with Block Lock Protection
X24645 ICMIC-X24645 Datasheet
317Kb / 18P
   Advanced 2-Wire Serial E2PROM with Block LockTM Protection
logo
Seiko Instruments Inc
S24C256C SII-S24C256C Datasheet
1Mb / 35P
   2-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-24C512C ABLIC-S-24C512C Datasheet
493Kb / 35P
   2-WIRE SERIAL E2PROM
Rev.2.0_03_S
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com