Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HTS137-600 Datasheet(PDF) 3 Page - SemiHow Co.,Ltd.

Part # HTS137-600
Description  INSULATION TYPE TRIAC (TO-220F)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HTS137-600 Datasheet(HTML) 3 Page - SemiHow Co.,Ltd.

  HTS137-600 Datasheet HTML 1Page - SemiHow Co.,Ltd. HTS137-600 Datasheet HTML 2Page - SemiHow Co.,Ltd. HTS137-600 Datasheet HTML 3Page - SemiHow Co.,Ltd. HTS137-600 Datasheet HTML 4Page - SemiHow Co.,Ltd. HTS137-600 Datasheet HTML 5Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
◎ SEMIHOW REV.1.0 Jan 2006
Performance Curves
Fig 2.On-State Voltage
On-state Voltage (V)
10
-1
10
0
10
1
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Fig 1. Gate Characteristics
Gate Current (mA)
10
1
10
0
10
-1
10
1
10
2
10
3
RMS On-State Current (A)
Fig 3. Gate Trigger Voltage
vs. Junction Temperature
Junction Temperature (℃)
10
1
0.1
-50
0
50
100
150
Fig 4. On State Current
vs. Maximum Power Dissipation
12
9
3
2
1
0
13
4
6
8
10
0.0
Fig 5. On State Current
vs. Allowable Case Temperature
RMS On-State Current (A)
1
2
56
8
130
110
100
80
70
10
0
120
90
Time (Cycles)
10
0
10
1
10
2
90
70
50
30
20
10
0
Fig 6. Surge On-State Current
Rating (Non-Repetitive)
25
7
9
4
5
6
7
8
10
11
34
7
9
40
60
80


Similar Part No. - HTS137-600

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HTS138-600 SEMIHOW-HTS138-600 Datasheet
327Kb / 5P
   INSULATION TYPE TRIAC (TO-220F)
HTS139-600 SEMIHOW-HTS139-600 Datasheet
361Kb / 5P
   INSULATION TYPE TRIAC (TO-220F)
More results

Similar Description - HTS137-600

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HTS139-600 SEMIHOW-HTS139-600 Datasheet
361Kb / 5P
   INSULATION TYPE TRIAC (TO-220F)
HTS138-600 SEMIHOW-HTS138-600 Datasheet
327Kb / 5P
   INSULATION TYPE TRIAC (TO-220F)
logo
SHANTOU HUASHAN ELECTRO...
HTF16A60 HUASHAN-HTF16A60 Datasheet
205Kb / 3P
   INSULATED TYPE TRIAC (TO-220F PACKAGE)
HTF6A60 HUASHAN-HTF6A60 Datasheet
203Kb / 3P
   INSULATED TYPE TRIAC (TO-220F PACKAGE)
HTF8A60 HUASHAN-HTF8A60 Datasheet
324Kb / 3P
   INSULATED TYPE TRIAC (TO-220F PACKAGE)
HBT137F-600 HUASHAN-HBT137F-600 Datasheet
201Kb / 3P
   INSULATED TYPE TRIAC (TO-220F PACKAGE)
HBT138F-600 HUASHAN-HBT138F-600 Datasheet
201Kb / 3P
   INSULATED TYPE TRIAC (TO-220F PACKAGE)
HBT139F-600 HUASHAN-HBT139F-600 Datasheet
200Kb / 3P
   INSULATED TYPE TRIAC (TO-220F PACKAGE)
HTF12A60 HUASHAN-HTF12A60 Datasheet
203Kb / 3P
   INSULATED TYPE TRIAC (TO-220F PACKAGE)
HTF8A80 HUASHAN-HTF8A80 Datasheet
162Kb / 3P
   NON INSULATED TYPE TRIAC (TO-220F PACKAGE)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com