Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X24C01SI Datasheet(PDF) 4 Page - Xicor Inc.

Part # X24C01SI
Description  Serial E2PROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24C01SI Datasheet(HTML) 4 Page - Xicor Inc.

  X24C01SI Datasheet HTML 1Page - Xicor Inc. X24C01SI Datasheet HTML 2Page - Xicor Inc. X24C01SI Datasheet HTML 3Page - Xicor Inc. X24C01SI Datasheet HTML 4Page - Xicor Inc. X24C01SI Datasheet HTML 5Page - Xicor Inc. X24C01SI Datasheet HTML 6Page - Xicor Inc. X24C01SI Datasheet HTML 7Page - Xicor Inc. X24C01SI Datasheet HTML 8Page - Xicor Inc. X24C01SI Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
X24C01
Stop Condition
All communications must be terminated by a stop con-
dition, which is a LOW to HIGH transition of SDA when
SCL is HIGH. The stop condition is also used by the
X24C01 to place the device in the standby power mode
after a read sequence. A stop condition can only be
issued after the transmitting device has released the
bus.
Acknowledge
Acknowledge is a software convention used to indicate
successful data transfers. The transmitting device will
release the bus after transmitting eight bits. During the
ninth clock cycle the receiver will pull the SDA line LOW
to acknowledge that it received the eight bits of data.
Refer to Figure 3.
The X24C01 will respond with an acknowledge after
recognition of a start condition, a seven bit word address
and a R/W bit. If a write operation has been selected, the
X24C01 will respond with an acknowledge after each
byte of data is received.
In the read mode the X24C01 will transmit eight bits of
data, release the SDA line and monitor the line for an
acknowledge. If an acknowledge is detected and no
stop condition is generated by the master, the X24C01
will continue to transmit data. If an acknowledge is not
detected, the X24C01 will terminate further data trans-
missions. The master must then issue a stop condition
to return the X24C01 to the standby power mode and
place the device into a known state.
Figure 2. Definition of Start and Stop
3837 FHD F07
Figure 3. Acknowledge Response From Receiver
SCL FROM
MASTER
DATA
OUTPUT
FROM
TRANSMITTER
1
89
DATA
OUTPUT
FROM
RECEIVER
START
ACKNOWLEDGE
3837 FHD F08
SCL
SDA
START CONDITION
STOP CONDITION


Similar Part No. - X24C01SI

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X24C01SI ICMIC-X24C01SI Datasheet
275Kb / 14P
   Serial E2PROM
X24C01SI-2.7 ICMIC-X24C01SI-2.7 Datasheet
275Kb / 14P
   Serial E2PROM
X24C01SI-3 ICMIC-X24C01SI-3 Datasheet
275Kb / 14P
   Serial E2PROM
X24C01SI-3.5 ICMIC-X24C01SI-3.5 Datasheet
275Kb / 14P
   Serial E2PROM
X24C01SIG ICMIC-X24C01SIG Datasheet
275Kb / 14P
   Serial E2PROM
More results

Similar Description - X24C01SI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24C04 XICOR-X24C04 Datasheet
78Kb / 18P
   Serial E2PROM
logo
IC MICROSYSTEMS
X24C02 ICMIC-X24C02 Datasheet
295Kb / 16P
   Serial E2PROM
X24C01A ICMIC-X24C01A Datasheet
272Kb / 13P
   Serial E2PROM
logo
Xicor Inc.
X24042 XICOR-X24042 Datasheet
62Kb / 15P
   Serial E2PROM
X24C00 XICOR-X24C00 Datasheet
44Kb / 11P
   Serial E2PROM
X24C08 XICOR-X24C08 Datasheet
62Kb / 16P
   Serial E2PROM
X24012 XICOR-X24012 Datasheet
59Kb / 14P
   Serial E2PROM
X24C02 XICOR-X24C02 Datasheet
66Kb / 16P
   Serial E2PROM
X24026 XICOR-X24026 Datasheet
64Kb / 15P
   Serial E2PROM
X24C16 XICOR-X24C16 Datasheet
62Kb / 15P
   Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com