Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFH11N90 Datasheet(PDF) 3 Page - SemiHow Co.,Ltd.

Part # HFH11N90
Description  900V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HFH11N90 Datasheet(HTML) 3 Page - SemiHow Co.,Ltd.

  HFH11N90 Datasheet HTML 1Page - SemiHow Co.,Ltd. HFH11N90 Datasheet HTML 2Page - SemiHow Co.,Ltd. HFH11N90 Datasheet HTML 3Page - SemiHow Co.,Ltd. HFH11N90 Datasheet HTML 4Page - SemiHow Co.,Ltd. HFH11N90 Datasheet HTML 5Page - SemiHow Co.,Ltd. HFH11N90 Datasheet HTML 6Page - SemiHow Co.,Ltd. HFH11N90 Datasheet HTML 7Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
◎ SEMIHOW REV.A0,Dec 2005
10
-1
10
0
10
1
0
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
※ Notes :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
10
-1
10
0
10
1
10
-1
10
0
10
1
V
GS
Top :
15.0 V
10.0 V
8.0 V
7.0 V
6.5 V
6.0 V
Bottom : 5.5 V
※ Notes :
1. 250μ s Pulse Test
2. T
C = 25
V
DS, Drain-Source Voltage [V]
Figure 1. On Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On Resistance Variation vs
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation with Source Current
and Temperature
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
Typical Characteristics
2
4
6
8
10
10
-1
10
0
10
1
150
oC
25
oC
-55
oC
※ Notes :
1. V
DS = 50V
2. 250μ s Pulse Test
V
GS, Gate-Source Voltage [V]
0
5
10
15
20
25
30
0.5
1.0
1.5
2.0
2.5
V
GS = 20V
V
GS = 10V
※ Note : T
J = 25
I
D, Drain Current [A]
0.2
0.4
0.6
0.8
1.0
1.2
1.4
10
-1
10
0
10
1
150 ℃
※ Notes :
1. V
GS = 0V
2. 250μ s Pulse Test
25℃
V
SD, Source-Drain voltage [V]
0
10
20
30
40
50
60
70
80
0
2
4
6
8
10
12
V
DS = 450V
V
DS = 180V
V
DS = 720V
※ Note : I
D = 11A
Q
G, Total Gate Charge [nC]


Similar Part No. - HFH11N90

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
HFH100G ADAM-TECH-HFH100G Datasheet
134Kb / 1P
   .050 HEADER SET .050 X .050 [1.27 X 1.27] CENTERLINE
HFH100SG ADAM-TECH-HFH100SG Datasheet
134Kb / 1P
   .050 HEADER SET .050 X .050 [1.27 X 1.27] CENTERLINE
HFH100T ADAM-TECH-HFH100T Datasheet
134Kb / 1P
   .050 HEADER SET .050 X .050 [1.27 X 1.27] CENTERLINE
HFH10G ADAM-TECH-HFH10G Datasheet
134Kb / 1P
   .050 HEADER SET .050 X .050 [1.27 X 1.27] CENTERLINE
logo
SemiHow Co.,Ltd.
HFH10N80 SEMIHOW-HFH10N80 Datasheet
1Mb / 7P
   800V N-Channel MOSFET
More results

Similar Description - HFH11N90

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP2N90 FAIRCHILD-FQP2N90 Datasheet
744Kb / 8P
   900V N-Channel MOSFET
FQPF5N90 FAIRCHILD-FQPF5N90 Datasheet
665Kb / 8P
   900V N-Channel MOSFET
FQA7N90 FAIRCHILD-FQA7N90 Datasheet
674Kb / 8P
   900V N-Channel MOSFET
FQB5N90 FAIRCHILD-FQB5N90 Datasheet
682Kb / 9P
   900V N-Channel MOSFET
FQB6N90 FAIRCHILD-FQB6N90 Datasheet
596Kb / 9P
   900V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS6N90 SEMIHOW-HFS6N90 Datasheet
996Kb / 7P
   900V N-Channel MOSFET
logo
Fairchild Semiconductor
FQB6N90TMAM002 FAIRCHILD-FQB6N90TMAM002 Datasheet
604Kb / 9P
   900V N-Channel MOSFET
FQD2N90 FAIRCHILD-FQD2N90_09 Datasheet
847Kb / 9P
   900V N-Channel MOSFET
FQA9N90C FAIRCHILD-FQA9N90C Datasheet
680Kb / 8P
   900V N-Channel MOSFET
FQA11N90 FAIRCHILD-FQA11N90_07 Datasheet
828Kb / 9P
   900V N-Channel MOSFET
logo
Shenzhen Meipusen Semic...
SLP9N90CZ MAPLESMI-SLP9N90CZ Datasheet
1Mb / 7P
   900V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com