Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFH11N90 Datasheet(PDF) 2 Page - SemiHow Co.,Ltd.

Part # HFH11N90
Description  900V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HFH11N90 Datasheet(HTML) 2 Page - SemiHow Co.,Ltd.

  HFH11N90 Datasheet HTML 1Page - SemiHow Co.,Ltd. HFH11N90 Datasheet HTML 2Page - SemiHow Co.,Ltd. HFH11N90 Datasheet HTML 3Page - SemiHow Co.,Ltd. HFH11N90 Datasheet HTML 4Page - SemiHow Co.,Ltd. HFH11N90 Datasheet HTML 5Page - SemiHow Co.,Ltd. HFH11N90 Datasheet HTML 6Page - SemiHow Co.,Ltd. HFH11N90 Datasheet HTML 7Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
◎ SEMIHOW REV.A0,Dec 2005
Notes ;
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L=15mH, I
AS=11.0A, VDD=50V, RG=25Ω, Starting TJ =25°C
3. I
SD≤11.0A, di/dt≤200A/μs, VDD≤BVDSS , Starting TJ =25 °C
4. Pulse Test : Pulse Width
≤ 300μs, Duty Cycle ≤ 2%
5. Essentially Independent of Operating Temperature
Electrical Characteristics T
C=25 °C unless otherwise specified
I
S
Continuous Source-Drain Diode Forward Current
--
--
11.0
A
I
SM
Pulsed Source-Drain Diode Forward Current
--
--
44
V
SD
Source-Drain Diode Forward Voltage
I
S = 11.0 A, VGS = 0 V
--
--
1.4
V
trr
Reverse Recovery Time
I
S = 11.0 A, VGS = 0 V
di
F/dt = 100 A/μs
(Note 4)
--
1200
--
Qrr
Reverse Recovery Charge
--
20.0
--
μC
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
V
GS
Gate Threshold Voltage
V
DS = VGS, ID = 250 ㎂
2.5
--
4.5
V
R
DS(ON)
Static Drain-Source
On-Resistance
V
GS = 10 V, ID = 5.5 A
--
0.93
1.15
On Characteristics
BV
DSS
Drain-Source Breakdown Voltage
V
GS = 0 V, ID = 250 ㎂
900
--
--
V
ΔBV
DSS
/ΔT
J
Breakdown Voltage Temperature
Coefficient
I
D = 250 ㎂, Referenced to25℃
--
1.02
--
V/℃
I
DSS
Zero Gate Voltage Drain Current
V
DS = 900 V, VGS = 0 V
--
--
1
V
DS = 720 V, TC = 125℃
--
--
10
I
GSSF
Gate-Body Leakage Current,
Forward
V
GS = 30 V, VDS = 0 V
--
--
100
I
GSSR
Gate-Body Leakage Current,
Reverse
V
GS = -30 V, VDS = 0 V
--
--
-100
Off Characteristics
C
iss
Input Capacitance
V
DS = 25 V, VGS = 0 V,
f = 1.0 MHz
--
3050
4000
C
oss
Output Capacitance
--
260
340
C
rss
Reverse Transfer Capacitance
--
28
36
Dynamic Characteristics
t
d(on)
Turn-On Time
V
DS = 450 V, ID = 11.0 A,
R
G = 25 Ω
(Note 4,5)
--
70
140
t
r
Turn-On Rise Time
--
155
310
t
d(off)
Turn-Off Delay Time
--
155
310
t
f
Turn-Off Fall Time
--
100
200
Q
g
Total Gate Charge
V
DS = 720V, ID = 11.0 A,
V
GS = 10 V
(Note 4,5)
--
75
100
nC
Q
gs
Gate-Source Charge
--
16
--
nC
Q
gd
Gate-Drain Charge
--
32
--
nC
Switching Characteristics
Source-Drain Diode Maximum Ratings and Characteristics


Similar Part No. - HFH11N90

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
HFH100G ADAM-TECH-HFH100G Datasheet
134Kb / 1P
   .050 HEADER SET .050 X .050 [1.27 X 1.27] CENTERLINE
HFH100SG ADAM-TECH-HFH100SG Datasheet
134Kb / 1P
   .050 HEADER SET .050 X .050 [1.27 X 1.27] CENTERLINE
HFH100T ADAM-TECH-HFH100T Datasheet
134Kb / 1P
   .050 HEADER SET .050 X .050 [1.27 X 1.27] CENTERLINE
HFH10G ADAM-TECH-HFH10G Datasheet
134Kb / 1P
   .050 HEADER SET .050 X .050 [1.27 X 1.27] CENTERLINE
logo
SemiHow Co.,Ltd.
HFH10N80 SEMIHOW-HFH10N80 Datasheet
1Mb / 7P
   800V N-Channel MOSFET
More results

Similar Description - HFH11N90

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP2N90 FAIRCHILD-FQP2N90 Datasheet
744Kb / 8P
   900V N-Channel MOSFET
FQPF5N90 FAIRCHILD-FQPF5N90 Datasheet
665Kb / 8P
   900V N-Channel MOSFET
FQA7N90 FAIRCHILD-FQA7N90 Datasheet
674Kb / 8P
   900V N-Channel MOSFET
FQB5N90 FAIRCHILD-FQB5N90 Datasheet
682Kb / 9P
   900V N-Channel MOSFET
FQB6N90 FAIRCHILD-FQB6N90 Datasheet
596Kb / 9P
   900V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS6N90 SEMIHOW-HFS6N90 Datasheet
996Kb / 7P
   900V N-Channel MOSFET
logo
Fairchild Semiconductor
FQB6N90TMAM002 FAIRCHILD-FQB6N90TMAM002 Datasheet
604Kb / 9P
   900V N-Channel MOSFET
FQD2N90 FAIRCHILD-FQD2N90_09 Datasheet
847Kb / 9P
   900V N-Channel MOSFET
FQA9N90C FAIRCHILD-FQA9N90C Datasheet
680Kb / 8P
   900V N-Channel MOSFET
FQA11N90 FAIRCHILD-FQA11N90_07 Datasheet
828Kb / 9P
   900V N-Channel MOSFET
logo
Shenzhen Meipusen Semic...
SLP9N90CZ MAPLESMI-SLP9N90CZ Datasheet
1Mb / 7P
   900V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com