Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X20C04PM-15 Datasheet(PDF) 3 Page - Xicor Inc.

Part # X20C04PM-15
Description  Nonvolatile Static RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X20C04PM-15 Datasheet(HTML) 3 Page - Xicor Inc.

  X20C04PM-15 Datasheet HTML 1Page - Xicor Inc. X20C04PM-15 Datasheet HTML 2Page - Xicor Inc. X20C04PM-15 Datasheet HTML 3Page - Xicor Inc. X20C04PM-15 Datasheet HTML 4Page - Xicor Inc. X20C04PM-15 Datasheet HTML 5Page - Xicor Inc. X20C04PM-15 Datasheet HTML 6Page - Xicor Inc. X20C04PM-15 Datasheet HTML 7Page - Xicor Inc. X20C04PM-15 Datasheet HTML 8Page - Xicor Inc. X20C04PM-15 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
X20C04
3
Power-Up Recall
Upon power-up (VCC), the X20C04 performs an auto-
matic array recall. When VCC minimum is reached, the
recall is initiated, regardless of the state of
CE, OE, WE
and
NE.
Write Protection
The X20C04 has five write protect features that are
employed to protect the contents of both the nonvolatile
memory and the RAM.
•VCC Sense—All functions are inhibited when VCC is
≤ 3.5V.
• A RAM write is required before a Store Cycle is
initiated.
• Write Inhibit—Holding either
OE LOW, WE HIGH,
CE HIGH, or NE HIGH during power-up and power-
down will prevent an inadvertent store operation.
• Noise Protection—A combined
WE, NE, OE and
CE pulse of less than 20ns will not initiate a Store
Cycle.
• Noise Protection—A combined
WE, NE, OE and
CE pulse of less than 20ns will not initiate a recall
cycle.
DEVICE OPERATION
The
CE, OE, WE and NE inputs control the X20C04
operation. The X20C04 byte-wide NOVRAM uses a
2-line control architecture to eliminate bus contention in
a system environment. The I/O bus will be in a high
impedance state when either
OE or CE is HIGH, or
when
NE is LOW.
RAM Operations
RAM read and write operations are performed as they
would be with any static RAM. A read operation requires
CE and OE to be LOW with WE and NE HIGH. A write
operation requires
CE and WE to be LOW with NE
HIGH. There is no limit to the number of read or write
operations performed to the RAM portion of the X20C04.
Nonvolatile Operations
With
NE LOW, recall operation is performed in the same
manner as RAM read operation. A recall operation
causes the entire contents of the E2PROM to be written
into the RAM array. The time required for the operation
to complete is 5
µs or less. A store operation causes the
entire contents of the RAM array to be stored in the
nonvolatile E2PROM. The time for the operation to
complete is 5ms or less.
SYMBOL TABLE
WAVEFORM
INPUTS
OUTPUTS
Must be
steady
Will be
steady
May change
from LOW
to HIGH
Will change
from LOW
to HIGH
May change
from HIGH
to LOW
Will change
from HIGH
to LOW
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance


Similar Part No. - X20C04PM-15

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X20C05 XICOR-X20C05 Datasheet
82Kb / 19P
   High Speed AUTOSTORE??NOVRAM
X20C05D-35 XICOR-X20C05D-35 Datasheet
82Kb / 19P
   High Speed AUTOSTORE??NOVRAM
X20C05D-45 XICOR-X20C05D-45 Datasheet
82Kb / 19P
   High Speed AUTOSTORE??NOVRAM
X20C05D-55 XICOR-X20C05D-55 Datasheet
82Kb / 19P
   High Speed AUTOSTORE??NOVRAM
X20C05DI-35 XICOR-X20C05DI-35 Datasheet
82Kb / 19P
   High Speed AUTOSTORE??NOVRAM
More results

Similar Description - X20C04PM-15

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X2212 XICOR-X2212 Datasheet
361Kb / 8P
   Nonvolatile Static RAM
X22C12 XICOR-X22C12 Datasheet
60Kb / 12P
   Nonvolatile Static RAM
X22C10 XICOR-X22C10 Datasheet
60Kb / 12P
   Nonvolatile Static RAM
X24C44 XICOR-X24C44 Datasheet
60Kb / 15P
   Serial Nonvolatile Static RAM
logo
ON Semiconductor
CAT22C10J-30 ONSEMI-CAT22C10J-30 Datasheet
177Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
Doc. No. MD-1082, Rev. R
CAT22C10LI-20 ONSEMI-CAT22C10LI-20 Datasheet
177Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
Doc. No. MD-1082, Rev. R
logo
Catalyst Semiconductor
CAT22C10 CATALYST-CAT22C10 Datasheet
70Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
CAT22C10 CATALYST-CAT22C10_04 Datasheet
508Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
logo
ON Semiconductor
CAT22C10 ONSEMI-CAT22C10 Datasheet
177Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
Doc. No. MD-1082, Rev. R
CAT24C44 ONSEMI-CAT24C44_08 Datasheet
65Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com