Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFP630 Datasheet(PDF) 8 Page - SemiHow Co.,Ltd.

Part # HFP630
Description  200V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HFP630 Datasheet(HTML) 8 Page - SemiHow Co.,Ltd.

  HFP630 Datasheet HTML 1Page - SemiHow Co.,Ltd. HFP630 Datasheet HTML 2Page - SemiHow Co.,Ltd. HFP630 Datasheet HTML 3Page - SemiHow Co.,Ltd. HFP630 Datasheet HTML 4Page - SemiHow Co.,Ltd. HFP630 Datasheet HTML 5Page - SemiHow Co.,Ltd. HFP630 Datasheet HTML 6Page - SemiHow Co.,Ltd. HFP630 Datasheet HTML 7Page - SemiHow Co.,Ltd. HFP630 Datasheet HTML 8Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
±0.20
4.57±0.20
0 2
0
TO
TO-
-220 (B)
220 (B)
1.27±0.20
φ3
.84
±0
.2
267
1.27±0.20
2.67±0.20
0.81±0.20
0.40±0.20
2.54typ
2.54typ
◎ SEMIHOW REV.A0,July 2005


Similar Part No. - HFP630

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
HFP630 HUASHAN-HFP630 Datasheet
211Kb / 5P
   N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP630A SEMIHOW-HFP630A Datasheet
282Kb / 7P
   200V N-Channel MOSFET
HFP630A SEMIHOW-HFP630A_16 Datasheet
362Kb / 9P
   200V N-Channel MOSFET
More results

Similar Description - HFP630

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF48N20 FAIRCHILD-FQAF48N20 Datasheet
666Kb / 8P
   200V N-Channel MOSFET
FDP39N20 FAIRCHILD-FDP39N20 Datasheet
908Kb / 8P
   200V N-Channel MOSFET
FQD10N20C FAIRCHILD-FQD10N20C_09 Datasheet
729Kb / 9P
   200V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOD2210 AOSMD-AOD2210 Datasheet
309Kb / 6P
   200V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
IRFW630B KERSEMI-IRFW630B Datasheet
1Mb / 8P
   200V N-Channel MOSFET
logo
Bruckewell Technology L...
MS40N20 BWTECH-MS40N20 Datasheet
765Kb / 8P
   200V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP640 SEMIHOW-HFP640 Datasheet
309Kb / 8P
   200V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP19N20C FAIRCHILD-FQP19N20C Datasheet
1Mb / 10P
   200V N-Channel MOSFET
FQA34N20 FAIRCHILD-FQA34N20 Datasheet
731Kb / 8P
   200V N-Channel MOSFET
FQP4N20 FAIRCHILD-FQP4N20 Datasheet
688Kb / 8P
   200V N-Channel MOSFET
FQP630 FAIRCHILD-FQP630 Datasheet
745Kb / 8P
   200V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com