Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X24325VM Datasheet(PDF) 7 Page - Xicor Inc.

Part # X24325VM
Description  Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24325VM Datasheet(HTML) 7 Page - Xicor Inc.

Back Button X24325VM Datasheet HTML 3Page - Xicor Inc. X24325VM Datasheet HTML 4Page - Xicor Inc. X24325VM Datasheet HTML 5Page - Xicor Inc. X24325VM Datasheet HTML 6Page - Xicor Inc. X24325VM Datasheet HTML 7Page - Xicor Inc. X24325VM Datasheet HTML 8Page - Xicor Inc. X24325VM Datasheet HTML 9Page - Xicor Inc. X24325VM Datasheet HTML 10Page - Xicor Inc. X24325VM Datasheet HTML 11Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
X24325
7
Figure 7. Current Address Read
Figure 8. Random Read
READ OPERATIONS
Read operations are initiated in the same manner as
write operations with the exception that the R/W bit of
the slave address is set HIGH. There are three basic
read operations: current address read, random read
and sequential read.
It should be noted that the ninth clock cycle of the read
operation is not a “don’t care.” To terminate a read op-
eration, the master must either issue a stop condition
during the ninth cycle or hold SDA HIGH during the
ninth clock cycle and then issue a stop condition.
Current Address Read
Internally the X24325 contains an address counter that
maintains the address of the last word read, increment-
ed by one or the exact address of the last word written.
Therefore, if the last access read was to address n, the
next read operation would access data from address
n + 1. Upon receipt of the slave address with the R/W
set HIGH, the X24325 issues an acknowledge and
transmits the eight-bit word. The read operation is ter-
minated by the master; by not responding with an ac-
knowledge and by issuing a stop condition. Refer to
Figure 7 for the sequence of address, acknowledge
and data transfer.
Random Read
Random read operations allow the master to access
any memory location in a random manner. Prior to issu-
ing the slave address with the R/W bit set HIGH, the
master must first perform a “dummy” write operation.
The master issues the start condition, and the slave ad-
dress with the R/W bit set LOW, followed by the word
address it is to read. After the word address acknowl-
edge, the master immediately reissues the start condi-
tion and the slave address with the R/W bit set HIGH.
This will be followed by an acknowledge from the
X24325 and then by the eight-bit word. The read oper-
ation is terminated by the master; by not responding
with an acknowledge and by issuing a stop condition.
Refer to Figure 8 for the address, acknowledge and
data transfer sequence.
BUS ACTIVITY:
MASTER
SDA LINE
BUS ACTIVITY:
X24325
S
T
A
R
T
SLAVE
ADDRESS
S
S
T
O
P
P
A
C
K
DATA
6552 ILL F11
BUS ACTIVITY:
MASTER
SDA LINE
BUS ACTIVITY:
X24325
S
T
A
R
T
SLAVE
ADDRESS
S
A
C
K
6552 ILL F12.1
S
T
A
R
T
S
WORD
ADDRESS n
A
C
K
SLAVE
ADDRESS
DATA n
A
C
K
S
T
O
P
P


Similar Part No. - X24325VM

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24320 XICOR-X24320 Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
logo
IC MICROSYSTEMS
X24320 ICMIC-X24320 Datasheet
302Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
X24320AE ICMIC-X24320AE Datasheet
302Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
X24320AEG ICMIC-X24320AEG Datasheet
302Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
X24320AEP ICMIC-X24320AEP Datasheet
302Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
More results

Similar Description - X24325VM

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24645 XICOR-X24645 Datasheet
84Kb / 18P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
X25642 XICOR-X25642 Datasheet
76Kb / 16P
   Advanced SPI Serial E 2 PROM with Block Lock TM Protection
X25128 XICOR-X25128 Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
X25330 XICOR-X25330 Datasheet
74Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X25650 XICOR-X25650 Datasheet
77Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X24640 XICOR-X24640 Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E 2 PROM with Block Lock
logo
IC MICROSYSTEMS
X25170 ICMIC-X25170 Datasheet
131Kb / 15P
   SPI Serial E 2 PROM with Block Lock ??Protection
X25256 ICMIC-X25256 Datasheet
488Kb / 17P
   5MHz SPI Serial E 2 PROM with Block Lock ??Protection
logo
Xicor Inc.
X24165 XICOR-X24165 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E2PROM with Block Lock Protection
X24F128 XICOR-X24F128 Datasheet
80Kb / 16P
   2-Wire SerialFlash with Block Lock TM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com