Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X24325SM Datasheet(PDF) 4 Page - Xicor Inc.

Part # X24325SM
Description  Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24325SM Datasheet(HTML) 4 Page - Xicor Inc.

  X24325SM Datasheet HTML 1Page - Xicor Inc. X24325SM Datasheet HTML 2Page - Xicor Inc. X24325SM Datasheet HTML 3Page - Xicor Inc. X24325SM Datasheet HTML 4Page - Xicor Inc. X24325SM Datasheet HTML 5Page - Xicor Inc. X24325SM Datasheet HTML 6Page - Xicor Inc. X24325SM Datasheet HTML 7Page - Xicor Inc. X24325SM Datasheet HTML 8Page - Xicor Inc. X24325SM Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
X24325
4
Figure 3. Acknowledge Response From Receiver
Stop Condition
All communications must be terminated by a stop
condition, which is a LOW to HIGH transition of SDA
when SCL is HIGH. The stop condition is also used to
place the device into the standby power mode after a
read sequence. A stop condition can only be issued
after the transmitting device has released the bus.
Acknowledge
Acknowledge is a software convention used to indicate
successful data transfer. The transmitting device,
either master or slave, will release the bus after trans-
mitting eight bits. During the ninth clock cycle the
receiver will pull the SDA line LOW to acknowledge
that it received the eight bits of data. Refer to Figure 3.
The X24325 will respond with an acknowledge after
recognition of a start condition and its slave address. If
both the device and a write operation have been
selected, the X24325 will respond with an acknowl-
edge after the receipt of each subsequent eight-bit
word.
In the read mode the X24325 will transmit eight bits of
data, release the SDA line and monitor the line for an
acknowledge. If an acknowledge is detected and no
stop condition is generated by the master, the X24325
will continue to transmit data. If an acknowledge is not
detected, the X24325 will terminate further data trans-
missions. The master must then issue a stop condition
to return the X24325 to the standby power mode and
place the device into a known state.
6552 ILL F06
SCL FROM
MASTER
DATA OUTPUT
FROM
TRANSMITTER
1
8
9
DATA
OUTPUT
FROM
RECEIVER
START
ACKNOWLEDGE


Similar Part No. - X24325SM

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24320 XICOR-X24320 Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
logo
IC MICROSYSTEMS
X24320 ICMIC-X24320 Datasheet
302Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
X24320AE ICMIC-X24320AE Datasheet
302Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
X24320AEG ICMIC-X24320AEG Datasheet
302Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
X24320AEP ICMIC-X24320AEP Datasheet
302Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
More results

Similar Description - X24325SM

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24645 XICOR-X24645 Datasheet
84Kb / 18P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
X25642 XICOR-X25642 Datasheet
76Kb / 16P
   Advanced SPI Serial E 2 PROM with Block Lock TM Protection
X25128 XICOR-X25128 Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
X25330 XICOR-X25330 Datasheet
74Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X25650 XICOR-X25650 Datasheet
77Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X24640 XICOR-X24640 Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E 2 PROM with Block Lock
logo
IC MICROSYSTEMS
X25170 ICMIC-X25170 Datasheet
131Kb / 15P
   SPI Serial E 2 PROM with Block Lock ??Protection
X25256 ICMIC-X25256 Datasheet
488Kb / 17P
   5MHz SPI Serial E 2 PROM with Block Lock ??Protection
logo
Xicor Inc.
X24165 XICOR-X24165 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E2PROM with Block Lock Protection
X24F128 XICOR-X24F128 Datasheet
80Kb / 16P
   2-Wire SerialFlash with Block Lock TM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com