Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X24165VM Datasheet(PDF) 6 Page - Xicor Inc.

Part # X24165VM
Description  Advanced 2-Wire Serial E2PROM with Block Lock Protection
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24165VM Datasheet(HTML) 6 Page - Xicor Inc.

Back Button X24165VM Datasheet HTML 2Page - Xicor Inc. X24165VM Datasheet HTML 3Page - Xicor Inc. X24165VM Datasheet HTML 4Page - Xicor Inc. X24165VM Datasheet HTML 5Page - Xicor Inc. X24165VM Datasheet HTML 6Page - Xicor Inc. X24165VM Datasheet HTML 7Page - Xicor Inc. X24165VM Datasheet HTML 8Page - Xicor Inc. X24165VM Datasheet HTML 9Page - Xicor Inc. X24165VM Datasheet HTML 10Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
X24165
6
Figure 6. Page Write
Page Write
The X24165 is capable of a 32 byte page write opera-
tion. It is initiated in the same manner as the byte write
operation, but instead of terminating the write cycle af-
ter the first data word is transferred, the master can
transmit up to fifteen more words. After the receipt of
each word, the X24165 will respond with an acknowl-
edge.
After the receipt of each word, the five low order ad-
dress bits are internally incremented by one. The high
order bits of the word address remain constant. If the
master should transmit more than 32 words prior to
generating the stop condition, the address counter will
“roll over” and the previously written data will be over-
written. As with the byte write operation, all inputs are
disabled until completion of the internal write cycle. Re-
fer to Figure 6 for the address, acknowledge and data
transfer sequence.
Acknowledge Polling
The Max Write Cycle Time can be significantly reduced
using Acknowledge Polling. To initiate Acknowledge
Polling, the master issues a start condition followed by
the Slave Address Byte for a write or read operation. If
the device is still busy with the high voltage cycle, then
no ACK will be returned. If the device has completed
the write operation, an ACK will be returned and the
host can then proceed with the read or write operation.
Refer to Flow 1.
Flow 1. ACK Polling Sequence
6551 ILL F09
WRITE OPERATION
COMPLETED
ENTER ACK POLLING
ISSUE
START
ISSUE SLAVE
ADDRESS AND R/W = 0
ACK
RETURNED?
NEXT
OPERATION
A WRITE?
ISSUE BYTE
ADDRESS
PROCEED
ISSUE STOP
NO
YES
YES
PROCEED
ISSUE STOP
NO
BUS ACTIVITY:
MASTER
SDA LINE
BUS ACTIVITY:
X24165
S
T
A
R
T
SLAVE
ADDRESS
S
S
T
O
P
P
A
C
K
A
C
K
A
C
K
A
C
K
A
C
K
WORD ADDRESS (n)
DATA n
DATA n+1
DATA n+31
6551 ILL F10.1


Similar Part No. - X24165VM

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X24165VM ICMIC-X24165VM Datasheet
291Kb / 17P
   Advanced 2-Wire Serial E2PROM with Block LockTM Protection
X24165VM-2.7 ICMIC-X24165VM-2.7 Datasheet
291Kb / 17P
   Advanced 2-Wire Serial E2PROM with Block LockTM Protection
X24165VMG ICMIC-X24165VMG Datasheet
291Kb / 17P
   Advanced 2-Wire Serial E2PROM with Block LockTM Protection
X24165VMG-2.7 ICMIC-X24165VMG-2.7 Datasheet
291Kb / 17P
   Advanced 2-Wire Serial E2PROM with Block LockTM Protection
More results

Similar Description - X24165VM

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X24165 ICMIC-X24165 Datasheet
291Kb / 17P
   Advanced 2-Wire Serial E2PROM with Block LockTM Protection
X24645 ICMIC-X24645 Datasheet
317Kb / 18P
   Advanced 2-Wire Serial E2PROM with Block LockTM Protection
X25642 ICMIC-X25642 Datasheet
135Kb / 16P
   Advanced SPI Serial E2PROM with Block Lock Protection
X24320 ICMIC-X24320 Datasheet
302Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
logo
Xicor Inc.
X24128 XICOR-X24128 Datasheet
87Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
X24320 XICOR-X24320 Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
logo
IC MICROSYSTEMS
X25128 ICMIC-X25128 Datasheet
135Kb / 15P
   SPI Serial E2PROM with Block Lock Protection
logo
Xicor Inc.
X25640 XICOR-X25640 Datasheet
64Kb / 14P
   Advanced SPI Serial E2PROM With Block LockTM Protection
logo
IC MICROSYSTEMS
X25650 ICMIC-X25650 Datasheet
134Kb / 14P
   5MHz SPI Serial E2PROM with Block Lock Protection
logo
Xicor Inc.
X24645 XICOR-X24645 Datasheet
84Kb / 18P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com