Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X24645P Datasheet(PDF) 10 Page - Xicor Inc.

Part # X24645P
Description  Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24645P Datasheet(HTML) 10 Page - Xicor Inc.

Back Button X24645P Datasheet HTML 6Page - Xicor Inc. X24645P Datasheet HTML 7Page - Xicor Inc. X24645P Datasheet HTML 8Page - Xicor Inc. X24645P Datasheet HTML 9Page - Xicor Inc. X24645P Datasheet HTML 10Page - Xicor Inc. X24645P Datasheet HTML 11Page - Xicor Inc. X24645P Datasheet HTML 12Page - Xicor Inc. X24645P Datasheet HTML 13Page - Xicor Inc. X24645P Datasheet HTML 14Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
X24645
10
Block Protect Bits
The Block Protect Bits BP0 and BP1 determine which
blocks of the memory are write-protected:
Programmable Hardware Write Protect
The Write Protect (WP) pin and the Write Protect
Enable (WPEN) bit in the Write Protect Register
control the programmable hardware write protect
feature. Hardware write protection is enabled when the
WP pin is HIGH and the WPEN bit is “1”, and disabled
when either the WP pin is LOW or the WPEN bit is “0”.
When the chip is hardware write-protected, nonvolatile
writes are disabled to the Write Protect Register,
including the BP bits and the WPEN bit itself, as well
as to block-protected sections in the memory array.
Only the sections of the memory array that are not
block-protected can be written. Note that since the
WPEN bit is write-protected, it cannot be changed
back to a LOW state, and write protection is disabled
as long as the the WP pin is held HIGH. Table 2
defines the write protection status for each state of
WPEN and WP.
Table 1. Block Protect Bits
2783 FRM T02
BP1
BP0
Protected
Addresses
0
0
None
0
1
1800h–1FFFh
Upper 1/4
1
0
1000h–1FFFh
Upper 1/2
1
1
0000h–1FFFh
Full Array (WPR
not included)
Table 2. Write Protect Status Table
2783 FRM T03.1
WP
WPEN
Memory Array
(Not Block
Protected)
Memory Array
(Block Protected)
BP Bits
WPEN Bit
L
X
Writable
Protected
Writable
Writable
X
0
Writable
Protected
Writable
Writable
H
1
Writable
Protected
Protected
Protected


Similar Part No. - X24645P

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X24645P ICMIC-X24645P Datasheet
317Kb / 18P
   Advanced 2-Wire Serial E2PROM with Block LockTM Protection
X24645P-2.7 ICMIC-X24645P-2.7 Datasheet
317Kb / 18P
   Advanced 2-Wire Serial E2PROM with Block LockTM Protection
X24645PG ICMIC-X24645PG Datasheet
317Kb / 18P
   Advanced 2-Wire Serial E2PROM with Block LockTM Protection
X24645PG-2.7 ICMIC-X24645PG-2.7 Datasheet
317Kb / 18P
   Advanced 2-Wire Serial E2PROM with Block LockTM Protection
X24645PI ICMIC-X24645PI Datasheet
317Kb / 18P
   Advanced 2-Wire Serial E2PROM with Block LockTM Protection
More results

Similar Description - X24645P

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24325 XICOR-X24325 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
X25642 XICOR-X25642 Datasheet
76Kb / 16P
   Advanced SPI Serial E 2 PROM with Block Lock TM Protection
X25128 XICOR-X25128 Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
X25330 XICOR-X25330 Datasheet
74Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X25650 XICOR-X25650 Datasheet
77Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X24640 XICOR-X24640 Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E 2 PROM with Block Lock
logo
IC MICROSYSTEMS
X25170 ICMIC-X25170 Datasheet
131Kb / 15P
   SPI Serial E 2 PROM with Block Lock ??Protection
X25256 ICMIC-X25256 Datasheet
488Kb / 17P
   5MHz SPI Serial E 2 PROM with Block Lock ??Protection
logo
Xicor Inc.
X24165 XICOR-X24165 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E2PROM with Block Lock Protection
X24F128 XICOR-X24F128 Datasheet
80Kb / 16P
   2-Wire SerialFlash with Block Lock TM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com