Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X24640P Datasheet(PDF) 11 Page - Xicor Inc.

Part # X24640P
Description  400KHz 2-Wire Serial E 2 PROM with Block Lock
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24640P Datasheet(HTML) 11 Page - Xicor Inc.

Back Button X24640P Datasheet HTML 7Page - Xicor Inc. X24640P Datasheet HTML 8Page - Xicor Inc. X24640P Datasheet HTML 9Page - Xicor Inc. X24640P Datasheet HTML 10Page - Xicor Inc. X24640P Datasheet HTML 11Page - Xicor Inc. X24640P Datasheet HTML 12Page - Xicor Inc. X24640P Datasheet HTML 13Page - Xicor Inc. X24640P Datasheet HTML 14Page - Xicor Inc. X24640P Datasheet HTML 15Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
X24640
11
ABSOLUTE MAXIMUM RATINGS*
Temperature under Bias
X24640 .......................................–65
°C to +135°C
Storage Temperature ........................–65
°C to +150°C
Voltage on any Pin with
Respect to VSS.................................... –1V to +7V
D.C. Output Current ..............................................5mA
Lead Temperature
(Soldering, 10 seconds) .............................. 300
°C
D.C. OPERATING CHARACTERISTICS
7038 FRM T06
CAPACITANCE TA = +25°C, f = 1MHz, VCC = 5V
7038 FRM T07
Notes: (1) Must perform a stop command prior to measurement.
(2) VIL min. and VIH max. are for reference only and are not 100% tested.
(3) This parameter is periodically sampled and not 100% tested.
Limits
Symbol
Parameter
Min.
Max.
Units
Test Conditions
ICC1
VCC Supply Current (Read)
1
mA
SCL = VCC X 0.1/VCC X 0.9 Levels
@ 400KHz, SDA = Open, All Other
Inputs =
VSS or VCC – 0.3V
ICC2
VCC Supply Current (Write)
3
mA
ISB1
(1)
VCC Standby Current
5
µA
SCL = SDA = VCC, All Other
Inputs =
VSS or VCC – 0.3V,
VCC = 5V ± 10%
ISB2
(1)
VCC Standby Current
1
µA
SCL = SDA = VCC, All Other
Inputs =
VSS or VCC – 0.3V,
VCC = 2.5V
ILI
Input Leakage Current
10
µA
VIN = VSS to VCC
ILO
Output Leakage Current
10
µA
VOUT = VSS to VCC
VlL
(2)
Input LOW Voltage
–0.5
VCC x 0.3
V
VIH
(2)
Input HIGH Voltage
VCC x 0.7
VCC + 0.5
V
VOL
Output LOW Voltage
0.4
V
IOL = 3mA
Vhys
(3)
Hysteresis of Schmitt
Trigger Inputs
VCC x 0.05
V
Symbol
Parameter
Max.
Units
Test Conditions
CI/O
(3)
Input/Output Capacitance (SDA)
8
pF
VI/O = 0V
CIN
(3)
Input Capacitance (S0, S1, S2, SCL, WP)
6
pF
VIN = 0V
RECOMMENDED OPERATING CONDITIONS
7038 FRM T04
Temperature
Min.
Max.
Commercial
0
°C
+70
°C
Industrial
–40
°C
+85
°C
7038 FRM T05
Supply Voltage
Limits
X24640
4.5V to 5.5V
X24640–2.5
2.5V to 5.5V
X24640–1.8
1.8V to 3.6V
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation
of the device at these or any other conditions above
those indicated in the operational sections of this
specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may
affect device reliability.


Similar Part No. - X24640P

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24641 XICOR-X24641 Datasheet
66Kb / 13P
   400 KHz 2-Wire Serial E 2 PROM
X24641S8 XICOR-X24641S8 Datasheet
66Kb / 13P
   400 KHz 2-Wire Serial E 2 PROM
X24641S8-1.8 XICOR-X24641S8-1.8 Datasheet
66Kb / 13P
   400 KHz 2-Wire Serial E 2 PROM
X24641S8-2.5 XICOR-X24641S8-2.5 Datasheet
66Kb / 13P
   400 KHz 2-Wire Serial E 2 PROM
X24641S8I XICOR-X24641S8I Datasheet
66Kb / 13P
   400 KHz 2-Wire Serial E 2 PROM
More results

Similar Description - X24640P

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X24320 ICMIC-X24320 Datasheet
302Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
logo
Xicor Inc.
X24128 XICOR-X24128 Datasheet
87Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
X24320 XICOR-X24320 Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
X24257 XICOR-X24257 Datasheet
502Kb / 19P
   400kHz 2-Wire Serial EEPROM with Block Lock
X24325 XICOR-X24325 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
X24645 XICOR-X24645 Datasheet
84Kb / 18P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
logo
IC MICROSYSTEMS
X25170 ICMIC-X25170 Datasheet
131Kb / 15P
   SPI Serial E 2 PROM with Block Lock ??Protection
logo
Xicor Inc.
X25128 XICOR-X25128 Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
logo
IC MICROSYSTEMS
X25256 ICMIC-X25256 Datasheet
488Kb / 17P
   5MHz SPI Serial E 2 PROM with Block Lock ??Protection
logo
Xicor Inc.
X25642 XICOR-X25642 Datasheet
76Kb / 16P
   Advanced SPI Serial E 2 PROM with Block Lock TM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com