Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X24325PI Datasheet(PDF) 3 Page - Xicor Inc.

Part # X24325PI
Description  Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24325PI Datasheet(HTML) 3 Page - Xicor Inc.

  X24325PI Datasheet HTML 1Page - Xicor Inc. X24325PI Datasheet HTML 2Page - Xicor Inc. X24325PI Datasheet HTML 3Page - Xicor Inc. X24325PI Datasheet HTML 4Page - Xicor Inc. X24325PI Datasheet HTML 5Page - Xicor Inc. X24325PI Datasheet HTML 6Page - Xicor Inc. X24325PI Datasheet HTML 7Page - Xicor Inc. X24325PI Datasheet HTML 8Page - Xicor Inc. X24325PI Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
X24325
3
DEVICE OPERATION
The X24325 supports a bidirectional bus oriented pro-
tocol. The protocol defines any device that sends data
onto the bus as a transmitter, and the receiving device
as the receiver. The device controlling the transfer is a
master and the device being controlled is the slave.
The master will always initiate data transfers, and pro-
vide the clock for both transmit and receive operations.
Therefore, the X24325 will be considered a slave in all
applications.
Clock and Data Conventions
Data states on the SDA line can change only during
SCL LOW. SDA state changes during SCL HIGH are
reserved for indicating start and stop conditions. Refer
to Figures 1 and 2.
Start Condition
All commands are preceded by the start condition,
which is a HIGH to LOW transition of SDA when SCL is
HIGH. The X24325 continuously monitors the SDA and
SCL lines for the start condition and will not respond to
any command until this condition has been met.
SCL
SDA
DATA STABLE
DATA
CHANGE
6552 ILL F04
SCL
SDA
START BIT
STOP BIT
6552 ILL F05
Figure 1. Data Validity
Figure 2. Definition of Start and Stop
Notes: (5) Typical values are for TA = 25°C and nominal supply voltage (5V)
(6) tWR is the minimum cycle time from the system perspective when polling techniques are not used. It is the maximum time the
device requires to perform the internal write operation.


Similar Part No. - X24325PI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24320 XICOR-X24320 Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
logo
IC MICROSYSTEMS
X24320 ICMIC-X24320 Datasheet
302Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
X24320AE ICMIC-X24320AE Datasheet
302Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
X24320AEG ICMIC-X24320AEG Datasheet
302Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
X24320AEP ICMIC-X24320AEP Datasheet
302Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
More results

Similar Description - X24325PI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24645 XICOR-X24645 Datasheet
84Kb / 18P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
X25642 XICOR-X25642 Datasheet
76Kb / 16P
   Advanced SPI Serial E 2 PROM with Block Lock TM Protection
X25128 XICOR-X25128 Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
X25330 XICOR-X25330 Datasheet
74Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X25650 XICOR-X25650 Datasheet
77Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X24640 XICOR-X24640 Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E 2 PROM with Block Lock
logo
IC MICROSYSTEMS
X25170 ICMIC-X25170 Datasheet
131Kb / 15P
   SPI Serial E 2 PROM with Block Lock ??Protection
X25256 ICMIC-X25256 Datasheet
488Kb / 17P
   5MHz SPI Serial E 2 PROM with Block Lock ??Protection
logo
Xicor Inc.
X24165 XICOR-X24165 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E2PROM with Block Lock Protection
X24F128 XICOR-X24F128 Datasheet
80Kb / 16P
   2-Wire SerialFlash with Block Lock TM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com