Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X24640 Datasheet(PDF) 4 Page - Xicor Inc.

Part # X24640
Description  400KHz 2-Wire Serial E 2 PROM with Block Lock
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24640 Datasheet(HTML) 4 Page - Xicor Inc.

  X24640 Datasheet HTML 1Page - Xicor Inc. X24640 Datasheet HTML 2Page - Xicor Inc. X24640 Datasheet HTML 3Page - Xicor Inc. X24640 Datasheet HTML 4Page - Xicor Inc. X24640 Datasheet HTML 5Page - Xicor Inc. X24640 Datasheet HTML 6Page - Xicor Inc. X24640 Datasheet HTML 7Page - Xicor Inc. X24640 Datasheet HTML 8Page - Xicor Inc. X24640 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
X24640
4
Figure 3. Acknowledge Response From Receiver
Stop Condition
All communications must be terminated by a stop
condition, which is a LOW to HIGH transition of SDA
when SCL is HIGH. The stop condition is also used to
place the device into the standby power mode after a
read sequence. A stop condition can only be issued
after the transmitting device has released the bus.
Acknowledge
Acknowledge is a software convention used to indicate
successful data transfer. The transmitting device,
either master or slave, will release the bus after trans-
mitting eight bits. During the ninth clock cycle the
receiver will pull the SDA line LOW to acknowledge
that it received the eight bits of data. Refer to Figure 3.
The device will respond with an acknowledge after
recognition of a start condition and its slave address. If
both the device and a write operation have been
selected, the device will respond with an acknowledge
after the receipt of each subsequent 8-bit word.
In the read mode the device will transmit eight bits of
data, release the SDA line and monitor the line for an
acknowledge. If an acknowledge is detected and no
stop condition is generated by the master, the device
will continue to transmit data. If an acknowledge is not
detected, the device will terminate further data trans-
missions. The master must then issue a stop condition
to return the device to the standby power mode and
place the device into a known state.
SCL FROM
MASTER
DATA OUTPUT
FROM
TRANSMITTER
1
8
9
DATA
OUTPUT
FROM
RECEIVER
START
ACKNOWLEDGE
7038 FM 05


Similar Part No. - X24640

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24641 XICOR-X24641 Datasheet
66Kb / 13P
   400 KHz 2-Wire Serial E 2 PROM
X24641S8 XICOR-X24641S8 Datasheet
66Kb / 13P
   400 KHz 2-Wire Serial E 2 PROM
X24641S8-1.8 XICOR-X24641S8-1.8 Datasheet
66Kb / 13P
   400 KHz 2-Wire Serial E 2 PROM
X24641S8-2.5 XICOR-X24641S8-2.5 Datasheet
66Kb / 13P
   400 KHz 2-Wire Serial E 2 PROM
X24641S8I XICOR-X24641S8I Datasheet
66Kb / 13P
   400 KHz 2-Wire Serial E 2 PROM
More results

Similar Description - X24640

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X24320 ICMIC-X24320 Datasheet
302Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
logo
Xicor Inc.
X24128 XICOR-X24128 Datasheet
87Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
X24320 XICOR-X24320 Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
X24257 XICOR-X24257 Datasheet
502Kb / 19P
   400kHz 2-Wire Serial EEPROM with Block Lock
X24325 XICOR-X24325 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
X24645 XICOR-X24645 Datasheet
84Kb / 18P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
logo
IC MICROSYSTEMS
X25170 ICMIC-X25170 Datasheet
131Kb / 15P
   SPI Serial E 2 PROM with Block Lock ??Protection
logo
Xicor Inc.
X25128 XICOR-X25128 Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
logo
IC MICROSYSTEMS
X25256 ICMIC-X25256 Datasheet
488Kb / 17P
   5MHz SPI Serial E 2 PROM with Block Lock ??Protection
logo
Xicor Inc.
X25642 XICOR-X25642 Datasheet
76Kb / 16P
   Advanced SPI Serial E 2 PROM with Block Lock TM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com