Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS6612 Datasheet(PDF) 6 Page - Silicon Standard Corp.

Part # SS6612
Description  High-Efficiency Synchronous Step-up DC/DC Converter with Selectable Current Limit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6612 Datasheet(HTML) 6 Page - Silicon Standard Corp.

Back Button SS6612 Datasheet HTML 2Page - Silicon Standard Corp. SS6612 Datasheet HTML 3Page - Silicon Standard Corp. SS6612 Datasheet HTML 4Page - Silicon Standard Corp. SS6612 Datasheet HTML 5Page - Silicon Standard Corp. SS6612 Datasheet HTML 6Page - Silicon Standard Corp. SS6612 Datasheet HTML 7Page - Silicon Standard Corp. SS6612 Datasheet HTML 8Page - Silicon Standard Corp. SS6612 Datasheet HTML 9Page - Silicon Standard Corp. SS6612 Datasheet HTML 10Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
www.SiliconStandard.com
6 of 16
Rev.2.02 12/06/2003
SS6612
TYPICAL PERFORMANCE CHARACTERISTICS
(Continued)
Fig. 7
Ripple Voltage (ref. to Fig.35)
Output Current (mA)
0
100
200
300
400
500
600
700
800
0
40
80
120
160
200
240
VIN=2.4V
VOUT=5.0V
L=22
µH
CIN=100µF
COUT=100µF
VIN=3.6V
VIN=1.2V
CLSEL=OUT (ILIMIT =1A)
Fig. 8
Efficiency vs. Output Current (ref. to Fig.35)
Output Current (mA)
0.01
0.1
1
10
100
1000
0
10
20
30
40
50
60
70
80
90
100
VIN=3.6V
VIN=1.2V
VIN=2.4V
CLSEL=GND (ILIMIT =0.65A)
VOUT=5V (FB=GND)
Fig. 9
Ripple Voltage (ref. to Fig.35)
Output Current (mA)
0
50
100
150
200
250
300
350
400
450
500
550
0
20
40
60
80
100
120
140
160
VOUT=5.0V
L=22
µH
CIN=47µF
COUT=47µF
VIN=3.6V
VIN=2.4V
VIN=1.2V
CLSEL=GND (ILIMIT =0.65A)
Fig. 10
Ripple Voltage (ref. to Fig.35)
Output Current (mA)
0
100
200
300
400
500
600
0
20
40
60
80
100
120
VIN=2.4V
VIN=1.2V
VOUT=5.0V
L=22
µH
CIN=100µF
COUT=100µF
VIN=3.6V
CLSEL=GND (ILIMIT =0.65A)
Fig. 11
Efficiency vs. Output Current (ref. to Fig.34)
Output Current (mA)
0.01
0.1
1
10
100
1000
0
10
20
30
40
50
60
70
80
90
100
VIN=2.4V
VIN=1.2V
CLSEL=OUT (ILIMIT =1A)
VOUT=3.3V (FB=OUT)
Fig. 12
Ripple Voltage (ref. to Fig.34)
Output Current (mA)
0
50
100
150
200
250
300
350
400
450
500
550
600
0
20
40
60
80
100
120
140
160
180
200
220
240
260
VIN=1.2V
VOUT=3.3V
L=22
µH
CIN=47µF
COUT=47µF
VIN=2.4V
CLSEL=OUT (ILIMIT =1A)


Similar Part No. - SS6612

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SS6610 ETC1-SS6610 Datasheet
548Kb / 16P
   High Efficiency Syncronous Step-up DC/DC Converter
SS6610COTR ETC1-SS6610COTR Datasheet
548Kb / 16P
   High Efficiency Syncronous Step-up DC/DC Converter
logo
Silicon Standard Corp.
SS6610G SSC-SS6610G Datasheet
1Mb / 16P
   High-efficiency Synchronous Step-up DC/DC Converter
SS6610GOTR SSC-SS6610GOTR Datasheet
1Mb / 16P
   High-efficiency Synchronous Step-up DC/DC Converter
logo
List of Unclassifed Man...
SS6611 ETC1-SS6611 Datasheet
548Kb / 16P
   High Efficiency Syncronous Step-up DC/DC Converter
More results

Similar Description - SS6612

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3125 LINER-LTC3125 Datasheet
297Kb / 16P
   1.2A Synchronous Step-Up DC/DC Converter with Input Current Limit
LTC3125 LINER-LTC3125_15 Datasheet
313Kb / 18P
   1.2A Synchronous Step-Up DC/DC Converter with Input Current Limit
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Silicon Standard Corp.
SS6620 SSC-SS6620 Datasheet
640Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10 Datasheet
537Kb / 16P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Analog Intergrations Co...
AIC1610 AIC-AIC1610 Datasheet
651Kb / 16P
   HIGH EFFICIENCY SYNCHRONOUS STEP-UP DC/DC CONVERTER
logo
Silicon Standard Corp.
SS6610G SSC-SS6610G Datasheet
1Mb / 16P
   High-efficiency Synchronous Step-up DC/DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10_10 Datasheet
537Kb / 16P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
ELM Electronics
ELM620BA ELM-ELM620BA Datasheet
892Kb / 10P
   high efficiency synchronous PWM step up DC/DC converter
logo
SHENZHEN FUMAN ELECTRON...
FM2306 FUMAN-FM2306 Datasheet
619Kb / 7P
   High efficiency PFM synchronous step-up DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com