Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS6610G Datasheet(PDF) 7 Page - Silicon Standard Corp.

Part # SS6610G
Description  High-efficiency Synchronous Step-up DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6610G Datasheet(HTML) 7 Page - Silicon Standard Corp.

Back Button SS6610G Datasheet HTML 3Page - Silicon Standard Corp. SS6610G Datasheet HTML 4Page - Silicon Standard Corp. SS6610G Datasheet HTML 5Page - Silicon Standard Corp. SS6610G Datasheet HTML 6Page - Silicon Standard Corp. SS6610G Datasheet HTML 7Page - Silicon Standard Corp. SS6610G Datasheet HTML 8Page - Silicon Standard Corp. SS6610G Datasheet HTML 9Page - Silicon Standard Corp. SS6610G Datasheet HTML 10Page - Silicon Standard Corp. SS6610G Datasheet HTML 11Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
www.SiliconStandard.com
7 of 16
SS6610/11G
4/21/2006 Rev.3.01
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Fig. 13
Ripple Voltage (ref. to Fig.32)
Output Current (mA)
0
50
100
150
200
250
300
350
400
450
500
550
0
20
40
60
80
100
120
140
VOUT=3.3V
CIN=100µF
COUT=100µF
VIN=1.2V
VIN=2.4V
SS6610 (ILIMIT =1A)
SS6610 (ILIMIT =1A)
Fig. 14
Efficiency vs. Load Current (ref. to Fig.32)
Output Current (mA)
0.01
1
10
100
1000
0
10
20
30
40
50
60
70
80
90
100
VIN=1.2V
VIN=2.4V
SS6611 (I LIMIT =0.65A)
VOUT=3.3V (FB=OUT)
Fig. 15
Ripple Voltage (ref. to Fig.32)
Output Current (mA)
0
50
100
150
200
250
300
350
400
450
500
0
20
40
60
80
100
120
140
VOUT=3.3V
L=22
µH
CIN=47µF
COUT=47µF
VIN=1.2V
VIN=2.4V
SS6611 (I LIMIT =0.65A)
Fig. 16
Ripple Voltage (ref. to Fig.32)
Output Current (mA)
0
50
100
150
200
250
300
350
400
450
500
0
10
20
30
40
50
60
70
80
90
100
110
120
VOUT=3.3V
L=22
µH
CIN=100µF
COUT=100µF
VIN=1.2V
VIN=2.4V
SS6611 (ILIMIT =0.65A)
Fig. 17
Reference Voltage vs. Temperature
Temperature (
°C)
-40
-20
0
20
40
60
80
1.20
1.21
1.22
1.23
1.24
1.25
1.26
IREF=0
Fig. 18
Switch Resistance vs. Temperature
Temperature (°C)
-
60
-
40
-20
0
20
40
60
80
100
0.
00
0.
05
0.
10
0.
15
0.
20
0.25
0.
30
0.35
0.
40
0.45
0.50
P-Channel
N-Channel
VOUT=3.3V
ILX=100mA


Similar Part No. - SS6610G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SS6610 ETC1-SS6610 Datasheet
548Kb / 16P
   High Efficiency Syncronous Step-up DC/DC Converter
SS6610COTR ETC1-SS6610COTR Datasheet
548Kb / 16P
   High Efficiency Syncronous Step-up DC/DC Converter
More results

Similar Description - SS6610G

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Silicon Standard Corp.
SS6620 SSC-SS6620 Datasheet
640Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10 Datasheet
537Kb / 16P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Analog Intergrations Co...
AIC1610 AIC-AIC1610 Datasheet
651Kb / 16P
   HIGH EFFICIENCY SYNCHRONOUS STEP-UP DC/DC CONVERTER
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10_10 Datasheet
537Kb / 16P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
ELM Electronics
ELM620BA ELM-ELM620BA Datasheet
892Kb / 10P
   high efficiency synchronous PWM step up DC/DC converter
logo
SHENZHEN FUMAN ELECTRON...
FM2306 FUMAN-FM2306 Datasheet
619Kb / 7P
   High efficiency PFM synchronous step-up DC/DC converter
logo
Shenzhen Huazhimei Semi...
HM6313 HMSEMI-HM6313 Datasheet
1Mb / 11P
   High Efficiency Low Voltage Synchronous Step-up DC/DC Converter
logo
Active-Semi, Inc
ACT6305 ACTIVE-SEMI-ACT6305_11 Datasheet
432Kb / 9P
   Low Input High Efficiency Synchronous Step-Up DC/DC Converter
Rev 2, 22-Feb-11
logo
AiT Semiconductor Inc.
A7544 AITSEMI-A7544 Datasheet
783Kb / 14P
   DC-DC CONVERTER BOOST (STEP-UP) HIGH EFFICIENCY 5A SYNCHRONOUS
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com