Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X22C10DM Datasheet(PDF) 4 Page - Xicor Inc.

Part # X22C10DM
Description  Nonvolatile Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X22C10DM Datasheet(HTML) 4 Page - Xicor Inc.

  X22C10DM Datasheet HTML 1Page - Xicor Inc. X22C10DM Datasheet HTML 2Page - Xicor Inc. X22C10DM Datasheet HTML 3Page - Xicor Inc. X22C10DM Datasheet HTML 4Page - Xicor Inc. X22C10DM Datasheet HTML 5Page - Xicor Inc. X22C10DM Datasheet HTML 6Page - Xicor Inc. X22C10DM Datasheet HTML 7Page - Xicor Inc. X22C10DM Datasheet HTML 8Page - Xicor Inc. X22C10DM Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
X22C10
4
MODE SELECTION
CE
WE
RECALL
STORE
I/O
Mode
H
X
H
H
Output High Z
Not Selected(3)
L
H
H
H
Output Data
Read RAM
L
L
H
H
Input Data HIGH
Write “1” RAM
L
L
H
H
Input Data LOW
Write “0” RAM
X
H
L
H
Output High Z
Array Recall
H
X
L
H
Output High Z
Array Recall
X
H
H
L
Output High Z
Nonvolatile Store(4)
H
X
H
L
Output High Z
Nonvolatile Store(4)
3815 PGM T05.1
POWER-UP TIMING
Symbol
Parameter
Max.
Units
tPUR(5)
Power-up to Read Operation
100
µs
tPUW(5)
Power-up to Write or Store Operation
5
ms
3815 PGM T07
ENDURANCE AND DATA RETENTION
Parameter
Min.
Units
Endurance
100,000
Data Changes Per Bit
Store Cycles
1,000,000
Store Cycles
Data Retention
100
Years
3815 PGM T06
A.C. CONDITIONS OF TEST
Input Pulse Levels
0V to 3V
Input Rise and
Fall Times
10ns
Input and Output
Timing Levels
1.5V
3815 PGM T04.1
EQUIVALENT A.C. LOAD CIRCUIT
Notes: (3) Chip is deselected but may be automatically completing a store cycle.
(4)
STORE = LOW is required only to initiate the store cycle, after which the store cycle will be automatically completed
(e.g.
STORE = X).
(5) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated. These
parameters are periodically sampled and not 100% tested.
3815 FHD F09.1
919
497
OUTPUT
100pF
5V


Similar Part No. - X22C10DM

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X22C12 XICOR-X22C12 Datasheet
60Kb / 12P
   Nonvolatile Static RAM
X22C12D XICOR-X22C12D Datasheet
60Kb / 12P
   Nonvolatile Static RAM
X22C12DI XICOR-X22C12DI Datasheet
60Kb / 12P
   Nonvolatile Static RAM
X22C12DM XICOR-X22C12DM Datasheet
60Kb / 12P
   Nonvolatile Static RAM
X22C12DMB XICOR-X22C12DMB Datasheet
60Kb / 12P
   Nonvolatile Static RAM
More results

Similar Description - X22C10DM

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X2212 XICOR-X2212 Datasheet
361Kb / 8P
   Nonvolatile Static RAM
X22C12 XICOR-X22C12 Datasheet
60Kb / 12P
   Nonvolatile Static RAM
X20C04 XICOR-X20C04 Datasheet
67Kb / 15P
   Nonvolatile Static RAM
X24C44 XICOR-X24C44 Datasheet
60Kb / 15P
   Serial Nonvolatile Static RAM
logo
ON Semiconductor
CAT22C10J-30 ONSEMI-CAT22C10J-30 Datasheet
177Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
Doc. No. MD-1082, Rev. R
CAT22C10LI-20 ONSEMI-CAT22C10LI-20 Datasheet
177Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
Doc. No. MD-1082, Rev. R
logo
Catalyst Semiconductor
CAT22C10 CATALYST-CAT22C10 Datasheet
70Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
CAT22C10 CATALYST-CAT22C10_04 Datasheet
508Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
logo
ON Semiconductor
CAT22C10 ONSEMI-CAT22C10 Datasheet
177Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
Doc. No. MD-1082, Rev. R
CAT24C44 ONSEMI-CAT24C44_08 Datasheet
65Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com