Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X24022S Datasheet(PDF) 6 Page - Xicor Inc.

Part # X24022S
Description  Serial E2PROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24022S Datasheet(HTML) 6 Page - Xicor Inc.

Back Button X24022S Datasheet HTML 2Page - Xicor Inc. X24022S Datasheet HTML 3Page - Xicor Inc. X24022S Datasheet HTML 4Page - Xicor Inc. X24022S Datasheet HTML 5Page - Xicor Inc. X24022S Datasheet HTML 6Page - Xicor Inc. X24022S Datasheet HTML 7Page - Xicor Inc. X24022S Datasheet HTML 8Page - Xicor Inc. X24022S Datasheet HTML 9Page - Xicor Inc. X24022S Datasheet HTML 10Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
X24022
Flow 1. ACK Polling Sequence
Page Write
The X24022 is capable of an four byte page write
operation. It is initiated in the same manner as the byte
write operation, but instead of terminating the write cycle
after the first data word is transferred, the master can
transmit up to three more words. After the receipt of each
word, the X24022 will respond with an acknowledge.
After the receipt of each word, the two low order address
bits are internally incremented by one. The high order
five bits of the address remain constant. If the master
should transmit more than four words prior to generating
the stop condition, the address counter will “roll over”
and the previously written data will be overwritten. As
with the byte write operation, all inputs are disabled until
completion of the internal write cycle. Refer to Figure 6
for the address, acknowledge and data transfer
sequence.
Acknowledge Polling
The disabling of the inputs, during the internal write
operation, can be used to take advantage of the typical
5 ms write cycle time. Once the stop condition is issued
to indicate the end of the host’s write operation the
X24022 initiates the internal write cycle. ACK polling can
be initiated immediately. This involves issuing the start
condition followed by the slave address for a write
operation. If the X24022 is still busy with the write
operation no ACK will be returned. If the X24022 has
completed the write operation an ACK will be returned
and the master can then proceed with the next read or
write operation (See Flow 1).
WRITE OPERATION
COMPLETED
ENTER ACK POLLING
ISSUE
START
ISSUE SLAVE
ADDRESS AND R/W = 0
ACK
RETURNED?
NEXT
OPERATION
A WRITE?
ISSUE BYTE
ADDRESS
PROCEED
ISSUE STOP
NO
YES
YES
PROCEED
ISSUE STOP
NO
3848 FHD F11
Figure 6. Page Write
3848 FHD F12
BUS ACTIVITY:
MASTER
SDA LINE
BUS ACTIVITY:
X24022
S
T
A
R
T
SLAVE
ADDRESS
S
S
T
O
P
P
A
C
K
A
C
K
A
C
K
A
C
K
A
C
K
WORD
ADDRESS (n)
DATA n
DATA n+1
DATA n+3
NOTE: In this example n = xxxx 0000(B); x = 1 or 0


Similar Part No. - X24022S

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X2402 XICOR-X2402 Datasheet
327Kb / 10P
   Electrically Erasable PROM
X24026 XICOR-X24026 Datasheet
64Kb / 15P
   Serial E2PROM
logo
IC MICROSYSTEMS
X24026 ICMIC-X24026 Datasheet
256Kb / 15P
   Serial E2PROM
logo
Xicor Inc.
X24026H XICOR-X24026H Datasheet
64Kb / 15P
   Serial E2PROM
logo
IC MICROSYSTEMS
X24026H ICMIC-X24026H Datasheet
256Kb / 15P
   Serial E2PROM
More results

Similar Description - X24022S

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24C04 XICOR-X24C04 Datasheet
78Kb / 18P
   Serial E2PROM
logo
IC MICROSYSTEMS
X24C02 ICMIC-X24C02 Datasheet
295Kb / 16P
   Serial E2PROM
X24C01A ICMIC-X24C01A Datasheet
272Kb / 13P
   Serial E2PROM
logo
Xicor Inc.
X24042 XICOR-X24042 Datasheet
62Kb / 15P
   Serial E2PROM
X24C00 XICOR-X24C00 Datasheet
44Kb / 11P
   Serial E2PROM
X24C08 XICOR-X24C08 Datasheet
62Kb / 16P
   Serial E2PROM
X24012 XICOR-X24012 Datasheet
59Kb / 14P
   Serial E2PROM
X24C02 XICOR-X24C02 Datasheet
66Kb / 16P
   Serial E2PROM
X24026 XICOR-X24026 Datasheet
64Kb / 15P
   Serial E2PROM
X24C01 XICOR-X24C01 Datasheet
56Kb / 14P
   Serial E2PROM
X24C16 XICOR-X24C16 Datasheet
62Kb / 15P
   Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com