Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS6526-1GOTR Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS6526-1GOTR
Description  Dual USB High-Side Power Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6526-1GOTR Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS6526-1GOTR Datasheet HTML 1Page - Silicon Standard Corp. SS6526-1GOTR Datasheet HTML 2Page - Silicon Standard Corp. SS6526-1GOTR Datasheet HTML 3Page - Silicon Standard Corp. SS6526-1GOTR Datasheet HTML 4Page - Silicon Standard Corp. SS6526-1GOTR Datasheet HTML 5Page - Silicon Standard Corp. SS6526-1GOTR Datasheet HTML 6Page - Silicon Standard Corp. SS6526-1GOTR Datasheet HTML 7Page - Silicon Standard Corp. SS6526-1GOTR Datasheet HTML 8Page - Silicon Standard Corp. SS6526-1GOTR Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
10/23/2007 Rev.1.00
www.SiliconStandard.com
2
TYPICAL APPLICATION CIRCUIT
D+
D-
GND
VBUS
OVERCURRENT
IN
OUTA
GND
CTLA
FLGA
FLGB
CTLB OUTB
AIC1526
USB Controller
GND
ON/OFF
4.50V to 5.25V
Upstream VBUS
100mA max
DATA
D+
D-
GND
VBUS
0.01
µF
33
µF
*
+
DATA
0.01
µF
33
µF
*
+
DATA
0.1
µF
10K
10K
33
µF
5.0V
VCC
Ferrite
Bead
OVERCURRENT
VIN
ON/
D+
D-
GND
VBUS
SS6722
OUT
IN
GND
+
1
µF
CIN
10
µF
COUT
+
+
*
33
µF, 16V Tantalum, or
100
µF, 10V Electrolytic
Bold line indicate high- current traces
Two-Port Self-Powered Hub
ORDERING INFORMATION
PACKING TYPE
TR: TAPE & REEL
TB: TUBE
PACKAGING TYPE
N: DIP-8
S: SOP-8
O: MSOP-8
C: Commercial
G: Lead Free Commercial
CONTROL POLARITY
0: Active Low
1: Active High
Example:
SS6526-0CSTR
Active Low Version, in SOP-8 Package & Taping
& Reel Packing Type
(CN is not available in TR packing)
SS6526-1PSTR
Active High Version, in Lead Free SOP-8 Package
& Taping & Reel Packing Type
PIN CONFIGURATION
DIP-8
SOP-8
TOP VIEW
GND
OUTA
IN
OUTB
FLGB
FLGA
CTLB
CTLA 1
3
4
2
8
6
5
7
OUTB
OUTA
IN
GND
FLGB
FLGA
CTLB
CTLA 1
3
4
2
8
6
5
7
MSOP-8
TOP VIEW
SS6526 - XXXXX
SS6526


Similar Part No. - SS6526-1GOTR

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6520 SSC-SS6520 Datasheet
505Kb / 7P
   USB High-Side Power Switch
SS6520CXBG SSC-SS6520CXBG Datasheet
505Kb / 7P
   USB High-Side Power Switch
SS6520CXTR SSC-SS6520CXTR Datasheet
505Kb / 7P
   USB High-Side Power Switch
SS6520CZBG SSC-SS6520CZBG Datasheet
505Kb / 7P
   USB High-Side Power Switch
SS6520CZTR SSC-SS6520CZTR Datasheet
505Kb / 7P
   USB High-Side Power Switch
More results

Similar Description - SS6526-1GOTR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US2076B UTC-US2076B Datasheet
224Kb / 8P
   DUAL USB HIGH-SIDE POWER SWITCHDUAL USB HIGH-SIDE POWER SWITCH
logo
Anachip Corp
AP1212 ANACHIP-AP1212 Datasheet
246Kb / 11P
   Dual USB High-Side Power Switch
logo
Unisonic Technologies
US2076 UTC-US2076 Datasheet
247Kb / 8P
   DUAL USB HIGH-SIDE POWER SWITCH
US3076 UTC-US3076_15 Datasheet
236Kb / 7P
   DUAL USB HIGH-SIDE POWER SWITCH
logo
Analog Intergrations Co...
AIC1517 AIC-AIC1517 Datasheet
187Kb / 11P
   Dual USB High-Side Power Switch
logo
Unisonic Technologies
US3376 UTC-US3376_15 Datasheet
236Kb / 7P
   DUAL USB HIGH-SIDE POWER SWITCH
US2076A UTC-US2076A Datasheet
265Kb / 8P
   DUAL USB HIGH-SIDE POWER SWITCH
logo
Sipex Corporation
SP2526A SIPEX-SP2526A Datasheet
91Kb / 10P
   Dual USB High-Side Power Switch
logo
Diodes Incorporated
AP1212 DIODES-AP1212 Datasheet
282Kb / 12P
   DUAL USB HIGH-SIDE POWER SWITCH
AP1212 Rev. 2
logo
Analog Intergrations Co...
AIC1526 AIC-AIC1526 Datasheet
245Kb / 8P
   Dual USB High-Side Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com