Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X20C17P-45 Datasheet(PDF) 4 Page - Xicor Inc.

Part # X20C17P-45
Description  High Speed AUTOSTORE??NOVRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X20C17P-45 Datasheet(HTML) 4 Page - Xicor Inc.

  X20C17P-45 Datasheet HTML 1Page - Xicor Inc. X20C17P-45 Datasheet HTML 2Page - Xicor Inc. X20C17P-45 Datasheet HTML 3Page - Xicor Inc. X20C17P-45 Datasheet HTML 4Page - Xicor Inc. X20C17P-45 Datasheet HTML 5Page - Xicor Inc. X20C17P-45 Datasheet HTML 6Page - Xicor Inc. X20C17P-45 Datasheet HTML 7Page - Xicor Inc. X20C17P-45 Datasheet HTML 8Page - Xicor Inc. X20C17P-45 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
X20C17
4
D.C. OPERATING CHARACTERISTICS (Over recommended operating conditions unless otherwise specified.)
Limits
Symbol
Parameter
Min.
Max.
Units
Test Conditions
lCC1
VCC Current (Active)
100
mA
WE = VIH, CE = OE = VIL
Address Inputs = 0.4V/2.4V Levels
@ f = 20MHz, All I/Os = Open
ICC2(2)
VCC Current During
2.5
mA
All I/Os = Open
AUTOSTORE
ISB1
VCC Standby Current
10
mA
All Inputs = VIH, All I/Os = Open
(TTL Input)
ISB2
VCC Standby Current
250
µA
All Inputs = VCC – 0.3V
(CMOS Input)
All I/Os = Open
ILI
Input Leakage Current
10
µAVIN = VSS to VCC
ILO
Output Leakage Current
10
µAVOUT = VSS to VCC, CE = VIH
VIL(1)
Input LOW Voltage
–1
0.8
V
VIH(1)
Input HIGH Voltage
2
VCC + 1
V
VOL
Output LOW Voltage
0.4
V
IOL = 4mA
VOH
Output HIGH Voltage
2.4
V
IOH = –4mA
2015 PGM T04.3
ABSOLUTE MAXIMUM RATINGS*
Temperature under Bias .................. –65
°C to +135°C
Storage Temperature ....................... –65
°C to +150°C
Voltage on any Pin with
Respect to VSS ....................................... –1V to +7V
D.C. Output Current ........................................... 10mA
Lead Temperature (Soldering, 10 seconds) ...... 300
°C
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation of
the device at these or any conditions other than those
indicated in the operational sections of this specification is
not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Temperature
Min.
Max.
Commercial
0
°C
+70
°C
Industrial
–40
°C
+85
°C
Military
–55
°C
+125
°C
2015 PGM T02.1
Supply Voltage
Limits
X20C17
4.5V to 5.25V
2015 PGM T03.1
POWER-UP TIMING
Symbol
Parameter
Max.
Units
tPUR(2)
Power-Up to RAM Operation
100
µs
tPUW(2)
Power-Up to Nonvolatile Operation
5
ms
2015 PGM T05
Notes: (1) VIL min. and VIH max. are for reference only and are not tested.
(2) This parameter is periodically sampled and not 100% tested.
CAPACITANCE TA = +25°C, f = 1MHz, VCC = 5V.
Symbol
Test
Max.
Units
Conditions
CI/O(2)
Input/Output Capacitance
10
pF
VI/O = 0V
CIN(2)
Input Capacitance
6
pF
VIN = 0V
2015 PGM T06.2


Similar Part No. - X20C17P-45

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X20C16 XICOR-X20C16 Datasheet
94Kb / 21P
   High Speed AUTOSTORE??NOVRAM
X20C16D-35 XICOR-X20C16D-35 Datasheet
94Kb / 21P
   High Speed AUTOSTORE??NOVRAM
X20C16D-45 XICOR-X20C16D-45 Datasheet
94Kb / 21P
   High Speed AUTOSTORE??NOVRAM
X20C16D-55 XICOR-X20C16D-55 Datasheet
94Kb / 21P
   High Speed AUTOSTORE??NOVRAM
X20C16DI-35 XICOR-X20C16DI-35 Datasheet
94Kb / 21P
   High Speed AUTOSTORE??NOVRAM
More results

Similar Description - X20C17P-45

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X20C05 XICOR-X20C05 Datasheet
82Kb / 19P
   High Speed AUTOSTORE??NOVRAM
X20C16 XICOR-X20C16 Datasheet
94Kb / 21P
   High Speed AUTOSTORE??NOVRAM
XM20C64 XICOR-XM20C64 Datasheet
60Kb / 11P
   High Speed AUTOSTORE??NOVRAM
logo
Intersil Corporation
X24C45 INTERSIL-X24C45 Datasheet
192Kb / 12P
   Serial AUTOSTORE NOVRAM
logo
Xicor Inc.
X24C45 XICOR-X24C45 Datasheet
58Kb / 14P
   Serial AUTOSTORE??NOVRAM
X25401 XICOR-X25401 Datasheet
57Kb / 14P
   SPI Serial AUTOSTORE??NOVRAM
logo
Renesas Technology Corp
X24C45 RENESAS-X24C45 Datasheet
499Kb / 12P
   256 Bit, 16 x 16 Bit Serial AUTOSTORE™ NOVRAM
June 1, 2005
logo
Simtek Corporation
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK14CA8 SIMTEK-STK14CA8 Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com