Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS6521-1COTR Datasheet(PDF) 8 Page - Silicon Standard Corp.

Part # SS6521-1COTR
Description  Single High-Side Power Switch With Control Function
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6521-1COTR Datasheet(HTML) 8 Page - Silicon Standard Corp.

  SS6521-1COTR Datasheet HTML 1Page - Silicon Standard Corp. SS6521-1COTR Datasheet HTML 2Page - Silicon Standard Corp. SS6521-1COTR Datasheet HTML 3Page - Silicon Standard Corp. SS6521-1COTR Datasheet HTML 4Page - Silicon Standard Corp. SS6521-1COTR Datasheet HTML 5Page - Silicon Standard Corp. SS6521-1COTR Datasheet HTML 6Page - Silicon Standard Corp. SS6521-1COTR Datasheet HTML 7Page - Silicon Standard Corp. SS6521-1COTR Datasheet HTML 8Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
www.SiliconStandard.com
8 of 8
SS6521
Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard Corporation makes no
guarantee or warranty, express or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no
responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its
use. Silicon Standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including
without limitation enhancement in reliability, functionality or design. No license is granted, whether expressly or by implication, in relation to
the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of
Silicon Standard Corporation or any third parties.

 !%% %'!)-1 %% /!$%"
%5 %"$ "!8($'! !$68%$(
"" $!$!8,!($%! $
!"
PHYSICAL DIMENSIONS
#"
 
C1#
0
D

9<
E9



1
&
@&

@
@
2
E
@

E
@

<

:&

#
:
<<

,
#

-

.



#"
 
C1#
0
D

@
9



1
@@


E

2
:&


@&
:

9C+

&
<
#
:
9

,
#

-

.



Rev.2.01 6/26/2003


Similar Part No. - SS6521-1COTR

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6520 SSC-SS6520 Datasheet
505Kb / 7P
   USB High-Side Power Switch
SS6520CXBG SSC-SS6520CXBG Datasheet
505Kb / 7P
   USB High-Side Power Switch
SS6520CXTR SSC-SS6520CXTR Datasheet
505Kb / 7P
   USB High-Side Power Switch
SS6520CZBG SSC-SS6520CZBG Datasheet
505Kb / 7P
   USB High-Side Power Switch
SS6520CZTR SSC-SS6520CZTR Datasheet
505Kb / 7P
   USB High-Side Power Switch
More results

Similar Description - SS6521-1COTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1521 AIC-AIC1521 Datasheet
178Kb / 9P
   Single High-Side Power Switch With Control Function
logo
Sanken electric
SI-5151S SANKEN-SI-5151S Datasheet
28Kb / 2P
   High-side Power Switch with Diagnostic Function
SI-5152S SANKEN-SI-5152S Datasheet
28Kb / 2P
   High-side Power Switch with Diagnostic Function
SI-5155S SANKEN-SI-5155S Datasheet
28Kb / 2P
   High-side Power Switch with Diagnostic Function
logo
Analog Intergrations Co...
AIC1520 AIC-AIC1520 Datasheet
212Kb / 7P
   Single High-Side Power Switch
logo
Sanken electric
SI-5154S SANKEN-SI-5154S Datasheet
28Kb / 2P
   High-side Power Switch with Diagnostic Function and Built-in Zener Diode
SI-5153S SANKEN-SI-5153S Datasheet
27Kb / 2P
   High-side Power Switch with Diagnostic Function and Built-in Zener Diode
logo
Torex Semiconductor
XC8107-15 TOREX-XC8107-15 Datasheet
707Kb / 27P
   High Function Power Switch
XC8108 TOREX-XC8108_15 Datasheet
660Kb / 25P
   High Function Power Switch
logo
Freescale Semiconductor...
33981 FREESCALE-33981_09 Datasheet
4Mb / 37P
   Single High Side Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com