Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q-716-BW Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # Q-716-BW
Description  NEMA 5-20P STRAIGHT BLADE DEVICE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

Q-716-BW Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  Q-716-BW Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NOTES:
1.
RATING: 20A 125VAC
2.
COLOR: BLACK/WHITE
3.
CORD CLAMP: ACCEPTS 18/3 - 12/3 CABLE
4.
TERMINAL I.D.:
A. GROUND TERMINAL SCREW GREEN AND MARKED “GR”
B. LINE TERMINAL SCREW BLACK
C. NEUTRAL TERMINAL SCREW WHITE AND MARKED WITH “W”
5.
APPROVALS: UL/cUL LISTED: E139592
6.
ROHS COMPLIANT
THESE DRAWINGS ARE THE PROPERTY OF QUALTEK
ELECTRONICS AND NOT TO BE REPRODUCED FOR OR
COMMUNICATED TO A THIRD PARTY WITHOUT THE
EXPRESS WRITTEN PERMISSION OF AN OFFICER OF
QUALTEK ELECTRONICS.
Qualtek Electronics Corp.
PPC DIVISION
Part Number:
Q-716-BW
Description:
NEMA 5-20P STRAIGHT BLADE DEVICE
Tolerance
+/-
(mm)
Dim
range
(mm)
0-1
1-6
6-18
18-50
50-120
120-250
250-500
0.15
0.20
0.30
0.50
0.70
0.90
1.20
Drawn / Date
Checked / Date
Approved / Date
R.Nuti
04-15-09
04-15-09
LY / 04-15-09
UNIT: mm
CONTROLLED
APPROVED
DATE
DESCRIPTION
REV.
REVISION
20.5 ± 0.5
50.9 ± 2.0
16 ± 0.5


Similar Part No. - Q-716-BW

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
Q-716-RA QUALTEK-Q-716-RA Datasheet
192Kb / 1P
   NEMA 5-20P ANGLED STRAIGHT BLADE DEVICE
More results

Similar Description - Q-716-BW

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
Q-716 QUALTEK-Q-716 Datasheet
201Kb / 1P
   NEMA 5-20P STRAIGHT BLADE DEVICE
Q-716-RA QUALTEK-Q-716-RA Datasheet
192Kb / 1P
   NEMA 5-20P ANGLED STRAIGHT BLADE DEVICE
Q-726 QUALTEK-Q-726 Datasheet
201Kb / 1P
   NEMA 6-20P STRAIGHT BLADE DEVICE
Q-726-BW QUALTEK-Q-726-BW Datasheet
198Kb / 1P
   NEMA 6-20P STRAIGHT BLADE DEVICE
Q-726-RA QUALTEK-Q-726-RA Datasheet
190Kb / 1P
   NEMA 6-20P ANGLED STRAIGHT BLADE DEVICE
Q-712 QUALTEK-Q-712 Datasheet
201Kb / 1P
   NEMA 5-15R STRAIGHT BLADE DEVICE
Q-710 QUALTEK-Q-710 Datasheet
200Kb / 1P
   NEMA 5-15P STRAIGHT BLADE DEVICE
Q-710-BW QUALTEK-Q-710-BW Datasheet
196Kb / 1P
   NEMA 5-15P STRAIGHT BLADE DEVICE
Q-712-BW QUALTEK-Q-712-BW Datasheet
198Kb / 1P
   NEMA 5-15R STRAIGHT BLADE DEVICE
Q-718-BW QUALTEK-Q-718-BW Datasheet
194Kb / 1P
   NEMA 5-20R STRAIGHT BLADE DEVICE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com