Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF4004-T3 Datasheet(PDF) 3 Page - Won-Top Electronics

Part # UF4004-T3
Description  1.0A ULTRAFAST RECOVERY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

UF4004-T3 Datasheet(HTML) 3 Page - Won-Top Electronics

  UF4004-T3 Datasheet HTML 1Page - Won-Top Electronics UF4004-T3 Datasheet HTML 2Page - Won-Top Electronics UF4004-T3 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
UF4001 – UF4007
3 of 3
© 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.!
!
!
!
Package Type
Shipping Quantity
UF4001-T3
DO-41
5000/Tape & Reel
UF4001-TB
DO-41
5000/Tape & Box
UF4001
DO-41
1000 Units/Box
UF4002-T3
DO-41
5000/Tape & Reel
UF4002-TB
DO-41
5000/Tape & Box
UF4002
DO-41
1000 Units/Box
UF4003-T3
DO-41
5000/Tape & Reel
UF4003-TB
DO-41
5000/Tape & Box
UF4003
DO-41
1000 Units/Box
UF4004-T3
DO-41
5000/Tape & Reel
UF4004-TB
DO-41
5000/Tape & Box
UF4004
DO-41
1000 Units/Box
UF4005-T3
DO-41
5000/Tape & Reel
UF4005-TB
DO-41
5000/Tape & Box
UF4005
DO-41
1000 Units/Box
UF4006-T3
DO-41
5000/Tape & Reel
UF4006-TB
DO-41
5000/Tape & Box
UF4006
DO-41
1000 Units/Box
UF4007-T3
DO-41
5000/Tape & Reel
UF4007-TB
DO-41
5000/Tape & Box
UF4007
DO-41
1000 Units/Box
Products listed in bold are WTE Preferred devices.
!T3 suffix refers to a 13” reel. TB suffix refers to Ammo Pack.
Shipping quantity given is for minimum packing quantity only. For minimum order
quantity, please consult the Sales Department.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
Wepoweryoureveryday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - UF4004-T3

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
UF4004-T3 WTE-UF4004-T3 Datasheet
56Kb / 4P
   1.0A ULTRAFAST DIODE
More results

Similar Description - UF4004-T3

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
HFM101 ZSELEC-HFM101 Datasheet
140Kb / 2P
   1.0A GLASS PASSIVATED ULTRAFAST RECOVERY DIODE
US1AW ZSELEC-US1AW Datasheet
97Kb / 2P
   1.0A GLASS PASSIVATED ULTRAFAST RECOVERY DIODE
US1000FL ZSELEC-US1000FL Datasheet
150Kb / 2P
   1.0A GLASS PASSIVATED ULTRAFAST RECOVERY DIODE
logo
Diodes Incorporated
FR106 DIODES-FR106 Datasheet
58Kb / 2P
   1.0A FAST RECOVERY RECTIFIER
DS26001 Rev. D-3
1N4933 DIODES-1N4933_1 Datasheet
67Kb / 3P
   1.0A FAST RECOVERY RECTIFIER
DS26002 Rev. 6 - 2
logo
Torex Semiconductor
XBF10A40S-G TOREX-XBF10A40S-G Datasheet
241Kb / 5P
   1.0A Fast Recovery Rectifier
logo
Diodes Incorporated
PR1001 DIODES-PR1001 Datasheet
62Kb / 2P
   1.0A FAST RECOVERY RECTIFIER
DS26008 Rev. A-2
PR1001 DIODES-PR1001_2 Datasheet
78Kb / 3P
   1.0A FAST RECOVERY RECTIFIER
DS26008 Rev. 4 - 2
logo
Won-Top Electronics
BA157 WTE-BA157 Datasheet
48Kb / 3P
   1.0A FAST RECOVERY RECTIFIER
logo
NTE Electronics
1N4001 NTE-1N4001 Datasheet
235Kb / 2P
   1.0A Standard Recovery Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com