Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X20C05 Datasheet(PDF) 10 Page - Xicor Inc.

Part # X20C05
Description  High Speed AUTOSTORE??NOVRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X20C05 Datasheet(HTML) 10 Page - Xicor Inc.

Back Button X20C05 Datasheet HTML 6Page - Xicor Inc. X20C05 Datasheet HTML 7Page - Xicor Inc. X20C05 Datasheet HTML 8Page - Xicor Inc. X20C05 Datasheet HTML 9Page - Xicor Inc. X20C05 Datasheet HTML 10Page - Xicor Inc. X20C05 Datasheet HTML 11Page - Xicor Inc. X20C05 Datasheet HTML 12Page - Xicor Inc. X20C05 Datasheet HTML 13Page - Xicor Inc. X20C05 Datasheet HTML 14Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
X20C05
10
Software Command Timing Limits
X20C05-35
X20C05-45
X20C05-55
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Units
tSTO
Store Cycle Time
5
5
5
ms
tSP(6)
Store Pulse Width
30
40
50
ns
tSPH
Store Pulse Hold Time
35
45
55
ns
tWC
Write Cycle Time
35
45
55
ns
tAS
Address Setup Time
0
0
0
ns
tAH
Address Hold time
0
0
0
ns
tDS
Data Setup Time
15
20
25
ns
tDH
Data Hold Time
0
3
3
ns
tSOE(7)
OE Disable to Store Function
20
20
20
ns
tOEST(7)
Output Enable from End of Store
10
10
10
ns
tNHZ(7)
Nonvolatile Enable to Output in
15
20
25
ns
High Z
tNES
NE Setup Time
5
5
5
ns
tNEH
NE Hold Time
5
5
5
ns
3827 PGM T12.1
Notes: (6) The Store Pulse Width (tSP) is a minimum time that NE, WE and CE must be LOW simultaneously.
(7) tSOE, tOEST and tNHZ are periodically sampled and not 100% tested.
CE Controlled Software Command Sequence
3827 FHD F08.2
CMD
ADDRESS
155
0AA
155
55
AA
OE
CE
WE
NE
DATA OUT
DATA IN
tWC
tAS
tSP
tSPH
tAH
tNHZ
tSOE
tDH
tDS
tSTO
tOEST
tNEH
tNES


Similar Part No. - X20C05

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X20C04 XICOR-X20C04 Datasheet
67Kb / 15P
   Nonvolatile Static RAM
X20C04D XICOR-X20C04D Datasheet
67Kb / 15P
   Nonvolatile Static RAM
X20C04D-15 XICOR-X20C04D-15 Datasheet
67Kb / 15P
   Nonvolatile Static RAM
X20C04D-20 XICOR-X20C04D-20 Datasheet
67Kb / 15P
   Nonvolatile Static RAM
X20C04D-25 XICOR-X20C04D-25 Datasheet
67Kb / 15P
   Nonvolatile Static RAM
More results

Similar Description - X20C05

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X20C16 XICOR-X20C16 Datasheet
94Kb / 21P
   High Speed AUTOSTORE??NOVRAM
XM20C64 XICOR-XM20C64 Datasheet
60Kb / 11P
   High Speed AUTOSTORE??NOVRAM
X20C17 XICOR-X20C17 Datasheet
47Kb / 11P
   High Speed AUTOSTORE??NOVRAM
logo
Intersil Corporation
X24C45 INTERSIL-X24C45 Datasheet
192Kb / 12P
   Serial AUTOSTORE NOVRAM
logo
Xicor Inc.
X24C45 XICOR-X24C45 Datasheet
58Kb / 14P
   Serial AUTOSTORE??NOVRAM
X25401 XICOR-X25401 Datasheet
57Kb / 14P
   SPI Serial AUTOSTORE??NOVRAM
logo
Renesas Technology Corp
X24C45 RENESAS-X24C45 Datasheet
499Kb / 12P
   256 Bit, 16 x 16 Bit Serial AUTOSTORE™ NOVRAM
June 1, 2005
logo
Simtek Corporation
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK14CA8 SIMTEK-STK14CA8 Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com