Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q1 Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # Q1
Description  HEAT SHRINK THIN WALL TUBING
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

Q1 Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  Q1 Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Q1
GENERAL PURPOSE, NON-FLAME RETARDANT POLYOLEFIN TUBING
SHRINK RATIO 2:1
Features/Applications
Commercial grade polyolefin tubing for general applications where flame
retardant properties are not needed but electrical insulation and mechanical
performance is important. Conforms to objects more uniformly and with less
longitudinal change than most PVC based tubing. Bright and shiny surface is
an attractive covering for many automotive, appliance and consumer-goods
applications. Clear version offers exceptional clarity for protecting marked
surfaces.
Operating Temperature
Tensile Strength
Elongation at Break
Longitudinal Shrinkage
Eccentricity
Flammability
Dielectric Strength
Volume Resistance
Copper Stability
14
Product Dimensions
UL 224
ASTM D 2671
ASTM D 2671
UL 224
ASTM D 2671
----
IEC 93
ASTM D 2671
ISO 62
HEAT SHRINK THIN WALL TUBING
Qualtek Electronics
Technical Data
Property
Test Method
Typical Data
Standard Packaging
Cut to
Length Pcs.
*(QB)
Qty per bag
6”
48”
Product Dimensions
Size
(Inch)
As
Supplied (mm)
After
Recovered (mm)
Inside
Diameter
(min.)
Mini
Spool
*(MS)
(Feet)
Inside
Diameter
(max.)
Wall
Thickness
(min.)
Standard
Spool
*(SS)
(Feet)
3/64
1/16
3/32
1/8
3/16
1/4
3/8
1/2
5/8
3/4
1
1 1/4
1 1/2
2
1.2
1.6
2.4
3.2
4.8
6.4
9.5
12.7
15.9
19.1
25.4
31.8
38.1
50.8
0.50
0.75
1.25
1.50
2.50
3.00
5.00
6.50
8.00
10.00
12.00
15.00
20.00
25.00
0.33
0.36
0.44
0.44
0.56
0.56
0.56
0.65
0.69
0.80
0.90
0.90
1.00
1.00
100
100
100
100
100
100
100
100
50
50
50
50
50
50
1000
1000
500
500
500
500
250
200
200
200
200
100
100
100
50
44
38
33
30
28
24
20
18
14
10
8
5
3
25
25
25
25
25
25
25
5
5
5
5
5
5
5
Size
(mm)
After
Recovered (mm)
Inside
Diameter
(min.)
Standard
Spool
*(SS)
(Meter)
Inside
Diameter
(max.)
Wall
Thickness
(min.)
1.0
1.5
2.0
2.5
3.0
3.5
4.0
5.0
6.0
7.0
8.0
9.0
10
11
12
13
14
15
16
18
20
22
25
28
30
35
40
50
1.0
1.5
2.0
2.5
3.0
3.5
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
15.0
16.0
18.0
20.0
22.0
25.0
28.0
30.0
35.0
40.0
50.0
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.50
3.00
3.50
4.00
4.50
5.00
5.50
6.00
6.50
7.00
7.50
8.00
9.00
10.00
11.00
12.00
14.00
15.00
17.50
20.00
25.00
0.33
0.36
0.44
0.44
0.44
0.44
0.44
0.56
0.56
0.56
0.56
0.56
0.56
0.56
0.56
0.65
0.69
0.69
0.69
0.80
0.80
0.80
0.90
0.90
0.90
0.90
1.00
1.00
200
200
200
200
200
200
200
100
100
100
100
100
100
100
50
50
50
50
50
50
50
50
50
50
50
50
50
50
Note: Packaging options available for mm sizes.
Notes:
1.
* See Part Number Guide for standard packaging codes.
2.
Special sizes, packaging, colors and cut pieces are available upon request.
-55°C to +105°C
> 10.4 MPa
> 500%
0 ± 5%
< 30%
Flammable
> 25kV / mm
> 10
.cm
Pass
As
Supplied (mm)
Operating temperature: -55°C to +105°C
Minimum shrink temperature: 80°C
Full recovery temperature: 100°C
Standard colors: Black, clear
Other colors are available upon request
RoHS Compliant
ISO-9001 Company
www.qualtekusa.com
Q1-200C
Q1 Standard Part Numbers


Similar Description - Q1

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
Q2-HF QUALTEK-Q2-HF Datasheet
796Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q-175K QUALTEK-Q-175K Datasheet
599Kb / 1P
   HEAT SHRINK THIN WALL TUBING
QBG QUALTEK-QBG Datasheet
621Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-3X QUALTEK-Q2-3X_13 Datasheet
662Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q-175K QUALTEK-Q-175K_13 Datasheet
596Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-HF QUALTEK-Q2-HF_13 Datasheet
820Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-F QUALTEK-Q2-F_13 Datasheet
699Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-CB QUALTEK-Q2-CB Datasheet
397Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-LS QUALTEK-Q2-LS Datasheet
821Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-F4X QUALTEK-Q2-F4X_13 Datasheet
662Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q-150K QUALTEK-Q-150K_13 Datasheet
758Kb / 1P
   HEAT SHRINK THIN WALL TUBING
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com