Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8C11 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # 8C11
Description  Material specification
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

8C11 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  8C11 Datasheet HTML 1Page - Ferroxcube International Holding B.V. 8C11 Datasheet HTML 2Page - Ferroxcube International Holding B.V. 8C11 Datasheet HTML 3Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2008 Sep 01
270
Ferroxcube
Material specification
8C11
8C11 SPECIFICATIONS
High permeability specialty NiZn ferrite only used in
large toroids and machined products mainly for
scientific particle accelerators operating at frequencies
up to 1 MHz.
SYMBOL
CONDITIONS
VALUE
UNIT
µi
25
°C; ≤10 kHz;
0.25 mT
1200
±20%
B25
°C; 10 kHz;
1200 A/m
≈ 310
mT
100
°C; 10 kHz;
1200 A/m
≈ 210
ρ
DC; 25
°C
≈ 105
Ωm
TC
≥ 125
°C
density
≈ 5100
kg/m3
Fig.1
Complex permeability as a function of
frequency.
handbook, halfpage
MBW452
110
102
104
f (MHz)
µ's ,µ''s
103
102
10
10−1
8C11
µ''s
µ's
Fig.2
Initial permeability as a function of
temperature.
handbook, halfpage
2000
50
50
250
0
MBW453
150
500
1000
1500
µi
T ( oC)
8C11
Fig.3 Typical B-H loops.
handbook, halfpage
50
100
1000
500
0
MBW454
500
100
200
300
400
50
0
H (A/m)
B
(mT)
8C11
25 oC
100 oC


Similar Part No. - 8C11

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
8C1101C-Z COPAL-8C1101C-Z Datasheet
1Mb / 10P
   Toggle Switches
8C1102C-Z COPAL-8C1102C-Z Datasheet
1Mb / 10P
   Toggle Switches
8C1104C-Z COPAL-8C1104C-Z Datasheet
1Mb / 10P
   Toggle Switches
8C1106C-Z COPAL-8C1106C-Z Datasheet
1Mb / 10P
   Toggle Switches
8C1111C-Z COPAL-8C1111C-Z Datasheet
1Mb / 10P
   Toggle Switches
More results

Similar Description - 8C11

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
3R1 FERROXCUBE-3R1 Datasheet
56Kb / 4P
   Material specification
3S3 FERROXCUBE-3S3 Datasheet
52Kb / 4P
   Material specification
4F1 FERROXCUBE-4F1 Datasheet
53Kb / 4P
   Material specification
4S60 FERROXCUBE-4S60 Datasheet
48Kb / 4P
   Material specification
3B7 FERROXCUBE-3B7 Datasheet
47Kb / 4P
   Material specification
3C90 FERROXCUBE-3C90 Datasheet
51Kb / 4P
   Material specification
3C91 FERROXCUBE-3C91 Datasheet
50Kb / 4P
   Material specification
3E6 FERROXCUBE-3E6 Datasheet
49Kb / 4P
   Material specification
3E8 FERROXCUBE-3E8 Datasheet
49Kb / 4P
   Material specification
3E9 FERROXCUBE-3E9 Datasheet
45Kb / 4P
   Material specification
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com