Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

010110FB Datasheet(PDF) 1 Page - SUYIN USA, INC.

Part # 010110FB
Description  2.5mm EARPHONE JACK S.M.D TYPE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUYIN-USA [SUYIN USA, INC.]
Direct Link  http://www.suyinusa.com
Logo SUYIN-USA - SUYIN USA, INC.

010110FB Datasheet(HTML) 1 Page - SUYIN USA, INC.

  010110FB Datasheet HTML 1Page - SUYIN USA, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
290
Mobile
I/O
BATTERY
Specifications:
Insulator Material
: Black High Temp. Plastic
: Pho. Bronze
: Contact-Selective Gold Plated
: 1.5A
: 115V AC
: 500V AC For 60 Seconds
Operating Type Range
Terminal Material
Platings
Max. Current Rating
Max. Voltage Rating
Dielectric Strength
010110FB Series
Order Information
2.5mm EARPHONE JACK S.M.D TYPE
Recommended P.C.B Layout
or Full Gold Plated
12
3
4 5
1. 'B' : Right Angle SMT Type
2. No. of pins.
3. Plating
4. Color 'Z' : Black
5. Package
'U' : Tube Package Without Cap
Reference Page 11
AUDIO
JACK


Similar Part No. - 010110FB

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
01011-2024 MOLEX1-01011-2024 Datasheet
219Kb / 3P
    2.54mm (.100") Pitch KK짰 Crimp Terminal Housing, High Pressure, 1 Circuits
01011-2034 MOLEX1-01011-2034 Datasheet
219Kb / 3P
    2.54mm (.100") Pitch KK짰 Crimp Terminal Housing, High Pressure, 1 Circuits
01011-2044 MOLEX1-01011-2044 Datasheet
219Kb / 3P
    2.54mm (.100") Pitch KK짰 Crimp Terminal Housing, High Pressure, 1 Circuits
01011-2054 MOLEX1-01011-2054 Datasheet
219Kb / 3P
    2.54mm (.100") Pitch KK짰 Crimp Terminal Housing, High Pressure, 1 Circuits
01011-2064 MOLEX1-01011-2064 Datasheet
219Kb / 3P
    2.54mm (.100") Pitch KK짰 Crimp Terminal Housing, High Pressure, 1 Circuits
More results

Similar Description - 010110FB

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RCA-122-3-P3NK ADAM-TECH-RCA-122-3-P3NK Datasheet
71Kb / 1P
   EARPHONE JACK
logo
SUYIN USA, INC.
010164FR SUYIN-USA-010164FR Datasheet
164Kb / 1P
   3.5mm EARPHONE JACK (NORMAL CLOSE TYPE)
010178FR SUYIN-USA-010178FR Datasheet
147Kb / 1P
   3.5mm EARPHONE JACK (NORMAL CLOSE TYPE)
logo
Dubilier
DBCEJ0368-2T DUBILIER-DBCEJ0368-2T Datasheet
126Kb / 1P
   AUDIO PCB 3.5mm EARPHONE JACK
DBCEJ0365A-5 DUBILIER-DBCEJ0365A-5 Datasheet
79Kb / 1P
   AUDIO PCB 3.5mm EARPHONE JACK
DBCEJ3530K DUBILIER-DBCEJ3530K Datasheet
109Kb / 1P
   AUDIO PCB 3.5mm EARPHONE JACK
DBCEJ0351 DUBILIER-DBCEJ0351 Datasheet
100Kb / 1P
   AUDIO PCB 3.5mm EARPHONE JACK
DBCEJ0359.2T DUBILIER-DBCEJ0359.2T Datasheet
185Kb / 1P
   AUDIO PCB 3.5 EARPHONE JACK
DBCEJ0381-3RT DUBILIER-DBCEJ0381-3RT Datasheet
107Kb / 1P
   AUDIO SMT 3.5mm EARPHONE JACK
logo
SUYIN USA, INC.
010162FB SUYIN-USA-010162FB Datasheet
157Kb / 1P
   2.50mm EARPHONE JACK 3 POLES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com