Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF1B-T1 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # UF1B-T1
Description  1.0A SURFACE MOUNT ULTRA FAST RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

UF1B-T1 Datasheet(HTML) 1 Page - Won-Top Electronics

  UF1B-T1 Datasheet HTML 1Page - Won-Top Electronics UF1B-T1 Datasheet HTML 2Page - Won-Top Electronics UF1B-T1 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UF1A – UF1K
1 of 3
© 2002 Won-Top Electronics
UF1A – UF1K
1.0A SURFACE MOUNT ULTRA FAST RECTIFIER
Features
!
Glass Passivated Die Construction
!
Ideally Suited for Automatic Assembly
B
!
Low Forward Voltage Drop, High Efficiency
!
Surge Overload Rating to 30A Peak
D
!
Low Power Loss
A
!
Ultra-Fast Recovery Time
F
!
Plastic Case Material has UL Flammability
Classification Rating 94V-O
C
H
G
E
Mechanical Data
!
Case: Molded Plastic
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking: Type Number
!
Weight: 0.093 grams (approx.)
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Characteristic
Symbol
UF1A
UF1B
UF1D
UF1G
UF1J
UF1K
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
V
Average Rectified Output Current
@TL = 100°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
@TA = 55°C
IFSM
30
A
Forward Voltage
@IF = 1.0A
VFM
1.0
1.4
1.7
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
10
500
µA
Reverse Recovery Time (Note 1)
trr
50
100
nS
Typical Junction Capacitance (Note 2)
Cj
15
pF
Typical Thermal Resistance (Note 3)
RJL
30
K/W
Operating and Storage Temperature Range
Tj, TSTG
-50 to +150
°C
Note: 1. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A,
2. Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC.
3. Mounted on P.C. Board with 8.0mm2 land area.
WT E
PO W E R SEM IC O ND UC TO R S
SMB/DO-214AA
Dim
Min
Max
A
3.30
3.94
B
4.06
4.70
C
1.91
2.11
D
0.152
0.305
E
5.08
5.59
F
2.13
2.44
G
0.051
0.203
H
0.76
1.27
All Dimensions in mm


Similar Part No. - UF1B-T1

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
UF1B-T3 WTE-UF1B-T3 Datasheet
47Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED ULTRAFAST DIODE
More results

Similar Description - UF1B-T1

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
US1A WTE-US1A Datasheet
48Kb / 3P
   1.0A SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Diodes Incorporated
US1A DIODES-US1A_15 Datasheet
178Kb / 5P
   1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
US1D-13-F DIODES-US1D-13-F Datasheet
125Kb / 4P
   1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
US1B-13-F DIODES-US1B-13-F Datasheet
125Kb / 4P
   1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
US1JDFQ DIODES-US1JDFQ Datasheet
414Kb / 5P
   1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
US1GWF DIODES-US1GWF Datasheet
526Kb / 5P
   1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
US1J-13-F DIODES-US1J-13-F Datasheet
125Kb / 4P
   1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
US1J-13 DIODES-US1J-13 Datasheet
125Kb / 4P
   1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
DS16008 DIODES-DS16008 Datasheet
125Kb / 4P
   1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
US1A DIODES-US1A_09 Datasheet
148Kb / 4P
   1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
DS16008 Rev. 9 - 2
US1NWF DIODES-US1NWF Datasheet
437Kb / 5P
   1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com