Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6SMBJ160A Datasheet(PDF) 3 Page - Won-Top Electronics

Part # P6SMBJ160A
Description  600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

P6SMBJ160A Datasheet(HTML) 3 Page - Won-Top Electronics

  P6SMBJ160A Datasheet HTML 1Page - Won-Top Electronics P6SMBJ160A Datasheet HTML 2Page - Won-Top Electronics P6SMBJ160A Datasheet HTML 3Page - Won-Top Electronics P6SMBJ160A Datasheet HTML 4Page - Won-Top Electronics P6SMBJ160A Datasheet HTML 5Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
P6SMBJ SERIES
3 of 5
© 2002 Won-Top Electronics
UNI-DIRECTIONAL 600 WATT SURFACE MOUNT TVS
UNI-
DIRECTIONAL
PART NO.
DEVICE
MARKING
CODE
REVERSE
STAND-OFF
VOLTAGE VRWM (V)
BREAKDOWN
VOLTAGE
VBR (V) MIN. @IT
BREAKDOWN
VOLTAGE
VBR (V) MAX. @IT
TEST
CURRENT
IT (mA)
MAXIMUM CLAMPING
VOLTAGE @Ipp Vc (V)
PEAK PULSE
CURRENT
Ipp (A)
REVERSE
LEAKAGE
@VRWM IR (uA)
P6SMBJ5.0
P6SMBJ5.0A
P6SMBJ6.0
P6SMBJ6.0A
KD
KE
KF
KG
5.00
5.00
6.00
6.00
6.40
6.40
6.67
6.67
7.55
7.25
8.45
7.67
10
10
10
10
9.6
9.2
11.4
10.3
62.5
65.2
52.6
58.3
800
800
800
800
P6SMBJ6.5
P6SMBJ6.5A
P6SMBJ7.0
P6SMBJ7.0A
KH
KK
KL
KM
6.50
6.50
7.00
7.00
7.22
7.22
7.78
7.78
9.14
8.30
9.86
8.95
10
10
10
10
12.3
11.2
13.3
12.0
48.7
53.6
45.1
50.0
500
500
200
200
P6SMBJ7.5
P6SMBJ7.5A
P6SMBJ8.0
P6SMBJ8.0A
KN
KP
KQ
KR
7.50
7.50
8.00
8.00
8.33
8.33
8.99
8.99
10.67
9.58
11.30
10.23
1
1
1
1
14.3
12.9
15.0
13.6
42.0
46.5
40.0
44.1
100
100
50
50
P6SMBJ8.5
P6SMBJ8.5A
P6SMBJ9.0
P6SMBJ9.0A
KS
KT
KU
KV
8.50
8.50
9.00
9.00
9.44
9.44
10.00
10.00
11.92
10.82
12.60
11.50
1
1
1
1
15.9
14.4
16.9
15.4
37.7
41.7
35.5
39.0
10
10
5
5
P6SMBJ10
P6SMBJ10A
P6SMBJ11
P6SMBJ11A
KW
KX
KY
KZ
10.00
10.00
11.00
11.00
11.10
11.10
12.20
12.20
14.10
12.80
15.40
14.00
1
1
1
1
18.8
17.0
20.1
18.2
31.9
35.3
29.9
33.0
5
5
5
5
P6SMBJ12
P6SMBJ12A
P6SMBJ13
P6SMBJ13A
LD
LE
LF
LG
12.00
12.00
13.00
13.00
13.30
13.30
14.40
14.40
16.90
15.30
18.20
16.50
1
1
1
1
22.0
19.9
23.8
21.5
27.3
30.2
25.2
27.9
5
5
5
5
P6SMBJ14
P6SMBJ14A
P6SMBJ15
P6SMBJ15A
LH
LK
LL
LM
14.00
14.00
15.00
15.00
15.60
15.60
16.70
16.70
19.80
17.90
21.10
19.20
1
1
1
1
25.8
23.2
26.9
24.4
23.3
25.8
22.3
24.0
5
5
5
5
P6SMBJ16
P6SMBJ16A
P6SMBJ17
P6SMBJ17A
LN
LP
LQ
LR
16.00
16.00
17.00
17.00
17.80
17.80
18.90
18.90
22.60
20.50
23.90
21.70
1
1
1
1
28.8
26.0
30.5
27.6
20.8
23.1
19.7
21.7
5
5
5
5
P6SMBJ18
P6SMBJ18A
P6SMBJ20
P6SMBJ20A
LS
LT
LU
LV
18.00
18.00
20.00
20.00
20.00
20.00
22.20
22.20
25.30
23.30
28.10
25.50
1
1
1
1
32.2
29.2
35.8
32.4
18.6
20.5
16.7
18.5
5
5
5
5
P6SMBJ22
P6SMBJ22A
P6SMBJ24
P6SMBJ24A
LW
LX
LY
LZ
22.00
22.00
24.00
24.00
24.40
24.40
26.70
26.70
30.90
28.00
33.80
30.70
1
1
1
1
39.4
35.5
43.0
38.9
15.2
16.9
14.0
15.4
5
5
5
5
P6SMBJ26
P6SMBJ26A
P6SMBJ28
P6SMBJ28A
MD
ME
MF
MG
26.00
26.00
28.00
28.00
28.90
28.90
31.10
31.10
36.60
33.20
39.40
35.80
1
1
1
1
46.6
42.1
50.0
45.4
12.4
14.2
12.0
13.2
5
5
5
5
P6SMBJ30
P6SMBJ30A
P6SMBJ33
P6SMBJ33A
MH
MK
ML
MM
30.00
30.00
33.00
33.00
33.30
33.30
36.70
36.70
42.20
38.30
46.50
42.20
1
1
1
1
53.5
48.4
59.0
53.3
11.2
12.4
10.2
13.2
5
5
5
5
P6SMBJ36
P6SMBJ36A
P6SMBJ40
P6SMBJ40A
MN
MP
MQ
MR
36.00
36.00
40.00
40.00
40.00
40.00
44.40
44.40
50.70
46.00
56.30
51.10
1
1
1
1
64.3
58.1
71.4
64.5
9.3
10.3
8.4
9.3
5
5
5
5
P6SMBJ43
P6SMBJ43A
P6SMBJ45
P6SMBJ45A
MS
MT
MU
MV
43.00
43.00
45.00
45.00
47.80
47.80
50.00
50.00
60.50
54.90
63.30
57.50
1
1
1
1
76.7
69.4
80.3
72.7
7.8
8.6
7.5
8.3
5
5
5
5
P6SMBJ48
P6SMBJ48A
P6SMBJ51
P6SMBJ51A
MW
MX
MY
MZ
48.00
48.00
51.00
51.00
53.30
53.30
56.70
56.70
67.50
61.30
71.80
65.20
1
1
1
1
85.5
77.4
91.1
82.4
7.0
7.7
6.6
7.3
5
5
5
5
P6SMBJ54
P6SMBJ54A
P6SMBJ58
P6SMBJ58A
ND
NE
NF
NG
54.00
54.00
58.00
58.00
60.00
60.00
64.40
64.40
76.00
69.00
81.60
74.10
1
1
1
1
96.3
87.1
103.0
93.6
6.2
6.9
5.8
6.4
5
5
5
5
P6SMBJ60
P6SMBJ60A
P6SMBJ64
P6SMBJ64A
NH
NK
NL
NM
60.00
60.00
64.00
64.00
66.70
66.70
71.10
71.10
84.50
76.70
90.10
81.80
1
1
1
1
107.0
96.8
114.0
103.0
5.6
6.2
5.3
5.8
5
5
5
5
P6SMBJ70
P6SMBJ70A
P6SMBJ75
P6SMBJ75A
NN
NP
NQ
NR
70.00
70.00
75.00
75.00
77.80
77.80
83.30
83.30
98.60
89.50
105.70
95.80
1
1
1
1
125.0
113.0
134.0
121.0
4.8
5.3
4.5
4.9
5
5
5
5
P6SMBJ78
P6SMBJ78A
P6SMBJ85
P6SMBJ85A
NS
NT
NU
NV
78.00
78.00
85.00
85.00
86.70
86.70
94.40
94.40
109.80
99.70
119.20
108.20
1
1
1
1
139.0
126.0
151.0
137.0
4.3
4.7
3.9
4.4
5
5
5
5
P6SMBJ90
P6SMBJ90A
P6SMBJ100
P6SMBJ100A
NW
NX
NY
NZ
90.00
90.00
100.00
100.00
100.00
100.00
111.00
111.00
126.50
115.50
141.00
128.00
1
1
1
1
160.0
146.0
179.0
162.0
3.8
4.1
3.4
3.7
5
5
5
5
P6SMBJ110
P6SMBJ110A
P6SMBJ120
P6SMBJ120A
PD
PE
PF
PG
110.00
110.00
120.00
120.00
122.00
122.00
133.00
133.00
154.50
140.50
169.00
153.00
1
1
1
1
196.0
177.0
214.0
193.0
3.0
3.4
2.8
3.1
5
5
5
5
P6SMBJ130
P6SMBJ130A
P6SMBJ150
P6SMBJ150A
PH
PK
PL
PM
130.00
130.00
150.00
150.00
144.00
144.00
167.00
167.00
182.50
165.50
211.50
192.50
1
1
1
1
231.0
209.0
269.0
243.0
2.6
2.9
2.2
2.5
5
5
5
5
P6SMBJ160
P6SMBJ160A
P6SMBJ170
P6SMBJ170A
PN
PP
PQ
PR
160.00
160.00
170.00
170.00
178.00
178.00
189.00
189.00
226.00
205.00
239.50
217.50
1
1
1
1
287.0
259.0
304.0
275.0
2.1
2.3
2.0
2.2
5
5
5
5


Similar Part No. - P6SMBJ160A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6SMBJ160A PANJIT-P6SMBJ160A Datasheet
80Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 600 Watt Peak Power Pulse)
logo
Diotec Semiconductor
P6SMBJ160A DIOTEC-P6SMBJ160A Datasheet
92Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
SUNMATE electronic Co.,...
P6SMBJ160A SUNMATE-P6SMBJ160A Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
logo
Surge Components
P6SMBJ160A SURGE-P6SMBJ160A Datasheet
218Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts???
logo
Semikron International
P6SMBJ160A SEMIKRON-P6SMBJ160A Datasheet
157Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
More results

Similar Description - P6SMBJ160A

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SMBJ5.0A WEITRON-SMBJ5.0A Datasheet
214Kb / 4P
   600W Surface Mount Transient Voltage Suppressors
logo
Marl International Limi...
SMBJ440CA MARL-SMBJ440CA_15 Datasheet
138Kb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
Comchip Technology
SMBJ440CA COMCHIP-SMBJ440CA Datasheet
138Kb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMBJ220A ETC2-SMBJ220A Datasheet
14Mb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
Weitron Technology
P6SMB WEITRON-P6SMB_07 Datasheet
1Mb / 4P
   600W Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
SMBJ-AT UNSEMI-SMBJ-AT Datasheet
3Mb / 7P
   600W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Shanghai Semitech Semic...
SMBJ440CA SEMITECH-SMBJ440CA Datasheet
138Kb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
Weitron Technology
P6SMB WEITRON-P6SMB Datasheet
97Kb / 4P
   600W Surface Mount Transient Voltage Suppressors
logo
DIYI Electronic Technol...
SMBJ5.0 DYELEC-SMBJ5.0 Datasheet
720Kb / 5P
   600W Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
SMBJ3V3A UNSEMI-SMBJ3V3A Datasheet
2Mb / 4P
   600W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com