Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA25XL20SB103A503103K Datasheet(PDF) 4 Page - TOCOSAMERICA, INC.

Part # RA25XL20SB103A503103K
Description  25mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

RA25XL20SB103A503103K Datasheet(HTML) 4 Page - TOCOSAMERICA, INC.

  RA25XL20SB103A503103K Datasheet HTML 1Page - TOCOSAMERICA, INC. RA25XL20SB103A503103K Datasheet HTML 2Page - TOCOSAMERICA, INC. RA25XL20SB103A503103K Datasheet HTML 3Page - TOCOSAMERICA, INC. RA25XL20SB103A503103K Datasheet HTML 4Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
60
Part Numbering System
RA25 Series
Refer to Shaft End Styles Specifications and Hardware Specifications for details and availability.
For additional information, refer to Guidelines and Precautions for Using Panel Controls.
Resistance (
Ω)
05
10
20
50
Resistance (
Ω)
100
200
500
Resistance (
Ω)
1,000
2,000
5,000
Resistance (
Ω)
10,000
20,000
Code
5R0
100
200
500
Code
101
201
501
Code
102
202
502
Code
103
203
Standard Nominal Total Resistance Values and Part Numbering Codes
Standard Resistance Values and Part Numbering Codes
RA
Y
25
103 K
L
S
B
20
Resistance Tolerance: K =
10% (standard).
J =
5% (special order ).
G =
2% (special order ).
F =
1% (special order ).
Resistance Code: Expressed in ohms. A three digit code where the first
two digits are significant figures, and the third digit indicates the number
of zeros that follow these figures. R indicates decimal point for resistance
less than 10
Ω (i.e., 5R0 = 5Ω;100 = 10Ω;101 = 100Ω;102 = 1,000Ω;
103 = 10,000
Ω). See table for standard resistance values.
For Single Unit:
Specify taper and resistance code as shown.
For Ganged Tandem Unit or Dual Unit:
Specify a taper code and resistance code for each unit starting with
the front unit followed by the rear unit. If both units have the same taper
and resistance codes, add “ X2” suffix per example below.
Examples: B103A503 or if both units are the same: B103X2
Resistance Taper: B = Linear.
A = CW Audio (logarithm).
C = CCW Audio (logarithm).
Shaft End Style: S = Slotted.
F = Flatted.
R = Round (RA25YPR model has knurled end style.)
For Single Shaft:
Specify the shaft length (FMS) and shaft end style as shown.
For Dual Concentric Shaft:
Specify the shaft length (FMS) and shaft end style for the inner shaft
followed by the shaft length (FMS) and shaft end style for the outer
shaft. Use a dash (-) to separate the code groups for the inner and
outer shaft specifications. Example: 30R-20R
Standard Shaft Length: 15 = 15 mm FMS.
20 = 20mm FMS.
Up to 50mm shaft length available (special order ).
Style: Blank = Panel Mount, Single Unit, Single Shaft, Right Angle
Ear-Lug Terminals.
L
= Panel Mount, Single Unit, Single Shaft with Shaft Lock,
Right Angle Ear-Lug Terminals.
PR = Panel Mount, Single Unit, Single Knurled Shaft with Shaft
Lock, Right Angle Ear-Lug Terminals.
G
= Panel Mount, Ganged Tandem Unit, Single Shaft,
Right Angle Ear-Lug Terminals on Each Unit.
GL = Panel Mount, Ganged Tandem Unit, Single Shaft with Shaft
Lock, Right Angle Ear-Lug Terminals on Each Unit.
D
= Panel Mount, Dual Unit, Dual Concentric Shaft, Right Angle
Ear-Lug Terminals on Each Unit.
Operating Temperature Range: Y =
10 C to
100 C.
X =
30 C to
100 C.
Size: 25 = 25mm Diameter.
TOCOS Series Name: RA = Wirewound Element.
NOTE: FMS = From Mounting Surface


Similar Part No. - RA25XL20SB103A503103K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RA2505 ETC-RA2505 Datasheet
29Kb / 2P
   Silicon Rectifier Button-Cells
logo
Diotec Semiconductor
RA2505 DIOTEC-RA2505 Datasheet
156Kb / 2P
   Silicon-Rectifiers - Button Diodes
logo
SHENZHEN YONGERJIA INDU...
RA2505 WINNERJOIN-RA2505 Datasheet
147Kb / 2P
   AUTOMOTIVE RECTIFIER
logo
Diotec Semiconductor
RA2505 DIOTEC-RA2505 Datasheet
231Kb / 2P
   Silicon-Rectifiers
RA2505 DIOTEC-RA2505 Datasheet
261Kb / 2P
   Standard Recovery Rectifier Diodes
More results

Similar Description - RA25XL20SB103A503103K

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
LRA25 TOCOS-LRA25 Datasheet
583Kb / 2P
   25mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
RA30 TOCOS-RA30 Datasheet
727Kb / 5P
   30mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
RA20 TOCOS-RA20 Datasheet
516Kb / 4P
   20mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
RA16 TOCOS-RA16 Datasheet
525Kb / 4P
   16mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
RV20N2 TOCOS-RV20N2 Datasheet
461Kb / 2P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV30 TOCOS-RV30 Datasheet
683Kb / 5P
   30mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV16 TOCOS-RV16 Datasheet
669Kb / 6P
   16mm Diameter, Single-Turn, Carbon Industrial Panel Controls
GF201 TOCOS-GF201 Datasheet
555Kb / 3P
   20mm Diameter, Single-Turn, Cermet Industrial Panel Controls
RV12 TOCOS-RV12 Datasheet
564Kb / 3P
   12mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV20 TOCOS-RV20 Datasheet
526Kb / 3P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com