Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV16YP-4CSH10FA100K Datasheet(PDF) 5 Page - TOCOSAMERICA, INC.

Part # RV16YP-4CSH10FA100K
Description  16mm Diameter, Single-Turn, Carbon Industrial Panel Controls
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

RV16YP-4CSH10FA100K Datasheet(HTML) 5 Page - TOCOSAMERICA, INC.

  RV16YP-4CSH10FA100K Datasheet HTML 1Page - TOCOSAMERICA, INC. RV16YP-4CSH10FA100K Datasheet HTML 2Page - TOCOSAMERICA, INC. RV16YP-4CSH10FA100K Datasheet HTML 3Page - TOCOSAMERICA, INC. RV16YP-4CSH10FA100K Datasheet HTML 4Page - TOCOSAMERICA, INC. RV16YP-4CSH10FA100K Datasheet HTML 5Page - TOCOSAMERICA, INC. RV16YP-4CSH10FA100K Datasheet HTML 6Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
23
Unit: mm
Dimensions
RV16 Series
RV16YDMH & RV16YDSH
Panel Mount, Dual Unit with Rear Unit Switch, Dual Concentric Shaft
Right Angle Ear-Lug Terminals on Each Unit, Rear Exit Lug Terminals for 0.5A SPDT or SPST Switch
Recommended
Panel Mounting Hole
*The SPST switch (SH code designation) does not have a B terminal.


Similar Part No. - RV16YP-4CSH10FA100K

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RV1-1203D10A1 RSG-RV1-1203D10A1 Datasheet
142Kb / 4P
   10 Watt regulated single & dual output
RV1-1203S10A1 RSG-RV1-1203S10A1 Datasheet
142Kb / 4P
   10 Watt regulated single & dual output
RV1-1205D10A1 RSG-RV1-1205D10A1 Datasheet
142Kb / 4P
   10 Watt regulated single & dual output
RV1-1205S10A1 RSG-RV1-1205S10A1 Datasheet
142Kb / 4P
   10 Watt regulated single & dual output
RV1-1207D10A1 RSG-RV1-1207D10A1 Datasheet
142Kb / 4P
   10 Watt regulated single & dual output
More results

Similar Description - RV16YP-4CSH10FA100K

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
RVQ16YN TOCOS-RVQ16YN Datasheet
544Kb / 2P
   Long Life 16mm Diameter, Single-Turn, Carbon Panel Controls
RA16 TOCOS-RA16 Datasheet
525Kb / 4P
   16mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
GF16 TOCOS-GF16 Datasheet
585Kb / 4P
   16mm Diameter, Single-Turn, Cermet Industrial Panel Controls
RV12 TOCOS-RV12 Datasheet
564Kb / 3P
   12mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV20 TOCOS-RV20 Datasheet
526Kb / 3P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV20N2 TOCOS-RV20N2 Datasheet
461Kb / 2P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV30 TOCOS-RV30 Datasheet
683Kb / 5P
   30mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV24 TOCOS-RV24 Datasheet
711Kb / 7P
   24mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV103 TOCOS-RV103 Datasheet
598Kb / 4P
   10mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV20N TOCOS-RV20N Datasheet
501Kb / 2P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com