Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RAT30YTMF20SA100K Datasheet(PDF) 5 Page - TOCOSAMERICA, INC.

Part # RAT30YTMF20SA100K
Description  30mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

RAT30YTMF20SA100K Datasheet(HTML) 5 Page - TOCOSAMERICA, INC.

  RAT30YTMF20SA100K Datasheet HTML 1Page - TOCOSAMERICA, INC. RAT30YTMF20SA100K Datasheet HTML 2Page - TOCOSAMERICA, INC. RAT30YTMF20SA100K Datasheet HTML 3Page - TOCOSAMERICA, INC. RAT30YTMF20SA100K Datasheet HTML 4Page - TOCOSAMERICA, INC. RAT30YTMF20SA100K Datasheet HTML 5Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
67
Refer to Shaft End Styles Specifications and Hardware Specifications for details and availability.
For additional information, refer to Guidelines and Precautions for Using Panel Controls.
Resistance (
Ω)
05
10
20
50
Resistance (
Ω)
100
200
500
Resistance (
Ω)
1,000
2,000
5,000
Resistance (
Ω)
10,000
20,000
Code
5R0
100
200
500
Code
101
201
501
Code
102
202
502
Code
103
203
Standard Nominal Total Resistance Values and Part Numbering Codes
Standard Resistance Values and Part Numbering Codes
Part Numbering System
RA30 Series
RA
Y
30
102 K
T
L ME
S
B
20
Resistance Tolerance: K =
10% (standard).
J =
5%; G =
2%; or F =
1% (special order ).
Resistance Code: Expressed in ohms. A three digit code where the first
two digits are significant figures, and the third digit indicates the number
of zeros that follow these figures. R indicates decimal point for resistance
less than 10
Ω (i.e., 5R0 = 5Ω;100 = 10Ω;101 = 100Ω;102 = 1,000Ω;
103 = 10,000
Ω). See table for standard resistance values.
For Single Unit: Specify taper and resistance code as shown.
For Ganged Tandem Unit or Dual Unit:
Specify a taper code and resistance code for each unit starting with
the front unit followed by the rear unit. If both units have the same taper
and resistance codes, add “ X2” suffix per example below.
Examples: B102A503 or if both units are the same: B102X2
For Triple Unit:
Specify a taper code and resistance code for each unit starting with
the front unit followed by the middle and rear units. If all units have the
same taper and resistance codes, add “ X3” suffix per example below.
Examples: B102A503B104 or if all units are the same: B102X3
Resistance Taper: B = Linear; A = CW Audio (logarithm);
C = CCW Audio (logarithm).
Shaft End Style: S = Slotted; F = Flatted; R = Round.
For Single Shaft:
Specify the shaft length (FMS) and shaft end style as shown.
For Dual Concentric Shaft:
Specify the shaft length (FMS) and shaft end style for the inner shaft
followed by the shaft length (FMS) and shaft end style for the outer
shaft. Use a dash (-) to separate the code groups for the inner and
outer shaft specifications. Example: 30R-20R
Standard Shaft Length: 15 = 15 mm FMS; 20 = 20mm FMS.
Up to 50mm shaft length available (special order ).
Switch Type: ME = SPDT, 110VAC, 1A, Rear Exit Lug Terminals.
MF = SPDT, 110VAC, 3A, Rear Exit Lug Terminals.
SE = SPST, 110VAC, 1A, Rear Exit Lug Terminals.
SF = SPST, 110VAC, 3A, Rear Exit Lug Terminals.
Blank = No Switch.
Style: Blank = Panel Mount, Single Unit, Single Shaft, Right Angle Ear-Lug
Terminals.
L
= Panel Mount, Single Unit, Single Shaft with Shaft Lock,
Right Angle Ear-Lug Terminals.
G
= Panel Mount, Ganged Tandem Unit, Single Shaft, Right Angle
Ear-Lug Terminals on Each Unit.
GL = Panel Mount, Ganged Tandem Unit, Single Shaft with Shaft
Lock, Right Angle Ear-Lug Terminals on Each Unit.
T
= Panel Mount, Triple Unit, Single Shaft, Right Angle Ear-Lug
Terminals on Each Unit.
D = Panel Mount, Dual Unit, Dual Concentric Shaft, Right Angle
Ear-Lug Terminals on Each Unit.
Operating Temperature Range: Y =
10 C to
100 C.
X =
30 C to
100 C.
Size: 30 = 30mm Diameter.
Center Tap: T = With Tap; Blank = Without Tap.
TOCOS Series Name: RA = Wirewound Element.
NOTE: FMS = From Mounting Surface


Similar Part No. - RAT30YTMF20SA100K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RAT1010X ETC2-RAT1010X Datasheet
47Kb / 1P
   PAT series, RAT series, high-precision chip attenuators
RAT1010X-3DB-C-B ETC2-RAT1010X-3DB-C-B Datasheet
47Kb / 1P
   PAT series, RAT series, high-precision chip attenuators
logo
TDK Electronics
RatedVoltageEdc:50V TDK-RatedVoltageEdc:50V Datasheet
1Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
More results

Similar Description - RAT30YTMF20SA100K

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
RA25 TOCOS-RA25 Datasheet
552Kb / 4P
   25mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
LRA25 TOCOS-LRA25 Datasheet
583Kb / 2P
   25mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
RA20 TOCOS-RA20 Datasheet
516Kb / 4P
   20mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
RV30 TOCOS-RV30 Datasheet
683Kb / 5P
   30mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RA16 TOCOS-RA16 Datasheet
525Kb / 4P
   16mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
RV20N2 TOCOS-RV20N2 Datasheet
461Kb / 2P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV16 TOCOS-RV16 Datasheet
669Kb / 6P
   16mm Diameter, Single-Turn, Carbon Industrial Panel Controls
GF201 TOCOS-GF201 Datasheet
555Kb / 3P
   20mm Diameter, Single-Turn, Cermet Industrial Panel Controls
RV12 TOCOS-RV12 Datasheet
564Kb / 3P
   12mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV20 TOCOS-RV20 Datasheet
526Kb / 3P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com