Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF207-T3 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # SF207-T3
Description  2.0A SOFT FAST RECOVERY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SF207-T3 Datasheet(HTML) 1 Page - Won-Top Electronics

  SF207-T3 Datasheet HTML 1Page - Won-Top Electronics SF207-T3 Datasheet HTML 2Page - Won-Top Electronics SF207-T3 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SFR201 – SFR207
1 of 3
© 2002 Won-Top Electronics
SFR201 – SFR207
2.0A SOFT FAST RECOVERY RECTIFIER
Features
!
Diffused Junction
!
Low Forward Voltage Drop
!
High Current Capability
A
B
A
!
High Reliability
!
High Surge Current Capability
Mechanical Data
C
!
Case: Molded Plastic
D
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 0.40 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
SFR201 SFR202 SFR203 SFR204 SFR205 SFR206 SFR207
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
(Note 1)
@TA = 55°C
IO
2.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
60
A
Forward Voltage
@IF = 2.0A
VFM
1.2
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
100
µA
Reverse Recovery Time (Note 2)
trr
120
200
350
nS
Typical Junction Capacitance (Note 3)
Cj
30
pF
Operating Temperature Range
Tj
-65 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
*Glass passivated forms are available upon request
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
2. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A. See figure 5.
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
WT E
PO W E R SEM IC ONDUCTORS
DO-15
Dim
Min
Max
A
25.4
B
5.50
7.62
C
0.71
0.864
D
2.60
3.60
All Dimensions in mm


Similar Part No. - SF207-T3

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SF207 GOOD-ARK-SF207 Datasheet
177Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
logo
RF Monolithics, Inc
SF2072C RFM-SF2072C Datasheet
1Mb / 7P
   Designed for Broadband Receiver IF Applications
logo
Murata Manufacturing Co...
SF2072C MURATA-SF2072C Datasheet
513Kb / 6P
   360.00 MHz SAW Filter
logo
RF Monolithics, Inc
SF2073B RFM-SF2073B Datasheet
423Kb / 9P
   456.00 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2073B MURATA-SF2073B Datasheet
423Kb / 9P
   456.00 MHz SAW Filter
More results

Similar Description - SF207-T3

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TF201 TAITRON-TF201 Datasheet
127Kb / 4P
   2.0A Fast Recovery Rectifier
logo
List of Unclassifed Man...
TF201 ETC2-TF201 Datasheet
127Kb / 4P
   2.0A Fast Recovery Rectifier
logo
Torex Semiconductor
XBF20A20S-G TOREX-XBF20A20S-G Datasheet
227Kb / 5P
   2.0A Fast Recovery Rectifier
logo
Diodes Incorporated
PR2001 DIODES-PR2001 Datasheet
61Kb / 2P
   2.0A FAST RECOVERY RECTIFIER
DS26010 Rev. A1-2
logo
Won-Top Electronics
FR201 WTE-FR201 Datasheet
46Kb / 3P
   2.0A FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
PR2001 DIODES-PR2001_1 Datasheet
368Kb / 3P
   2.0A FAST RECOVERY RECTIFIER
DS26010 Rev. 4 - 2
logo
Torex Semiconductor
XBF20A40S-G TOREX-XBF20A40S-G Datasheet
227Kb / 5P
   2.0A Fast Recovery Rectifier
XBF20A60S-G TOREX-XBF20A60S-G Datasheet
227Kb / 5P
   2.0A Fast Recovery Rectifier
logo
Diodes Incorporated
SF21 DIODES-SF21 Datasheet
53Kb / 2P
   2.0A SUPER-FAST RECOVERY RECTIFIER
DS24002 Rev. D-3
logo
TAITRON Components Inco...
TUF201 TAITRON-TUF201 Datasheet
137Kb / 4P
   2.0A Ultra Fast Recovery Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com