Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF35-TB Datasheet(PDF) 2 Page - Won-Top Electronics

Part # SF35-TB
Description  3.0A SUPER-FAST RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SF35-TB Datasheet(HTML) 2 Page - Won-Top Electronics

  SF35-TB Datasheet HTML 1Page - Won-Top Electronics SF35-TB Datasheet HTML 2Page - Won-Top Electronics SF35-TB Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SF31 – SF37
2 of 3
© 2002 Won-Top Electronics
0.01
0.1
1.0
10
100
0.6
1.0
1.4
1.8
T = 25 C
j
°
Pulse width = 300 s
2% duty cycle
µ
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
10
100
200
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Peak Forward Surge Current
8.3ms single half
sine-wave
50V DC
Approx
50
NI (Non-inductive)
10
NI
1.0
NI
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
t
rr
Set time base for 5/10ns/cm
+0.5A
0A
-0.25A
-1.0A
Notes:
1. Rise Time = 7.0ns max. Input Impedance = 1.0M , 22pF.
2. Rise Time = 10ns max. Input Impedance = 50 .
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)
10
100
1000
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
0
1
2
3
4
025
50
75
100
125
150
175
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
A
°
Single phase half wave
Resistive or Inductive load
SF31 - SF34
SF31 - SF34
SF35 - SF36
SF37
SF35 - SF37


Similar Part No. - SF35-TB

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SF35-TB WTE-SF35-TB Datasheet
52Kb / 4P
   3.0A SUPERFAST DIODE
More results

Similar Description - SF35-TB

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
ER301 ZSELEC-ER301 Datasheet
122Kb / 2P
   3.0A SUPER FAST RECTIFIER
SF31 ZSELEC-SF31 Datasheet
117Kb / 2P
   3.0A SUPER FAST RECTIFIER
logo
Diodes Incorporated
SF31 DIODES-SF31 Datasheet
59Kb / 2P
   3.0A SUPER-FAST RECOVERY RECTIFIER
DS24003 Rev. C-3
logo
TAITRON Components Inco...
TSF31 TAITRON-TSF31 Datasheet
132Kb / 4P
   3.0A Super Fast Recovery Rectifier
logo
Diodes Incorporated
SF30AG DIODES-SF30AG_1 Datasheet
87Kb / 3P
   3.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
DS24014 Rev. 4 - 2
SF30AG DIODES-SF30AG Datasheet
62Kb / 2P
   3.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
DS24014 Rev. B-2
ES3A_ DIODES-ES3A_ Datasheet
107Kb / 3P
   3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14003 Rev. 10 - 2
logo
Won-Top Electronics
ER3A WTE-ER3A Datasheet
51Kb / 3P
   3.0A SURFACE MOUNT SUPER FAST RECTIFIER
logo
Diodes Incorporated
BYV28 DIODES-BYV28 Datasheet
75Kb / 2P
   3.0A SUPER-FAST GLASS BODY RECTIFIER
DS30033 Rev. A
MURS320 DIODES-MURS320 Datasheet
64Kb / 2P
   3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30197 Rev. A-0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com