Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX85-C82 Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # BZX85-C82
Description  ZENER DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

BZX85-C82 Datasheet(HTML) 3 Page - Silicon Standard Corp.

  BZX85-C82 Datasheet HTML 1Page - Silicon Standard Corp. BZX85-C82 Datasheet HTML 2Page - Silicon Standard Corp. BZX85-C82 Datasheet HTML 3Page - Silicon Standard Corp. BZX85-C82 Datasheet HTML 4Page - Silicon Standard Corp. BZX85-C82 Datasheet HTML 5Page - Silicon Standard Corp. BZX85-C82 Datasheet HTML 6Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
07/05/2007 Rev.1.00
www.SiliconStandard.com
3
BZX85-C12
ELECTRICAL CHARACTERISTICS
(TA=25
o
C unless otherwise noted)
e
p
y
T
r
e
b
m
u
n
+
.
l
o
T
%
5
e
g
a
t
l
o
v
r
e
n
e
Z
e
g
n
a
r
)
1
(
I
t
a
Z
V
Z
)
s
t
l
o
V
(
t
n
e
r
r
u
c
t
s
e
T
I
Z
)
A
m
(
.
n
i
M.
x
a
M
7
V
2
C
-
5
8
X
Z
B0
5
.
20
9
.
20
6
0
V
3
C
-
5
8
X
Z
B0
8
.
20
2
.
30
6
3
V
3
C
-
5
8
X
Z
B0
1
.
30
5
.
30
6
6
V
3
C
-
5
8
X
Z
B0
4
.
30
8
.
30
6
9
V
3
C
-
5
8
X
Z
B0
7
.
30
1
.
40
6
3
V
4
C
-
5
8
X
Z
B0
0
.
40
6
.
40
5
7
V
4
C
-
5
8
X
Z
B0
4
.
40
0
.
55
4
1
V
5
C
-
5
8
X
Z
B0
8
.
40
4
.
55
4
6
V
5
C
-
5
8
X
Z
B0
2
.
50
0
.
65
4
2
V
6
C
-
5
8
X
Z
B0
8
.
50
6
.
65
3
8
V
6
C
-
5
8
X
Z
B0
4
.
60
2
.
75
3
5
V
7
C
-
5
8
X
Z
B0
0
.
70
9
.
75
3
2
V
8
C
-
5
8
X
Z
B0
7
.
70
7
.
85
2
1
V
9
C
-
5
8
X
Z
B0
5
.
80
6
.
95
2
0
1
C
-
5
8
X
Z
B0
4
.
96
.
0
15
2
1
1
C
-
5
8
X
Z
B4
.
0
16
.
1
10
2
2
1
C
-
5
8
X
Z
B4
.
1
17
.
2
10
2
3
1
C
-
5
8
X
Z
B4
.
2
11
.
4
10
2
5
1
C
-
5
8
X
Z
B8
.
3
16
.
5
15
1
6
1
C
-
5
8
X
Z
B3
.
5
11
.
7
15
1
8
1
C
-
5
8
X
Z
B8
.
6
11
.
9
15
1
0
2
C
-
5
8
X
Z
B8
.
8
12
.
1
20
1
2
2
C
-
5
8
X
Z
B8
.
0
23
.
3
20
1
4
2
C
-
5
8
X
Z
B8
.
2
26
.
5
20
1
7
2
C
-
5
8
X
Z
B1
.
5
29
.
8
20
.
8
0
3
C
-
5
8
X
Z
B0
.
8
20
.
2
30
.
8
3
3
C
-
5
8
X
Z
B0
.
1
30
.
5
30
.
8
6
3
C
-
5
8
X
Z
B0
.
4
30
.
8
30
.
8
9
3
C
-
5
8
X
Z
B0
.
7
30
.
1
40
.
6
3
4
C
-
5
8
X
Z
B0
.
0
40
.
6
40
.
6
7
4
C
-
5
8
X
Z
B0
.
4
40
.
0
50
.
4
1
5
C
-
5
8
X
Z
B0
.
8
40
.
4
50
.
4
6
5
C
-
5
8
X
Z
B0
.
2
50
.
0
60
.
4
2
6
C
-
5
8
X
Z
B0
.
8
50
.
6
60
.
4
8
6
C
-
5
8
X
Z
B0
.
4
60
.
2
70
.
4
5
7
C
-
5
8
X
Z
B0
.
0
70
.
0
80
.
4
2
8
C
-
5
8
X
Z
B0
.
7
70
.
7
87
.
2
1
9
C
-
5
8
X
Z
B0
.
5
80
.
6
97
.
2
0
0
1
C
-
5
8
X
Z
B0
.
4
96
0
17
.
2
0
1
1
C
-
5
8
X
Z
B4
0
16
1
17
.
2
0
2
1
C
-
5
8
X
Z
B4
1
17
2
10
.
2
0
3
1
C
-
5
8
X
Z
B4
2
11
4
10
.
2
0
5
1
C
-
5
8
X
Z
B8
3
16
5
10
.
2
0
6
1
C
-
5
8
X
Z
B3
5
11
7
15
.
1
0
8
1
C
-
5
8
X
Z
B8
6
11
9
15
.
1
0
0
2
C
-
5
8
X
Z
B8
8
12
1
25
.
1
Notes:
1. Measured with pulses t
p=5 ms


Similar Part No. - BZX85-C82

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
BZX85-C82 GOOD-ARK-BZX85-C82 Datasheet
209Kb / 6P
   Zener Diodes
logo
Silicon Standard Corp.
BZX85-C82 SSC-BZX85-C82 Datasheet
338Kb / 6P
   ZENER DIODES
More results

Similar Description - BZX85-C82

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com