Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMA150A Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # P4SMA150A
Description  Surface Mount Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

P4SMA150A Datasheet(HTML) 1 Page - Silicon Standard Corp.

  P4SMA150A Datasheet HTML 1Page - Silicon Standard Corp. P4SMA150A Datasheet HTML 2Page - Silicon Standard Corp. P4SMA150A Datasheet HTML 3Page - Silicon Standard Corp. P4SMA150A Datasheet HTML 4Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Surface Mount Transient
Voltage Suppressors
08/23/2007 Rev.1.00
www.SiliconStandard.com
1
P4SMA6.8A thru P4SMA550CA
PRODUCT SUMMARY
Peak Pulse Power 400W
Breakdown voltage 6.8 to 550V
FEATURES
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Optimized for LAN protection applications
Ideal for ESD protection of data lines in accordance with
IEC 1000-4-2 (IEC801-2)
Ideal for EFT protection of data lines in accordance with
IEC1000-4-4 (IEC801-4)
Low profile package with built-in strain relief for surface
mounted applications
Glass passivated junction
Low incremental surge resistance, excellent clamping capability
400W peak pulse power capability with a 10/1000us wave-
form, repetition rate (duty cycle): 0.01% (300W above 91V)
Very Fast response time
High temperature soldering guaranteed: 250
oC/10 seconds
at terminals
MECHANICAL DATA
Case: JEDEC DO-214AC molded plastic over passivated chip
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: For uni-directional types the band denotes the cathode,
which is positive with respect to the anode under normal TVS
operation
Mounting Position: Any
Weight: 0.002oz., 0.064g
Devices for Bidirectional Applications
For bi-directional devices, use suffix CA (e.g. P4SMA10CA).
Electrical characteristics apply in both directions.
Pb-free; RoHS-compliant


Similar Part No. - P4SMA150A

ManufacturerPart #DatasheetDescription
logo
Shanghai Semitech Semic...
P4SMA150A SEMITECH-P4SMA150A Datasheet
493Kb / 5P
   Low profile package
logo
Won-Top Electronics
P4SMA150A WTE-P4SMA150A Datasheet
65Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
UN Semiconducctor INC
P4SMA150A UNSEMI-P4SMA150A Datasheet
3Mb / 7P
   6.8 To 600V 400W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Silicon Standard Corp.
P4SMA150A SSC-P4SMA150A Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Ruilongyuan Electronics...
P4SMA150A RUILON-P4SMA150A Datasheet
878Kb / 7P
   Transient Voltage Suppressors
More results

Similar Description - P4SMA150A

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com