Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GF063V-3B101M Datasheet(PDF) 9 Page - TOCOSAMERICA, INC.

Part # GF063V-3B101M
Description  1/4?쇺? Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

GF063V-3B101M Datasheet(HTML) 9 Page - TOCOSAMERICA, INC.

Back Button GF063V-3B101M Datasheet HTML 4Page - TOCOSAMERICA, INC. GF063V-3B101M Datasheet HTML 5Page - TOCOSAMERICA, INC. GF063V-3B101M Datasheet HTML 6Page - TOCOSAMERICA, INC. GF063V-3B101M Datasheet HTML 7Page - TOCOSAMERICA, INC. GF063V-3B101M Datasheet HTML 8Page - TOCOSAMERICA, INC. GF063V-3B101M Datasheet HTML 9Page - TOCOSAMERICA, INC. GF063V-3B101M Datasheet HTML 10Page - TOCOSAMERICA, INC. GF063V-3B101M Datasheet HTML 11Page - TOCOSAMERICA, INC. GF063V-3B101M Datasheet HTML 12Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
64
GF063U B 100 K
GF063U B 200 K
GF063U B 500 K
GF063U B 101 K
GF063U B 201 K
GF063U B 501 K
GF063U B 102 K
GF063U B 202 K
GF063U B 502 K
GF063U B 103 K
GF063U B 203 K
GF063U B 503 K
GF063U B 104 K
GF063U B 204 K
GF063U B 504 K
GF063U B 105 K
GF063U B 205 K
GF063U B 505 K
GF063UT B 100 K
GF063UT B 200 K
GF063UT B 500 K
GF063UT B 101 K
GF063UT B 201 K
GF063UT B 501 K
GF063UT B 102 K
GF063UT B 202 K
GF063UT B 502 K
GF063UT B 103 K
GF063UT B 203 K
GF063UT B 503 K
GF063UT B 104 K
GF063UT B 204 K
GF063UT B 504 K
GF063UT B 105 K
GF063UT B 205 K
GF063UT B 505 K
GF063UT2 B 100 K
GF063UT2 B 200 K
GF063UT2 B 500 K
GF063UT2 B 101 K
GF063UT2 B 201 K
GF063UT2 B 501 K
GF063UT2 B 102 K
GF063UT2 B 202 K
GF063UT2 B 502 K
GF063UT2 B 103 K
GF063UT2 B 203 K
GF063UT2 B 503 K
GF063UT2 B 104 K
GF063UT2 B 204 K
GF063UT2 B 504 K
GF063UT2 B 105 K
GF063UT2 B 205 K
GF063UT2 B 505 K
10
20
50
100
200
500
1,000
2,000
5,000
10,000
20,000
50,000
100,000
200,000
500,000
1,000,000
2,000,000
5,000,000
100
200
500
101
201
501
102
202
502
103
203
503
104
204
504
105
205
505
GF063U Through-Hole, U Terminal Style, Cross-Slot, Top Adjust
Part Numbers
GF063W B 100 K
GF063W B 200 K
GF063W B 500 K
GF063W B 101 K
GF063W B 201 K
GF063W B 501 K
GF063W B 102 K
GF063W B 202 K
GF063W B 502 K
GF063W B 103 K
GF063W B 203 K
GF063W B 503 K
GF063W B 104 K
GF063W B 204 K
GF063W B 504 K
GF063W B 105 K
GF063W B 205 K
GF063W B 505 K
10
20
50
100
200
500
1,000
2,000
5,000
10,000
20,000
50,000
100,000
200,000
500,000
1,000,000
2,000,000
5,000,000
100
200
500
101
201
501
102
202
502
103
203
503
104
204
504
105
205
505
GF063W Through-Hole, W Terminal Style, Cross-Slot, Top Adjust
GF063 Series
Potentiometer
Styles
Nominal Resistance
Resistance Tolerance: K =
10% (see footnote for M =
20% )
Value (
Ω)
Code
*Catalog No.*
Tape & Reel
*Catalog No.*
Bulk
*Catalog No.*
Tape & Ammo Box
* Substitute code letter M in place of K at end of catalog part number for
20% resistance tolerance.
GF063U1 B 100 K
GF063U1 B 200 K
GF063U1 B 500 K
GF063U1 B 101 K
GF063U1 B 201 K
GF063U1 B 501 K
GF063U1 B 102 K
GF063U1 B 202 K
GF063U1 B 502 K
GF063U1 B 103 K
GF063U1 B 203 K
GF063U1 B 503 K
GF063U1 B 104 K
GF063U1 B 204 K
GF063U1 B 504 K
GF063U1 B 105 K
GF063U1 B 205 K
GF063U1 B 505 K
10
20
50
100
200
500
1,000
2,000
5,000
10,000
20,000
50,000
100,000
200,000
500,000
1,000,000
2,000,000
5,000,000
100
200
500
101
201
501
102
202
502
103
203
503
104
204
504
105
205
505
GF063U1 Through-Hole, U1 Terminal Style, Cross-Slot, Top Adjust
GF063W
GF063U
GF063U1


Similar Part No. - GF063V-3B101M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GF063V1K ETC1-GF063V1K Datasheet
833Kb / 9P
   1/4 SQUARE, SINGLE-TURN, THROUGH-HOLE SEALED CERMET TRIMMERS
GF063V1KP1KB100K ETC1-GF063V1KP1KB100K Datasheet
833Kb / 9P
   1/4 SQUARE, SINGLE-TURN, THROUGH-HOLE SEALED CERMET TRIMMERS
logo
TOCOSAMERICA, INC.
GF063V1KP1KB100K TOCOS-GF063V1KP1KB100K Datasheet
520Kb / 9P
   1/4?쇺? Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
GF063V1KP1KB100M TOCOS-GF063V1KP1KB100M Datasheet
520Kb / 9P
   1/4?쇺? Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
logo
List of Unclassifed Man...
GF063V1KP1KB101K ETC1-GF063V1KP1KB101K Datasheet
833Kb / 9P
   1/4 SQUARE, SINGLE-TURN, THROUGH-HOLE SEALED CERMET TRIMMERS
More results

Similar Description - GF063V-3B101M

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
GF063-K TOCOS-GF063-K Datasheet
520Kb / 9P
   1/4?쇺? Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
logo
List of Unclassifed Man...
GF063-K ETC1-GF063-K Datasheet
833Kb / 9P
   1/4 SQUARE, SINGLE-TURN, THROUGH-HOLE SEALED CERMET TRIMMERS
logo
TOCOSAMERICA, INC.
GV6 TOCOS-GV6 Datasheet
298Kb / 5P
   1/4??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
RJC26 TOCOS-RJC26 Datasheet
161Kb / 3P
   1/4??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
logo
Vishay Siliconix
T73 VISHAY-T73 Datasheet
143Kb / 4P
   1/4" Square Single-Turn Cermet Sealed Trimmers
Revision: 24-Jan-07
logo
TOCOSAMERICA, INC.
RJC097 TOCOS-RJC097 Datasheet
208Kb / 4P
   3/4?쇺? Rectilinear, 15-Turn, Through-Hole, Sealed Cermet Trimmers
GF12 TOCOS-GF12 Datasheet
538Kb / 11P
   12mm Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
G43C TOCOS-G43C Datasheet
278Kb / 3P
   4mm Square, Single-Turn, Through-Hole, Sealed Cermet Trimmers
RJC07R TOCOS-RJC07R Datasheet
153Kb / 3P
   3/4?쇺? Rectilinear, 13-Turn, Through-Hole, Sealed Cermet Trimmers
RJC06 TOCOS-RJC06 Datasheet
226Kb / 5P
   1/4??Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com