Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF63-T3 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # SF63-T3
Description  6.0A SUPER-FAST RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SF63-T3 Datasheet(HTML) 2 Page - Won-Top Electronics

  SF63-T3 Datasheet HTML 1Page - Won-Top Electronics SF63-T3 Datasheet HTML 2Page - Won-Top Electronics SF63-T3 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SF61 – SF66
2 of 3
© 2002 Won-Top Electronics
0.01
0.1
1.0
10
100
0.6
1.0
1.4
1.8
T = 25 C
j
°
Pulse width = 300 s
2% duty cycle
µ
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
SF61 - SF64
SF65 - SF66
10
100
200
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Peak Forward Surge Current
8.3ms single half
sine-wave
50V DC
Approx
50
NI (Non-inductive)
10
NI
1.0
NI
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
t
rr
Set time base for 5/10ns/cm
+0.5A
0A
-0.25A
-1.0A
Notes:
1. Rise Time = 7.0ns max. Input Impedance = 1.0M , 22pF.
2. Rise Time = 10ns max. Input Impedance = 50 .
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)
10
100
1000
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
SF61 - SF64
SF65 - SF66
0
2
4
6
8
025
50
75
100
125
150
175
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
A
°
Single phase half wave
Resistive or Inductive load


Similar Part No. - SF63-T3

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SF63 JGD-SF63 Datasheet
165Kb / 2P
   6.0 AMPS. SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF63 HY-SF63 Datasheet
405Kb / 3P
   Super Fast Recovery Recitifiers
logo
SEMTECH ELECTRONICS LTD...
SF63 SEMTECH_ELEC-SF63 Datasheet
192Kb / 2P
   SUPER FAST RECTIFIER
logo
Rugao Dachang Electroni...
SF63 DACHANG-SF63 Datasheet
121Kb / 2P
   Plastic Super Fast Recover Rectifier
logo
Bytes
SF63 BYTES-SF63 Datasheet
160Kb / 2P
   6.0 AMP SUPER FAST RECTIFIERS
More results

Similar Description - SF63-T3

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
SF61 ZSELEC-SF61 Datasheet
142Kb / 2P
   6.0A SUPER FAST RECTIFIER
logo
Diodes Incorporated
SF61 DIODES-SF61 Datasheet
59Kb / 2P
   6.0A SUPER-FAST RECOVERY RECTIFIER
DS24004 Rev. D-3
logo
TAITRON Components Inco...
TSF61 TAITRON-TSF61 Datasheet
129Kb / 4P
   6.0A Super Fast Recovery Rectifier
logo
DONGGUAN YOU FENG WEI E...
GBU603SF YFWDIODE-GBU603SF Datasheet
317Kb / 3P
   6.0A Super Fast Recovery Rectifier Bridge
D3K603SF YFWDIODE-D3K603SF Datasheet
340Kb / 3P
   6.0A Super Fast Recovery Rectifier Bridge
logo
Won-Top Electronics
ED602CS WTE-ED602CS Datasheet
49Kb / 3P
   6.0A DPAK SURFACE MOUNT SUPER FAST RECTIFIER
logo
TAITRON Components Inco...
EGP60A TAITRON-EGP60A Datasheet
128Kb / 4P
   6.0A Sintered Glass Passivated Super Fast Recovery Rectifier
logo
Won-Top Electronics
FR601 WTE-FR601 Datasheet
51Kb / 3P
   6.0A FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
FR602-T DIODES-FR602-T Datasheet
59Kb / 2P
   6.0A FAST RECOVERY RECTIFIER
FR601 DIODES-FR601 Datasheet
57Kb / 2P
   6.0A FAST RECOVERY RECTIFIER
DS26004 Rev. C1-3
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com