Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SMA4763 Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # 1SMA4763
Description  SURFACE MOUNT SILICON ZENDER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

1SMA4763 Datasheet(HTML) 3 Page - Silicon Standard Corp.

  1SMA4763 Datasheet HTML 1Page - Silicon Standard Corp. 1SMA4763 Datasheet HTML 2Page - Silicon Standard Corp. 1SMA4763 Datasheet HTML 3Page - Silicon Standard Corp. 1SMA4763 Datasheet HTML 4Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
08/22/2007 Rev.1.00
www.SiliconStandard.com
3
FIG.1- POWER TEMPERATURE DERATING CURVE
FIG.2- TYPICAL FORWARD CHARACTERISTICS
FIG.3- EFFECT OF ZENER CURRENT
ON ZENER IMPEDANCE
FIG.5- TYPICAL LEAKAGE CURRENT
FIG.4- EFFECT OF ZENER VOLTAGE
ON ZENER IMPEDANCE
AMBIENT TEMPERATURE( C)
o
V
FORWARD VOLTAGE (VOLTS)
F
,
I,
Z
ZENER CURRENT (mA)
I,
Z
ZENER CURRENT (mA)
V,
Z
NOMINAL ZENER VOLTAGE (VOLTS)
0
20
40
60
80
100
120
140
160
180
200
MINIMUM
MAXIMUM
70 C
o
150 C
o
25 C
o
0C
o
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1
2
5
10
20
50
100
200
500
1000
T = 25 C
I (rms)= 0.1 I (dc)
f = 1KHz
J
ZZ
o
47V
27V
0.8V
0.1
0.25
0.50
0.75
1.0
1.25
0.2
0.5
1
2
5
10
20
50
100
1
2
5
10
20
50
100
200
500
1000
1
T = 25 C
I (rms)= 0.1 I (dc)
f = 1KHz
J
ZZ
o
I = 1.0mA
Z
5.0mA
20mA
2
3
5
7
10
20
30
50 70
100
1
2
5
7
10
20
50
70
100
200
500
700
1000
TYPICAL LEAKAGE CURRENT
AT 80% OF NOMINAL
BREAKDOWN VOLTAGE
+125 C
o
+25 C
o
34
5
6
7
8
9
10
11
12
13
14
15
0.001
0.002
0.005
0.007
0.01
0.02
0.05
0.07
0.1
0.2
0.5
0.7
1
2
5
7
10
20
50
70
100
200
500
700
1000
2000
5000
7000
10000
0
RATINGS ANAD CHARACTERISTIC CURVES (1SMA4741 THRU 1SMA200Z)
1SMA4741 thru 1SMA200Z


Similar Part No. - 1SMA4763

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1SMA4763 TRSYS-1SMA4763 Datasheet
301Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Microdiode Electronics ...
1SMA4763 CHENDA-1SMA4763 Datasheet
923Kb / 4P
   Glass passivated junction
logo
Taiwan Semiconductor Co...
1SMA4763 TSC-1SMA4763 Datasheet
166Kb / 5P
   Surface Mount Silicon Zener Diode
logo
Sangdest Microelectroni...
1SMA4763 SMC-1SMA4763 Datasheet
265Kb / 6P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Taiwan Semiconductor Co...
1SMA4763 TSC-1SMA4763 Datasheet
339Kb / 4P
   1.0 Watts Surface Mount Silicon Zener Diode
More results

Similar Description - 1SMA4763

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4728AUR MICROSEMI-1N4728AUR Datasheet
365Kb / 3P
   SURFACE MOUNT 1.0W GLASS ZENDER DIODE
logo
STMicroelectronics
PL100Z STMICROELECTRONICS-PL100Z Datasheet
199Kb / 3P
   ZENDER DIODES DIODES ZENDER
logo
Pan Jit International I...
1SMB5921 PANJIT-1SMB5921 Datasheet
59Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Continental Device Indi...
1SMA4732 CDIL-1SMA4732 Datasheet
230Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Transys Electronics
1SMB2EZ11 TRSYS-1SMB2EZ11 Datasheet
366Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Central Semiconductor C...
CTLZ6V8 CENTRAL-CTLZ6V8 Datasheet
501Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
CMOSH-3 CENTRAL-CMOSH-3_12 Datasheet
493Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY DIODE
logo
Unisonic Technologies
BZT52B5V6S UTC-BZT52B5V6S Datasheet
129Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Central Semiconductor C...
CFSH01-30L CENTRAL-CFSH01-30L_15 Datasheet
837Kb / 4P
   SURFACE MOUNT SILICON SCHOTTKY DIODE
CFSH-4 CENTRAL-CFSH-4_15 Datasheet
507Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com