Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF151 Datasheet(PDF) 3 Page - Won-Top Electronics

Part # SF151
Description  1.5A SOFT FAST RECOVERY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SF151 Datasheet(HTML) 3 Page - Won-Top Electronics

  SF151 Datasheet HTML 1Page - Won-Top Electronics SF151 Datasheet HTML 2Page - Won-Top Electronics SF151 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SFR151 – SFR157
3 of 3
© 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.!
!
!
!
Package Type
Shipping Quantity
SFR151-T3
DO-15
4000/Tape & Reel
SFR151-TB
DO-15
3000/Tape & Box
SFR151
DO-15
1000 Units/Box
SFR152-T3
DO-15
4000/Tape & Reel
SFR152-TB
DO-15
3000/Tape & Box
SFR152
DO-15
1000 Units/Box
SFR153-T3
DO-15
4000/Tape & Reel
SFR153-TB
DO-15
3000/Tape & Box
SFR153
DO-15
1000 Units/Box
SFR154-T3
DO-15
4000/Tape & Reel
SFR154-TB
DO-15
3000/Tape & Box
SFR154
DO-15
1000 Units/Box
SFR155-T3
DO-15
4000/Tape & Reel
SFR155-TB
DO-15
3000/Tape & Box
SFR155
DO-15
1000 Units/Box
SFR156-T3
DO-15
4000/Tape & Reel
SFR156-TB
DO-15
3000/Tape & Box
SFR156
DO-15
1000 Units/Box
SFR157-T3
DO-15
4000/Tape & Reel
SFR157-TB
DO-15
3000/Tape & Box
SFR157
DO-15
1000 Units/Box
Products listed in bold are WTE Preferred devices.
!T3 suffix refers to a 13” reel. TB suffix refers to Ammo Pack.
Shipping quantity given is for minimum packing quantity only. For minimum order
quantity, please consult the Sales Department.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
Wepoweryoureveryday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - SF151

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
SF1510 ZSELEC-SF1510 Datasheet
98Kb / 2P
   15 .0A GLASS PASSIVATED SUPERFAST RECTIFIER
logo
Amphenol Corporation
SF1511-60111 AMPHENOL-SF1511-60111 Datasheet
128Kb / 1P
   2.92MM MALE EDGE LAUNCH CONNECTOR WITH 횠.008 LAUNCH PIN
logo
Amphenol SV Microwave
SF1511-60111 SVMICROWAVE-SF1511-60111 Datasheet
550Kb / 1P
   2.92MM MALE EDGE LAUNCH CONNECTOR WITH Ø.008 LAUNCH PIN
05/19
logo
Amphenol Corporation
SF1511-60119 AMPHENOL-SF1511-60119 Datasheet
111Kb / 1P
   2.92mm MALE 2 HOLE FLANGE COMPRESSION MOUNT
logo
Amphenol SV Microwave
SF1511-60119-1S SVMICROWAVE-SF1511-60119-1S Datasheet
534Kb / 1P
   2.92mm MALE 2 HOLE FLANGE COMPRESSION MOUNT
12/19
More results

Similar Description - SF151

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FR151 DIODES-FR151 Datasheet
59Kb / 2P
   1.5A FAST RECOVERY RECTIFIER
DS26006 Rev. C-3
logo
Won-Top Electronics
FR151 WTE-FR151 Datasheet
46Kb / 3P
   1.5A FAST RECOVERY RECTIFIER
logo
TAITRON Components Inco...
TF151 TAITRON-TF151 Datasheet
132Kb / 4P
   1.5A Fast Recovery Rectifier
logo
Diodes Incorporated
PR1501S DIODES-PR1501S_15 Datasheet
292Kb / 3P
   1.5A FAST RECOVERY RECTIFIER
PR1501 DIODES-PR1501_1 Datasheet
87Kb / 3P
   1.5A FAST RECOVERY RECTIFIER
DS26011 Rev. 4 - 2
PR1501 DIODES-PR1501 Datasheet
62Kb / 2P
   1.5A FAST RECOVERY RECTIFIER
DS26011 Rev. B1-2
logo
List of Unclassifed Man...
TF151 ETC2-TF151 Datasheet
130Kb / 4P
   1.5A Fast Recovery Rectifier
logo
Vishay Siliconix
BYT41 VISHAY-BYT41 Datasheet
44Kb / 4P
   Fast Soft Recovery Rectifier
Rev. 3, 24-Jun-98
BYT42 VISHAY-BYT42 Datasheet
44Kb / 4P
   Fast Soft Recovery Rectifier
Rev. 3, 24-Jun-98
logo
NXP Semiconductors
BYG85B PHILIPS-BYG85B Datasheet
66Kb / 12P
   Fast soft-recovery rectifier
1998 Nov 25
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com