Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GF063VKUKB100M Datasheet(PDF) 2 Page - TOCOSAMERICA, INC.

Part # GF063VKUKB100M
Description  1/4?쇺? Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

GF063VKUKB100M Datasheet(HTML) 2 Page - TOCOSAMERICA, INC.

  GF063VKUKB100M Datasheet HTML 1Page - TOCOSAMERICA, INC. GF063VKUKB100M Datasheet HTML 2Page - TOCOSAMERICA, INC. GF063VKUKB100M Datasheet HTML 3Page - TOCOSAMERICA, INC. GF063VKUKB100M Datasheet HTML 4Page - TOCOSAMERICA, INC. GF063VKUKB100M Datasheet HTML 5Page - TOCOSAMERICA, INC. GF063VKUKB100M Datasheet HTML 6Page - TOCOSAMERICA, INC. GF063VKUKB100M Datasheet HTML 7Page - TOCOSAMERICA, INC. GF063VKUKB100M Datasheet HTML 8Page - TOCOSAMERICA, INC. GF063VKUKB100M Datasheet HTML 9Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
69
Unit: mm
Dimensions
GF063-K Series
3.8
0.2
3.0
0.2
6.8
0.4
6.8 0.3
5.0 0.5
5.5 0.3
5.0 1.0
0.5 x 0.3 (3)
0.1
0.1
2.5
0.3
4.0
0.6
5.0
0.6
2.5
0.3
2.5
0.3
#1
#2
#3
3.8
0.2
3.0
0.2
6.8
0.4
6.8 0.3
5.0 0.5
5.5 0.3
5.0 1.0
2.0
0.3
2.5
0.3
2.5
0.3
#1
#2
#3
0.5 x 0.3 (3)
0.1
0.1
3.8
0.2
3.0
0.2
6.8
0.4
6.8 0.3
5.0 0.5
5.5 0.3
5.0 1.0
3.4
0.2
5.0
0.6
2.5
0.3
2.5
0.3
#1
#2
#3
0.5 x 0.3 (3)
0.1
0.1
Recommended
PCB Layout
Recommended
PCB Layout
Recommended
PCB Layout
#3
#2
#1
5.0
2.5
Ø
1.0 max.
(3 holes)
#3
#2
#1
2.5
2.5
Ø
1.0 max.
(3 holes)
#3
#2
#1
5.0
2.5
2.5
Ø
1.0 max.
(3 holes)
2.5
0.3
3.8
0.2
3.0
0.2
6.8
0.4
6.8 0.3
5.0 0.5
5.5 0.3
5.0 1.0
3.4
0.2
5.0
0.6
2.5
0.3
2.5
0.3
0.5 x 0.3 (3)
0.1
0.1
#1
#2
#3
Recommended
PCB Layout
#3
#2
#1
5.0
2.5
Ø
1.0 max.
(3 holes)
GF063P1K
P1 Terminal Style, Top Adjust Knob
GF063PK
P Terminal Style, Top Adjust Knob
GF063WK
W Terminal Style, Top Adjust Knob
GF063UK
U Terminal Style, Top Adjust Knob


Similar Part No. - GF063VKUKB100M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GF063VKUKB100K ETC1-GF063VKUKB100K Datasheet
833Kb / 9P
   1/4 SQUARE, SINGLE-TURN, THROUGH-HOLE SEALED CERMET TRIMMERS
More results

Similar Description - GF063VKUKB100M

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
GF063 TOCOS-GF063 Datasheet
793Kb / 12P
   1/4?쇺? Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
logo
List of Unclassifed Man...
GF063-K ETC1-GF063-K Datasheet
833Kb / 9P
   1/4 SQUARE, SINGLE-TURN, THROUGH-HOLE SEALED CERMET TRIMMERS
logo
TOCOSAMERICA, INC.
GV6 TOCOS-GV6 Datasheet
298Kb / 5P
   1/4??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
RJC26 TOCOS-RJC26 Datasheet
161Kb / 3P
   1/4??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
logo
Vishay Siliconix
T73 VISHAY-T73 Datasheet
143Kb / 4P
   1/4" Square Single-Turn Cermet Sealed Trimmers
Revision: 24-Jan-07
logo
TOCOSAMERICA, INC.
RJC097 TOCOS-RJC097 Datasheet
208Kb / 4P
   3/4?쇺? Rectilinear, 15-Turn, Through-Hole, Sealed Cermet Trimmers
GF12 TOCOS-GF12 Datasheet
538Kb / 11P
   12mm Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
G43C TOCOS-G43C Datasheet
278Kb / 3P
   4mm Square, Single-Turn, Through-Hole, Sealed Cermet Trimmers
RJC07R TOCOS-RJC07R Datasheet
153Kb / 3P
   3/4?쇺? Rectilinear, 13-Turn, Through-Hole, Sealed Cermet Trimmers
RJC06 TOCOS-RJC06 Datasheet
226Kb / 5P
   1/4??Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com