Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GF12R8.2FB105K Datasheet(PDF) 2 Page - TOCOSAMERICA, INC.

Part # GF12R8.2FB105K
Description  12mm Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

GF12R8.2FB105K Datasheet(HTML) 2 Page - TOCOSAMERICA, INC.

  GF12R8.2FB105K Datasheet HTML 1Page - TOCOSAMERICA, INC. GF12R8.2FB105K Datasheet HTML 2Page - TOCOSAMERICA, INC. GF12R8.2FB105K Datasheet HTML 3Page - TOCOSAMERICA, INC. GF12R8.2FB105K Datasheet HTML 4Page - TOCOSAMERICA, INC. GF12R8.2FB105K Datasheet HTML 5Page - TOCOSAMERICA, INC. GF12R8.2FB105K Datasheet HTML 6Page - TOCOSAMERICA, INC. GF12R8.2FB105K Datasheet HTML 7Page - TOCOSAMERICA, INC. GF12R8.2FB105K Datasheet HTML 8Page - TOCOSAMERICA, INC. GF12R8.2FB105K Datasheet HTML 9Page - TOCOSAMERICA, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
78
Dimensions
GF12 Series
GF12P0S
No Shaft, Flush Single-Slot, Top Adjust
P Terminal Style
GF12P5S
5mm Metal Shaft, Single-Slot, Top Adjust
P Terminal Style
GF12P10S
10mm Metal Shaft, Single-Slot, Top Adjust
P Terminal Style
GF12P8.2SK
8.2mm Knurled Plastic Shaft, Top Adjust
P Terminal Style
Unit: mm
6.2
0.3
0.7
0.3 (3)
5.0
1.0
5.0
0.3
2.5
0.3
0.1
0.1
12.0
0.3
12.0
0.3
SLOT:
0.6 0.2 W
4.7 0.2 L
1.2 0.2 D
#1
#2
#3
6.2
0.3
0.7
0.3 (3)
5.0
1.0
5.0
0.3
2.5
0.3
0.1
0.1
12.0
0.3
12.0
0.3
#1
#2
#3
SLOT:
0.6 0.2 W
3.0 0, 0.1 L
1.0 0.2 D
5.0
0.5
Ø
3.0
0,
0.1
Ø
5.5
0.2
1.0 Max.
6.2
0.3
0.7
0.3 (3)
5.0
1.0
5.0
0.3
2.5
0.3
0.1
0.1
12.0
0.3
12.0
0.3
#1
#2
#3
SLOT:
0.6 0.2 W
3.0 0, 0.1 L
1.0 0.2 D
Ø
3.0
0,
0.1
Ø
5.5
0.2
1.0 Max.
10.0
0.5
6.2
0.3
0.7
0.3 (3)
5.0
1.0
5.0
0.3
2.5
0.3
0.1
0.1
12.0
0.3
12.0
0.3
#1
#2
#3
8.2
0.4
Ø
5.0
0.5
#3
#2
#1
5.0
2.5
Ø
1.2 max.
(3 holes)
Unit: mm
Recommended PCB Layout
Electrical Schematic for P Models
P Pin-Out
#2
wiper
#3 cw
clockwise
ccw
#1


Similar Part No. - GF12R8.2FB105K

ManufacturerPart #DatasheetDescription
logo
CUI Devices
GF1201 CUID-GF1201 Datasheet
1Mb / 3P
   SPEAKER
08/05/2022
GF1202 CUID-GF1202 Datasheet
710Kb / 3P
   SPEAKER
08/05/2022
GF1202B CUID-GF1202B Datasheet
785Kb / 3P
   SPEAKER
08/05/2022
GF1205B CUID-GF1205B Datasheet
1Mb / 3P
   SPEAKER
08/05/2022
logo
CUI INC
GF1207 CUI-GF1207 Datasheet
88Kb / 2P
   Specifications
More results

Similar Description - GF12R8.2FB105K

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
G43C TOCOS-G43C Datasheet
278Kb / 3P
   4mm Square, Single-Turn, Through-Hole, Sealed Cermet Trimmers
logo
List of Unclassifed Man...
GF063-K ETC1-GF063-K Datasheet
833Kb / 9P
   1/4 SQUARE, SINGLE-TURN, THROUGH-HOLE SEALED CERMET TRIMMERS
logo
TOCOSAMERICA, INC.
GF063-K TOCOS-GF063-K Datasheet
520Kb / 9P
   1/4?쇺? Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
GF063 TOCOS-GF063 Datasheet
793Kb / 12P
   1/4?쇺? Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
GV6 TOCOS-GV6 Datasheet
298Kb / 5P
   1/4??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
J9WB103K TOCOS-J9WB103K Datasheet
134Kb / 2P
   3/8??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
RJC26 TOCOS-RJC26 Datasheet
161Kb / 3P
   1/4??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
RA12 TOCOS-RA12 Datasheet
163Kb / 3P
   12mm Round, Single-Turn, Through-Hole Sealed Wirewound Trimmers
GF04 TOCOS-GF04 Datasheet
198Kb / 4P
   4mm Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
logo
Vishay Siliconix
T73 VISHAY-T73 Datasheet
143Kb / 4P
   1/4" Square Single-Turn Cermet Sealed Trimmers
Revision: 24-Jan-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com