Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GF063PTB102K Datasheet(PDF) 7 Page - TOCOSAMERICA, INC.

Part # GF063PTB102K
Description  1/4?쇺? Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

GF063PTB102K Datasheet(HTML) 7 Page - TOCOSAMERICA, INC.

Back Button GF063PTB102K Datasheet HTML 3Page - TOCOSAMERICA, INC. GF063PTB102K Datasheet HTML 4Page - TOCOSAMERICA, INC. GF063PTB102K Datasheet HTML 5Page - TOCOSAMERICA, INC. GF063PTB102K Datasheet HTML 6Page - TOCOSAMERICA, INC. GF063PTB102K Datasheet HTML 7Page - TOCOSAMERICA, INC. GF063PTB102K Datasheet HTML 8Page - TOCOSAMERICA, INC. GF063PTB102K Datasheet HTML 9Page - TOCOSAMERICA, INC. GF063PTB102K Datasheet HTML 10Page - TOCOSAMERICA, INC. GF063PTB102K Datasheet HTML 11Page - TOCOSAMERICA, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
62
Tape, Reel & Ammo Box Specifications
GF063 Series
Tape Dimensions
Conforms to EIA-468-B and JIS-C-0805
V1T, V1T2
Unit: mm
Part Numbering System
GF063
P1
T2
102
K
B
Resistance Tolerance: K =
10%; M =
20%
Resistance Code: Expressed in ohms. A three digit code where the first two digits
are significant figures, and the third digit indicates the number of zeros that follow
these figures (i.e., 100 = 10
Ω; 101 = 100Ω; 102 = 1,000Ω; 105 = 1,000,000Ω).
Resistance Taper: B = Linear.
Packaging: T = Tape & Reel; T2 = Tape & Ammo Box; Blank = Bulk.
Terminal Style: P, P1, P2, W, U, U1, Y, Y1 = 3-Lead Configurations, Top Adjust.
S, S1, X, X1, V, V1 = 3-Lead Configurations, Side Adjust.
P1-3 = Special Option, 3mm Leads, Top Adjust.
P1-LM = Special Option, 6.5mm Leads, Top Adjust.
U -LL = Special Option, 16mm Leads, Top Adjust.
V-3 = Special Option, 3mm Leads, Side Adjust.
TOCOS Series Name.
0.5 x 0.3 (3)
0.1
0.1
#1
#2
#3
6.35
0.4
Ø
4.0 0.2
6.0
0.3
12.7 0.3
12.7 0.3
1.0
Max.
0.4 0.1
2.9 0.3
9.0
0.5
15.0
18.0
1.0, 0.5
18.0
2.0, 0
16.0
1.0
8.2
0.4
Direction of Reel Feed
1.3 Max.
1.3 Max.
2.0 Max.
2.0 Max.
Reel Dimensions
Conforms to EIA-468-B and JIS-C-0805
PT, P1T, UT, ST, S1T, VT, V1T
Ammo Box Dimensions
Conforms to EIA-468-B and JIS-C-0805
PT2, P1T2, UT2, ST2, S1T2, XT2, X1T2, VT2, V1T2
Ø
363.0 Max.
52.0
1.0
43.0
2.0
Ø
79.0
1.0
Ø
30.0 1.0
310.0
325.0
First Terminal is #3
43.0
3
1
First Terminal is #1
39mm minimum
leader at both ends
1,000 Pieces
Per 14.3” Reel
1,000
Pieces
Per Box


Similar Part No. - GF063PTB102K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GF063P1K ETC1-GF063P1K Datasheet
833Kb / 9P
   1/4 SQUARE, SINGLE-TURN, THROUGH-HOLE SEALED CERMET TRIMMERS
GF063P1KP1KB100K ETC1-GF063P1KP1KB100K Datasheet
833Kb / 9P
   1/4 SQUARE, SINGLE-TURN, THROUGH-HOLE SEALED CERMET TRIMMERS
logo
TOCOSAMERICA, INC.
GF063P1KP1KB100K TOCOS-GF063P1KP1KB100K Datasheet
520Kb / 9P
   1/4?쇺? Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
GF063P1KP1KB100M TOCOS-GF063P1KP1KB100M Datasheet
520Kb / 9P
   1/4?쇺? Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
logo
List of Unclassifed Man...
GF063P1KP1KB101K ETC1-GF063P1KP1KB101K Datasheet
833Kb / 9P
   1/4 SQUARE, SINGLE-TURN, THROUGH-HOLE SEALED CERMET TRIMMERS
More results

Similar Description - GF063PTB102K

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
GF063-K TOCOS-GF063-K Datasheet
520Kb / 9P
   1/4?쇺? Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
logo
List of Unclassifed Man...
GF063-K ETC1-GF063-K Datasheet
833Kb / 9P
   1/4 SQUARE, SINGLE-TURN, THROUGH-HOLE SEALED CERMET TRIMMERS
logo
TOCOSAMERICA, INC.
GV6 TOCOS-GV6 Datasheet
298Kb / 5P
   1/4??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
RJC26 TOCOS-RJC26 Datasheet
161Kb / 3P
   1/4??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
logo
Vishay Siliconix
T73 VISHAY-T73 Datasheet
143Kb / 4P
   1/4" Square Single-Turn Cermet Sealed Trimmers
Revision: 24-Jan-07
logo
TOCOSAMERICA, INC.
RJC097 TOCOS-RJC097 Datasheet
208Kb / 4P
   3/4?쇺? Rectilinear, 15-Turn, Through-Hole, Sealed Cermet Trimmers
GF12 TOCOS-GF12 Datasheet
538Kb / 11P
   12mm Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
G43C TOCOS-G43C Datasheet
278Kb / 3P
   4mm Square, Single-Turn, Through-Hole, Sealed Cermet Trimmers
RJC07R TOCOS-RJC07R Datasheet
153Kb / 3P
   3/4?쇺? Rectilinear, 13-Turn, Through-Hole, Sealed Cermet Trimmers
RJC06 TOCOS-RJC06 Datasheet
226Kb / 5P
   1/4??Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com