Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV102YP15SB101M Datasheet(PDF) 1 Page - TOCOSAMERICA, INC.

Part # RV102YP15SB101M
Description  10mm Diameter, Single-Turn, Carbon Industrial Panel Controls
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

RV102YP15SB101M Datasheet(HTML) 1 Page - TOCOSAMERICA, INC.

  RV102YP15SB101M Datasheet HTML 1Page - TOCOSAMERICA, INC. RV102YP15SB101M Datasheet HTML 2Page - TOCOSAMERICA, INC. RV102YP15SB101M Datasheet HTML 3Page - TOCOSAMERICA, INC. RV102YP15SB101M Datasheet HTML 4Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
Specifications
Electrical
Standard Resistance Range . . . . . . . . . . . . . 100
Ω to 2MΩ
Resistance Tolerance . . . . . . . . . . . . . . . . .
20% standard
( 10% special order )
End Resistance . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
Ω max.
Resistance Taper . . . . . . . . . . . . . . . . . . . . . . . . . . B = linear
Peak Noise (C.R.V.) . . . . . . . 1% or 2
Ω, whichever is greater
Power Rating . . . . . . . . 0.25 watt at
40 C, 0 watt at
85 C
Maximum Input Voltage . . . . . . . . 300VDC or power rating,
whichever is smaller
Insulation Resistance . . . . . . . 100M
Ω minimum at 250VDC
Dielectric Strength . . . . . . . . . . . . . . . . . . 250VAC, 1 minute
Adjustment Travel . . . . . . . . . . . . . . . . . . . . . . . . . 270
10
Mechanical
Mechanical Travel . . . . . . . . . . . . . . . . . . . . . . . . . 300
10
Shaft Torque . . . . . . . . 20 to 200 gf cm (0.28 to 2.77 oz in)
Stop Strength . . . . . . . . . . . 2.55 kgf cm (35.35 oz in) max.
Mounting Nut Torque . . . . . . 3.5 kgf cm (48.52 oz in) max.
Solderability . . . . . . . . . . . . . . . . . . . . . . . 235 C, 5 seconds
Marking . . . . . Model type, taper, resistance code, date code
Environmental
Temperature Range . . . . . . . . . . . . . . . . . .
10 Cto
85 C
Low Temperature Exposure . . .
10 C, 1 hour without load
∆T/R ) 2.5%
Load Life . . . . . . . . . .
40 C, 90 minutes on, 30 minutes off,
1,000 hours with rated load
∆T/R ) 15%
Moisture Resistance . . . . . . . . . . . . . . .
40 C, 90-95%RH,
96 hours without load
∆T/R ) 10%
Thermal Shock . . . . . . . . . . . . . . . . . . . . . . .
10 C~
85 C,
5 cycles without load
∆T/R ) 10%
Shock . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50G, 6 m /s
∆T/R ) 2.5%
Vibration . . . . . . . . . . . . . . . . . . .10-55Hz, 1.5mm amplitude,
3 directions, 2 hours each
∆T/R ) 2.5%
Soldering Heat Resistance . . . . . . . . . . 350 C, 3.5 seconds
∆T/R ) 2%
Rotational Life . . . . . . . . . . . . . . .10,000 cycles without load
∆T/R ) 10%
∆T/R = Total Resistance Change
RV102 Series
10mm Diameter, Single-Turn, Carbon Industrial Panel Controls
TOCOS®
P ANEL CONTROLS
Features
10mm diameter, single-turn industrial panel controls
Carbon film element
Linear taper
Available in single unit, single shaft
Molded plastic construction for housing and bushing
Small size
3mm diameter metal shafts in slot, flat or round end styles
Standard 10mm or 15mm shaft length
Panel or PC board mounting styles
Lug or pin terminals
Right angle or vertical mount
RV102YN
RV102YP
RV102YP3
8


Similar Part No. - RV102YP15SB101M

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
RV102K10 SEI-RV102K10 Datasheet
3Mb / 27P
   Standard and High Energy Metal Oxide Varistor
2/14/2022
RV102K14 SEI-RV102K14 Datasheet
3Mb / 27P
   Standard and High Energy Metal Oxide Varistor
2/14/2022
RV102K20 SEI-RV102K20 Datasheet
3Mb / 27P
   Standard and High Energy Metal Oxide Varistor
2/14/2022
More results

Similar Description - RV102YP15SB101M

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
RV103 TOCOS-RV103 Datasheet
598Kb / 4P
   10mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV16 TOCOS-RV16 Datasheet
669Kb / 6P
   16mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RVQ103YN TOCOS-RVQ103YN Datasheet
439Kb / 2P
   Long Life 10mm Diameter, Single-Turn, Carbon Panel Controls
RV12 TOCOS-RV12 Datasheet
564Kb / 3P
   12mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV20 TOCOS-RV20 Datasheet
526Kb / 3P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV20N2 TOCOS-RV20N2 Datasheet
461Kb / 2P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV30 TOCOS-RV30 Datasheet
683Kb / 5P
   30mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV24 TOCOS-RV24 Datasheet
711Kb / 7P
   24mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV20N TOCOS-RV20N Datasheet
501Kb / 2P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV202 TOCOS-RV202 Datasheet
508Kb / 3P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com