Electronic Components Datasheet Search |
|
RVQ16YN10FB101K Datasheet(PDF) 1 Page - TOCOSAMERICA, INC. |
|
RVQ16YN10FB101K Datasheet(HTML) 1 Page - TOCOSAMERICA, INC. |
1 / 2 page TOCOS AMERICA, INC. 1177 East Tower Road, Schaumburg, IL 60173 Tel: 847-884-6664 Fax: 847-884-6665 E-mail: sales@tocos.com www.tocos.com Specifications Electrical Standard Resistance Range . . . . . . . . . . . . . 1k Ω to 500kΩ Resistance Tolerance . . . . . . . . . . . . . . . . . 10% standard End Resistance . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Ω max. Resistance Taper . . . . . . . . . . . . . . . . . . . . . . . . . . B = linear Independent Linearity . . . . . . . . . . . . . . . . . . . . 4% max. Peak Noise (C.R.V.) . . . . . . . . . . . . . . . . . . . . . . . . 3% max. Power Rating . . . . . . . . . 0.1 watt at 40 C, 0 watt at 85 C Maximum Input Voltage . . . . . . . . 224VDC or power rating, whichever is smaller Insulation Resistance . . . . . . . 100M Ω minimum at 500VDC Dielectric Strength . . . . . . . . . . . . . . . . . . 500VAC, 1 minute Adjustment Travel . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220 Mechanical Mechanical Travel . . . . . . . . . . . . . . . . . . . . . . . . . 260 10 Shaft Torque . . . . . . . . . . . . . . 50 gf • cm (0.693 oz • in) max. Stop Strength . . . . . . . . . . . . . . 3 kgf • cm (41.59 oz • in) min. Shaft Strength (push) . . . . . . . . . . . . . . . 50 N (5.1 kgf ) min. Shaft Strength (tensile) . . . . . . . . . . . . . . 50 N (5.1 kgf ) min. Shaft End Play . . . . . . . . 0.4 (shaft length /30) mm max. Mounting Nut Torque . . . . . . . 15 kgf • cm (0.208 oz • in) min. Marking . . . . . . . . . . . . . Model type, taper, resistance code, shaft type, terminal identification, date code Environmental Temperature Range . . . . . . . . . . . . . . . . . . 10 Cto 85 C Temperature Characteristics . . . . . . . . . . . 80 C, 5 hours ∆T/R ) 12% Temperature Cycle . . . . . . . . . . . . . . . . . . . . 10 C, 85 C, 30 minutes each, 5 cycles ∆T/R ) 10% Load Life . . . . . . . . . . . . . . . . . . 40 C, 0.1 watt, 1,000 hours ∆T/R ) 15% Moisture and Load Life . . . . . . . . . . . . 40 C, 90-95%RH, 0.1 watt, 500 hours ∆T/R ) 20%, 10% Vibration . . . . . . . . .10-55Hz, 1.5mm amplitude, 3 directions ∆T/R ) 5% Soldering Heat Resistance . . . . . . . 350 C 5 C, 3 seconds ∆T/R ) 2% Rotational Life . . . . . . . . . . . . . .100,000 cycles without load ∆T/R ) 10% ∆T/R = Total Resistance Change RVQ16YN Series Long Life 16mm Diameter, Single-Turn, Carbon Panel Controls TOCOS® P ANEL CONTROLS Features Long life 16mm diameter, single-turn industrial panel controls Carbon film element 100,000 cycle rotational life Single unit, single shaft Linear taper Metal shaft and bushing Suitable for automotive applications 3.2mm diameter metal shafts in slot, flat or round end styles Wide total resistance range of 1k Ω to 500kΩ Standard 10mm or 15mm shaft length Panel mount style Right angle ear-lug terminals Note: A long life panel control should only be used in a circuit as a potentiometer (3-terminal voltage divider ). 92 |
Similar Part No. - RVQ16YN10FB101K |
|
Similar Description - RVQ16YN10FB101K |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |