Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RVQ20N215SB500M Datasheet(PDF) 2 Page - TOCOSAMERICA, INC.

Part # RVQ20N215SB500M
Description  Long Life 20mm Diameter, Single-Turn, Carbon Panel Controls
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

RVQ20N215SB500M Datasheet(HTML) 2 Page - TOCOSAMERICA, INC.

  RVQ20N215SB500M Datasheet HTML 1Page - TOCOSAMERICA, INC. RVQ20N215SB500M Datasheet HTML 2Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
Part Numbering System
RV
20
502 M
N2
S
B
Q
15
Resistance Tolerance: M =
20% (standard).
Resistance Code: Expressed in ohms. A three digit code where the first
two digits are significant figures, and the third digit indicates the number
of zeros that follow these figures (i.e., 500 = 50
Ω; 501 = 500Ω; 502 = 5,000Ω;
503 = 50,000
Ω). See table for standard resistance values.
Resistance Taper: B = Linear.
Shaft End Style: S = Slotted (standard for 15mm or 20mm shaft length).
F = Flatted (special order for 20mm shaft length only).
Standard Shaft Length: 15 = 15 mm FMS.
20 = 20mm FMS.
Up to 30mm shaft length available (special order ).
Style: N2 = Panel Mount, Single Unit, Single Shaft, Right Angle Ear-Lug
Terminals.
Size: 20 = 20mm Diameter.
Rotational Life: Q = Long Life, 2,000,000 cycles.
TOCOS Series Name: RV = Carbon Film Element.
Dimensions
RVQ20N2 Series
RVQ20N2
Panel Mount, Single Unit, Single Shaft
Right Angle Ear-Lug Terminals
NOTE: FMS = From Mounting Surface
Recommended
Panel Mounting Holes
Unit: mm
97
Resistance (
Ω)
3,000
5,000
Code
302
502
Resistance (
Ω)
10,000
20,000
30,000
Code
103
203
303
Standard Nominal Total Resistance Values and Part Numbering Codes
Standard Resistance Values and Part Numbering Codes
Refer to Shaft End Styles Specifications and Hardware Specifications for details and availability.
For additional information, refer to Guidelines and Precautions for Using Panel Controls.


Similar Part No. - RVQ20N215SB500M

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
RVQ20N20FB100M TOCOS-RVQ20N20FB100M Datasheet
487Kb / 2P
   Long Life 20mm Diameter, Single-Turn, Carbon Panel Controls
RVQ20N20FB101M TOCOS-RVQ20N20FB101M Datasheet
487Kb / 2P
   Long Life 20mm Diameter, Single-Turn, Carbon Panel Controls
RVQ20N20FB102M TOCOS-RVQ20N20FB102M Datasheet
487Kb / 2P
   Long Life 20mm Diameter, Single-Turn, Carbon Panel Controls
RVQ20N20FB103M TOCOS-RVQ20N20FB103M Datasheet
487Kb / 2P
   Long Life 20mm Diameter, Single-Turn, Carbon Panel Controls
RVQ20N20FB104M TOCOS-RVQ20N20FB104M Datasheet
487Kb / 2P
   Long Life 20mm Diameter, Single-Turn, Carbon Panel Controls
More results

Similar Description - RVQ20N215SB500M

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
RVQ20N TOCOS-RVQ20N Datasheet
487Kb / 2P
   Long Life 20mm Diameter, Single-Turn, Carbon Panel Controls
RVQ12YN3 TOCOS-RVQ12YN3 Datasheet
503Kb / 2P
   Long Life 12mm Diameter, Single-Turn, Carbon Panel Controls
RVQ24YN03 TOCOS-RVQ24YN03 Datasheet
545Kb / 2P
   Long Life 24mm Diameter, Single-Turn, Carbon Panel Controls
RVQ103YN TOCOS-RVQ103YN Datasheet
439Kb / 2P
   Long Life 10mm Diameter, Single-Turn, Carbon Panel Controls
RVQ12YN TOCOS-RVQ12YN Datasheet
485Kb / 2P
   Long Life 12mm Diameter, Single-Turn, Carbon Panel Controls
RVQ16YN TOCOS-RVQ16YN Datasheet
544Kb / 2P
   Long Life 16mm Diameter, Single-Turn, Carbon Panel Controls
RV20 TOCOS-RV20 Datasheet
526Kb / 3P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV20N TOCOS-RV20N Datasheet
501Kb / 2P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV202 TOCOS-RV202 Datasheet
508Kb / 3P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV20N2 TOCOS-RV20N2 Datasheet
461Kb / 2P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com