Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJC097PK1B105K Datasheet(PDF) 2 Page - TOCOSAMERICA, INC.

Part # RJC097PK1B105K
Description  3/4?쇺? Rectilinear, 15-Turn, Through-Hole, Sealed Cermet Trimmers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

RJC097PK1B105K Datasheet(HTML) 2 Page - TOCOSAMERICA, INC.

  RJC097PK1B105K Datasheet HTML 1Page - TOCOSAMERICA, INC. RJC097PK1B105K Datasheet HTML 2Page - TOCOSAMERICA, INC. RJC097PK1B105K Datasheet HTML 3Page - TOCOSAMERICA, INC. RJC097PK1B105K Datasheet HTML 4Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
108
RJC097P
Single-Slot, Short Shaft, Side Adjust
RJC097PK
Short Shaft, Permanent Small Knob, Side Adjust
RJC097PK1
Single-Slot, Extended Shaft, Side Adjust,
Removable Large Knob (same knob as PK2)
The knob shipped with the PK1 is the same style and size as
the PK2 knob. With the knob attached, the dimensions and
weight of PK1 are the same as the PK2 model.
RJC097PK2
Extended Shaft, Permanent Large Knob, Side Adjust
Unit: mm
Unit: mm
Dimensions
RJC097 Series
18
4.7 0.3
1.5 0.2
19.0
0.5
0.5 0.2 (4)
12.7
0.3
5.1
0.3
3.5
0.3
0.6 0.1
(3)
0.4 0.1
(3)
6.4 0.4
0.3
0.2
Ø
2.8 0.2
5.0 1.0
4.7 0.3
0.6
0.1
2.5 0.3
0.3 0.1
4.7
0.3
#3
#2
#1
18
4.7 0.3
5.3
1.0
3.0
0.5
0.8
19.0
0.5
0.5 0.2 (4)
12.7
0.3
5.1
0.3
3.5
0.3
0.6 0.1
(3)
0.4 0.1
(3)
6.4 0.4
0.3
0.2
Ø
2.6
0.05
5.0 1.0
4.7 0.3
0.6
0.1
2.5 0.3
0.3 0.1
4.7
0.3
#3
#2
#1
18
4.7 0.3
2.6
19.0
0.5
0.5 0.2 (4)
12.7
0.3
5.1
0.3
3.5
0.3
0.6 0.1
(3)
0.4 0.1
(3)
6.4 0.4
0.3
0.2
Ø
4.7 0.2
5.0 1.0
4.7 0.3
0.6 0.1
0.3 0.1
2.5 0.3
0.3 0.1
4.7
0.3
#3
#2
#1
Ø
6.2 Ø6.7
18
4.7 0.3
12.0
0.5
2.0
1.0
19.0
0.5
0.5 0.2 (4)
12.7
0.3
5.1
0.3
3.5
0.3
0.6 0.1
(3)
0.4 0.1
(3)
6.4 0.4
0.3
0.2
Ø
3.7
5.0 1.0
4.7 0.3
2.5 0.3
0.3 0.1
Ø
8.8
0.3
Ø
4.0
#3
#2
#1
Recommended PCB Layout
Electrical Schematic
P, PK, PK1 & PK2 Pin-Out
#2
wiper
#3 cw
clockwise
ccw
#1
#3
#2
#1
2.5
5.0
Ø
1.0 max.
(3 holes)
12.7


Similar Part No. - RJC097PK1B105K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RJC097PK ETC-RJC097PK Datasheet
204Kb / 4P
   3/4 Rectilinear, 15-Turn, Through-Hole, Sealed Cermet Trimmers
More results

Similar Description - RJC097PK1B105K

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
RJC07R TOCOS-RJC07R Datasheet
153Kb / 3P
   3/4?쇺? Rectilinear, 13-Turn, Through-Hole, Sealed Cermet Trimmers
logo
List of Unclassifed Man...
RJC097 ETC-RJC097 Datasheet
204Kb / 4P
   3/4 Rectilinear, 15-Turn, Through-Hole, Sealed Cermet Trimmers
logo
TOCOSAMERICA, INC.
GF063 TOCOS-GF063 Datasheet
793Kb / 12P
   1/4?쇺? Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
GF063-K TOCOS-GF063-K Datasheet
520Kb / 9P
   1/4?쇺? Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
J9WB103K TOCOS-J9WB103K Datasheet
134Kb / 2P
   3/8??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
RJC06 TOCOS-RJC06 Datasheet
226Kb / 5P
   1/4??Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
GV6 TOCOS-GV6 Datasheet
298Kb / 5P
   1/4??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
RJC26 TOCOS-RJC26 Datasheet
161Kb / 3P
   1/4??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
logo
List of Unclassifed Man...
GF063-K ETC1-GF063-K Datasheet
833Kb / 9P
   1/4 SQUARE, SINGLE-TURN, THROUGH-HOLE SEALED CERMET TRIMMERS
logo
TOCOSAMERICA, INC.
GF04 TOCOS-GF04 Datasheet
198Kb / 4P
   4mm Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com