Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GFP201L15FB101K Datasheet(PDF) 1 Page - TOCOSAMERICA, INC.

Part # GFP201L15FB101K
Description  20mm Diameter, Single-Turn, Cermet Industrial Panel Controls
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

GFP201L15FB101K Datasheet(HTML) 1 Page - TOCOSAMERICA, INC.

  GFP201L15FB101K Datasheet HTML 1Page - TOCOSAMERICA, INC. GFP201L15FB101K Datasheet HTML 2Page - TOCOSAMERICA, INC. GFP201L15FB101K Datasheet HTML 3Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
78
Specifications
Electrical
Standard Resistance Range . . . . . . . . . . . . . 100
Ω to 1MΩ
Resistance Tolerance . . . . . . . . . . . . . . . . .
10% standard
End Resistance . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
Ω max.
Resistance Taper . . . . . . . . . . . . . . . . . . . . . . . . . . B = linear
Peak Noise (C.R.V.) . . . . . . . 3% or 5
Ω, whichever is greater
Power Rating . . . . . . . . . .1 watt at
70 C, 0 watt at
120 C
Maximum Input Voltage . . . . . . . . 350VDC or power rating,
whichever is smaller
Temperature Coefficient . . .
100 ppm / C, 200
Ω to 500kΩ
250 ppm / C, other values
Dielectric Strength . . . . . . . . . . . . . . . . 1,000VAC, 1 minute
Mechanical
Mechanical Travel . . . . . . . . . . . . . . . . . . . . . . . . . 260
10
Shaft Torque . . . . . . 50 to 300 gf cm (0.693 to 4.159 oz in)
Stop Strength . . . . . . . . . . . . . . 6 kgf cm (83.18 oz in) max.
Solderability . . . . . . . . . . . . . . . . . . . . . . . 235 C, 5 seconds
Marking . . . . . . . . . . . . . . . . . Model type, taper, resistance,
shaft type, terminal identification, date code
Environmental
Temperature Range . . . . . . . . . . . . . . . . .
10 Cto
125 C
Load Life . . . . . . . . . . . .
70 C, 1,000 hours with rated load
∆T/R ) 5%
Thermal Shock . . . . . . . . . . . . . . . . . . . . . .
10 C~ 120 C,
5 cycles without load
∆T/R ) 5%
Soldering Heat Resistance . . . . . . . . . . . 350 C, 3 seconds
∆T/R ) 2%
Rotational Life . . . . 15,000 cycles (500 cycles for shaft lock
models only) without load
∆T/R ) 5%
∆T/R = Total Resistance Change
GF201 Series
20mm Diameter, Single-Turn, Cermet Industrial Panel Controls
TOCOS®
P ANEL CONTROLS
Features
20mm diameter, single-turn industrial panel controls
Cermet film element
Single unit, single shaft
Excellent environmental characteristics
Wide temperature range of
10 C to
125 C
Metal shaft and bushing
Linear taper
Shaft lock available
Panel or PCB vertical mount
Rear exit lug or pin terminals
6mm diameter shafts in slot, flat or round end styles
Standard 15mm or 20mm shaft length
GFP201
GF201


Similar Part No. - GFP201L15FB101K

ManufacturerPart #DatasheetDescription
logo
Conquer Electronics Co....
GFP-A.200 CONQUER-GFP-A.200 Datasheet
209Kb / 1P
   5.2Ø x 20 mm
GFP-A.250 CONQUER-GFP-A.250 Datasheet
209Kb / 1P
   5.2Ø x 20 mm
GFP-A.300 CONQUER-GFP-A.300 Datasheet
209Kb / 1P
   5.2Ø x 20 mm
GFP-A.315 CONQUER-GFP-A.315 Datasheet
209Kb / 1P
   5.2Ø x 20 mm
GFP-A.350 CONQUER-GFP-A.350 Datasheet
209Kb / 1P
   5.2Ø x 20 mm
More results

Similar Description - GFP201L15FB101K

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
RV20 TOCOS-RV20 Datasheet
526Kb / 3P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV20N TOCOS-RV20N Datasheet
501Kb / 2P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV202 TOCOS-RV202 Datasheet
508Kb / 3P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV20N2 TOCOS-RV20N2 Datasheet
461Kb / 2P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RA20 TOCOS-RA20 Datasheet
516Kb / 4P
   20mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
GF281 TOCOS-GF281 Datasheet
636Kb / 3P
   28mm Diameter, Single-Turn, Cermet Industrial Panel Controls
GF16 TOCOS-GF16 Datasheet
585Kb / 4P
   16mm Diameter, Single-Turn, Cermet Industrial Panel Controls
RVQ20N2 TOCOS-RVQ20N2 Datasheet
575Kb / 2P
   Long Life 20mm Diameter, Single-Turn, Carbon Panel Controls
RVQ20N TOCOS-RVQ20N Datasheet
487Kb / 2P
   Long Life 20mm Diameter, Single-Turn, Carbon Panel Controls
RA25 TOCOS-RA25 Datasheet
552Kb / 4P
   25mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com